Part Number Hot Search : 
T54ACS M4S48HA 1N5518 FN3217 ER508 34012 S05A80PT 0M5KB
Product Description
Full Text Search
 

To Download DTC124ESATP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc124em / dtc124ee / dtc124eua / t r ansistor d t c 1 2 4 e k a / d t c 1 2 4 e s a rev . a 1/2 100ma / 50v digit a l transistors (with built-in resistors) dtc124em / dtc124ee / dtc124eua / dtc124eka / dtc124esa z a pplic a t ions inverter , interface, driver z f eatu r es 1) built-in bias resistors enable the configuration of an inverter circuit w i thout connecting external input resistors (see the equivalent circuit). 2) t he bias resistors consist of thin-film resistors w i th complete isolation to allow negative biasing of the input. t hey also have the advant age of almost completely eliminating p a rasitic ef fect s. 3) o n ly the on / of f conditions need to be set for operation, making the device design easy . z s t ru ctu r e npn epit a xial planar silicon transistor (resistor built-in ty pe) z packag in g sp ecificatio n s tl umt3 emt3 smt3 spt dtc124ee dtc124em type dtc124eua 3000 t2l vmt3 8000 t106 3000 t146 3000 tp 5000 dtc124eka dtc124esa ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? package packaging type taping taping taping taping taping code basic ordering unit (pieces) z ex te rna l dime ns ions (unit : mm) abbreviated symbol : 25 abbreviated symbol : 25 abbreviated symbol : 25 abbreviated symbol : c124es abbreviated symbol : 25 (1) in (2) gnd (3) out rohm : vmt3 dtc124em (1) gnd (2) in (3) out rohm : emt3 dtc124ee (3) 0.32 0.8 1.2 0.13 0.5 0.22 0.4 0.4 1.2 0.8 0.2 0.2 ( 2 ) ( 1 ) 1.6 0.7 0.15 0.1min. 0.55 0.2 1.6 1.0 0.3 0.8 ( 2 ) 0.5 0.5 ( 3 ) 0.2 ( 1 ) 0.2 0.15 0.1min. 0.9 0.7 1.25 2.1 0.3 ( 3 ) 0.65 ( 2 ) 2.0 1.3 ( 1 ) 0.65 (1) gnd (2) out (3) in rohm : spt eiaj : sc-72 dtc124esa (1) gnd (2) in (3) out rohm : smt3 eiaj : sc-59 dtc124eka (1) gnd (2) in (3) out rohm : umt3 eiaj : sc-70 dtc124eua ( 2 ) ( 1 ) 2.8 1.6 0.4 ( 3 ) 2.9 1.9 0.95 0.95 0.8 0.15 0.3min. 1.1 0.45 2.5 (1) (2) (3) (15min.) 5.0 3.0 3min. 0.45 0.5 4.0 2.0 z equiv a le nt c i rc uit r 1 r 2 in gnd out in gnd out r 1 =r 2 =22k ?
dtc124em / dtc124ee / dtc124eua / t r ansistor d t c 1 2 4 e k a / d t c 1 2 4 e s a rev . a 2/2 z a b so lu te maximu m ratin g s (t a= 25 c) limits parameter symbol v cc 150 200 300 50 ? 10 to + 40 30 100 150 ? 55 to + 150 dtc124ee dtc124em dtc124eua dtc124eka dtc124esa v v ma mw c c v in i o i c(max.) pd tj tstg unit supply voltage input voltage output current power dissipation junction temperature storage temperature z electrical ch aracteristics (t a= 25 c) parameter symbol v i(off) v i(on) v o(on) i i i o(off) r 1 g i r 2 /r 1 f t min. ? 3 ? ? ? 15.4 56 0.8 ?? ? ?? 0.1 ? ? 22 ? 1 250 0.5 0.3 0.36 0.5 28.6 ? 1.2 v v cc = 5v, i o = 100 a v o = 0.2v, i o = 5ma i o /i i = 10ma/0.5ma v i = 5v v cc = 50v, v i = 0v v o = 5v, i o = 5ma v ce = 10v, i e =? 5ma, f = 100mhz ? v ma a k ? ? ?? ? mhz typ. max. unit conditions input voltage output voltage input current output current input resistance dc current gain resistance ratio transition frequency ? characteristics of built-in transistor z electrical ch aracteristic cu rv es input voltage : v i(on) (v) output current : i o (a) 100 200 500 1m 2m 5m 10m 20m 50m 100m 100 50 20 10 5 2 1 500m 200m 100m v o = 0.2v ta =? 40 c 25 c 100 c fig.1 input voltage vs. output curren t (on characteristics) input voltage : v i(off) (v) output current : io (a) 03 .0 10m 1 2m 5m 1m 200 500 100 20 50 10 2 5 0.5 1.0 1.5 2.0 2.5 v cc = 5v ta = 100 c 25 c ? 40 c fig.2 output current vs. input voltag e (off characteristics) output current : i o (a) dc current gain : g i v o = 5v 1k 500 200 100 50 20 10 5 2 1 100 200 500 1m 2m 5m 10m 20m 50m 100m ta = 100 c 25 c ? 40 c fig.3 dc current gain vs. output current output current : i o (a) output voltage : v o(on) (v) 100 200 500 1m 2m 5m 10m 20m 50m 100m 1 500m 200m 100m 50m 20m 10m 5m 2m 1m l o /l i = 20 ta = 100 c 25 c ? 40 c fig.4 output voltage vs. output current
appendix appendix1-rev1.1 the products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. notes no technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of rohm co.,ltd. the contents described herein are subject to change without notice. the specifications for the product described in this document are for reference only. upon actual use, therefore, please request that specifications to be separately delivered. application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. rohm co.,ltd. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by rohm co., ltd. is granted to any such buyer. products listed in this document are no antiradiation design. about export control order in japan products described herein are the objects of controlled goods in annex 1 (item 16) of export trade control order in japan. in case of export from japan, please confirm if it applies to "objective" criteria or an "informed" (by miti clause) on the basis of "catch all controls for non-proliferation of weapons of mass destruction.


▲Up To Search▲   

 
Price & Availability of DTC124ESATP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X