Part Number Hot Search : 
BD340S AP3700M TA8428F P9NK60 ON0323 4568D C244D MB86292
Product Description
Full Text Search
 

To Download DTC124EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc124e series npn 100ma 50v digital transistors (bias resistor built-in transistors) l outline l features 1) built-in biasing resistors, r 1 = r 2 = 22k w . 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit). 3) the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of completely eliminating parasitic effects. 4) only the on/off conditions need to be set for operation, making the circuit design easy. 5) complementary pnp types :dta124e series 6) complex transistors :emh1 /umh1n /imh1a l inner circuit umh5n /imh5a npn type 7) lead free/rohs compliant. l application switching circuit, inverter circuit, interface circuit, driver circuit l packaging specifications r 1 22k w r 2 22k w parameter value v cc 50v i c(max.) 100ma part no. package package size (mm) taping code tape width (mm) basic ordering unit (pcs) marking dtc124em vmt3 1212 t2l 180 8 8,000 reel size (mm) 25 DTC124EEb emt3f 1616 tl 180 8 3,000 25 3,000 25 8 3,000 25 8 DTC124EE emt3 1616 tl 180 dtc124eub umt3f 2021 tl 180 3,000 25 dtc124eka smt3 2928 t146 180 8 3,000 25 dtc124eua umt3 2021 t106 180 8 vmt3 emt3f emt3 umt3f umt3 smt3 dtc124em (sc - 105aa) out in gnd out in gnd dtc124eub (sc - 85) DTC124EE sot - 416 (sc - 75a) dtc124eka sot - 346 (sc - 59) dtc124eua sot - 323 (sc - 70) DTC124EEb (sc - 89) out in gnd out in gnd out in gnd out in gnd 1/10 2012.04 - rev.a dat asheet www.rohm.com ? 2012 rohm co., ltd. all rights reserved.
dtc124e series l absolute maximum ratings (ta = 25 ? c) supply voltage input voltage output current collector current power dissipation junction temperature range of storage temperature l electrical characteristics (ta = 25 ? c) *1 characteristics of built-in transistor *2 each terminal mounted on a reference footprint parameter symbol values unit v cc 50 v v in - 10 to + 40 v i o 30 ma i c(max.) *1 100 ma dtc124em DTC124EEb DTC124EE p d *2 150 mw dtc124eub dtc124eua dtc124eka 200 mw t j 150 ? c t stg - 55 to + 150 ? c parameter symbol conditions unit min. typ. max. input voltage v i(off) v cc = 5v, i o = 100a - - v v i(on) v o = 0.2v, i o = 5ma 3 - - 0.5 v input current i i v i = 5v - - 0.36 ma output voltage v o(on) i o / i i = 10ma / 0.5ma - 0.1 0.3 m a dc current gain g i v o = 5v, i o = 5ma 56 - - - output current i o(off) v cc = 50v, v i = 0v - - 0.5 k w resistance ratio r 2 /r 1 - 0.8 1 1.2 - input resistance r 1 - 15.4 22 28.6 mhz transition frequency f t *1 v ce = 10v, i e = - 5ma, f = 100mhz - 250 - 2/10 2012.04 - rev.a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet
dtc124e series l electrical characteristic curves (ta = 25c) fig.1 input voltage vs. output current (on characteristics) input voltage : v i(on) [v] output current : i o [a] fig.2 output current vs. input voltage (off characteristics) output current : i o [a] input voltage : v i(off) [v] fig.3 output current vs. output voltage output current : i o [ma ] output voltage : v o [v] fig.4 dc current gain vs. output current dc current gain : g i output current : i o [a] 0 10 20 30 0 5 10 0a 70a 80a 100a 110a 120a 130a 90a i i = ta=25oc 60a 50a 140a 150a 3/10 2012.04 - rev.a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet
dtc124e series l electrical characteristic curves (ta = 25c) fig.5 output voltage vs. output current output voltage : v o(on) [v] output current : i o [a] 4/10 2012.04 - rev.a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet
dtc124e series l dimensions (unit : mm) dimension in mm/inches vmt3 patterm of terminal position areas 5/10 2012.04 - rev.a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet b1 d e b e h x s a a c l lp a1 a s e1 l1 b2 b3 l1 e min max min max a 0.45 0.55 0.018 0.022 a1 0.00 0.10 0 0.004 b 0.17 0.27 0.007 0.011 b1 0.27 0.37 0.011 0.015 c 0.08 0.18 0.003 0.007 d 1.10 1.30 0.043 0.051 e 0.70 0.90 0.028 0.035 e h e 1.10 1.30 0.043 0.051 l 0.10 0.30 0.004 - lp 0.20 0.40 0.008 - x - 0.10 - 0.004 min max min max e1 b2 - 0.37 - 0.015 b3 - 0.47 - 0.019 l1 - 0.50 - 0.02 dim milimeters inches 0.80 0.03 dim milimeters inches 0.40 0.02
dtc124e series l dimensions (unit : mm) dimension in mm/inches emt3f patterm of terminal position areas 6/10 2012.04 - rev.a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet d e e e h a b x s a l c lp a2 a1 s e1 e b2 l1 a min max min max a 0.65 0.85 a1 0.00 0.10 0 0.004 a2 0.60 0.80 0.024 0.031 b 0.21 0.36 0.008 0.014 c 0.08 0.18 0.003 0.007 d 1.50 1.70 0.059 0.067 e 0.76 0.96 0.03 0.038 e h e 1.50 1.70 0.059 0.067 l lp 0.35 0.55 0.014 0.022 x - 0.10 - 0.004 min max min max e1 - 1.05 - 0.041 b2 - 0.46 - 0.018 l1 - 0.65 - 0.026 dim 0.50 0.02 0.37 0.015 milimeters inches dim milimeters inches
dtc124e series l dimensions (unit : mm) dimension in mm/inches emt3 patterm of terminal position areas 7/10 2012.04 - rev.a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet b1 d e b e h e x s a a c q a3 l1 lp a1 a s e1 l1 l1 b3 e b2 min max min max a 0.60 0.80 0.024 0.031 a1 0.00 0.10 0 0.004 a3 b 0.15 0.30 0.006 0.012 b1 0.25 0.40 0.01 0.016 c 0.10 0.20 0.004 0.008 d 1.50 1.70 0.059 0.067 e 0.70 0.90 0.028 0.035 e h e 1.40 1.80 0.055 0.071 l1 0.10 - 0.004 - lp 0.15 - 0.006 - q 0.05 0.25 0.002 0.01 x - 0.10 - 0.004 min max min max e1 b2 - 0.40 - 0.016 b3 - 0.50 - 0.02 l1 - 0.70 - 0.028 0.25 0.01 dim milimeters inches 1.10 0.04 dim milimeters inches 0.50 0.02
dtc124e series l dimensions (unit : mm) dimension in mm/inches umt3f patterm of terminal position areas 8/10 2012.04 - rev.a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet d e h b e x s a c l lp a1 a2 s e1 e l1 b2 e a a min max min max a 0.85 1.05 0.033 0.041 a1 0.00 0.10 0 0.004 a2 0.80 1.00 0.031 0.039 b 0.27 0.42 0.011 0.017 c 0.08 0.18 0.003 0.007 d 1.90 2.10 0.075 0.083 e 1.15 1.35 0.045 0.053 e h e 2.00 2.20 0.079 0.087 l lp 0.43 0.63 0.017 0.025 x - 0.10 - 0.004 min max min max e1 b2 - 0.52 - 0.02 l1 - 0.83 - 0.033 inches 0.65 0.03 0.02 dim milimeters 0.425 dim milimeters inches 1.47 0.058
dtc124e series l dimensions (unit : mm) dimension in mm/inches umt3 patterm of terminal position areas 9/10 2012.04 - rev.a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet e x s a a e d b c q a3 l1 lp a1 b2 l1 a s e h e e1 min max min max a 0.80 1.00 0.031 0.039 a1 0.00 0.10 0 0.004 a3 b 0.15 0.30 0.006 0.012 c 0.10 0.20 0.004 0.008 d 1.90 2.10 0.075 0.083 e 1.15 1.35 0.045 0.053 e h e 2.00 2.20 0.079 0.087 l1 0.20 0.50 0.008 0.02 lp 0.25 0.55 0.01 0.022 q 0.10 0.30 0.004 0.012 x - 0.10 - 0.004 min max min max e1 b2 - 0.50 - 0.02 l1 - 0.65 - 0.026 0.25 0.01 dim milimeters inches 1.55 0.06 dim milimeters inches 0.65 0.03
dtc124e series l dimensions (unit : mm) dimension in mm/inches smt3 patterm of terminal position areas 10/10 2012.04 - rev.a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. data sheet e d e b x s a a c q a3 l1 lp a1 a s e h b2 l1 e e1 min max min max a 1.00 1.30 - 0.051 a1 0.00 0.10 0 0.004 a3 b 0.35 0.50 0.014 0.02 c 0.09 0.25 0.004 0.01 d 2.80 3.00 0.11 0.118 e 1.50 1.80 0.059 0.071 e h e 2.60 3.00 0.102 0.118 l1 0.30 0.60 0.012 0.024 lp 0.40 0.70 0.016 0.028 q 0.20 0.30 0.008 0.012 x - 0.10 - 0.004 y - 0.10 - 0.004 min max min max e1 b2 0.60 - 0.024 l1 - 0.90 - 0.035 0.25 0.01 dim milimeters inches 2.10 0.08 dim milimeters inches 0.95 0.04
r1120a www.rohm.com ? 2012 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specified herein is subject to change for improvement without notice. the content specified herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specifications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when design ing circuits for mass production. great care was taken in ensuring the accuracy of the information specified in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the produc ts. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specified in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any product, such as derating, redundancy, fire control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specified herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of DTC124EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X