Part Number Hot Search : 
C16C55 160NDD 68HC90 EM78459 6F15TR MHR14FGJ 6F15TR MF80G
Product Description
Full Text Search
 

To Download DMN2004K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4. detail go to our website at www.twtysemi.com DMN2004K characteristic symbol value units drain-source voltage v dss 20 v gate-source voltage v gss 8 v drain current (note 1) steady state t a = 25  c t a = 85  c i d 540 390 ma pulsed drain current (note 3) i dm 1.5 a total power dissipation (note 1) p d 350 mw thermal resistance, junction to ambient r  ja 357 c/w operating and storage temperature range t j ,t stg -65 to +150 c note: 1. device mounted on fr-4 pcb. 2. no purposefully added lead. 3. pulse width  10  s, duty cycle  1%. mechanical data a e j l top view m b c h g d k d g s source e q uivalent circuit gate protection diode gate d ra i n advanced information  case: sot-23  case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: finish  matte tin annealed over alloy 42 leadframe. solderable per mil-std-202, method 208  terminal connections: see diagram  weight: 0.008 grams (approximate)  low on-resistance: r ds(on)  low gate threshold voltage  low input capacitance  fast switching speed  low input/output leakage  lead free by design/rohs compliant (note 2)  esd protected up to 2kv  "green" device (note 4)  qualified to aec-q101 standards for high reliability features maximum ratings @ t a = 25c unless otherwise specified sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180  0  8  all dimensions in mm new product esd protected up to 2kv smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 1 of 1 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of DMN2004K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X