Part Number Hot Search : 
MC3372P RF201 1N5093 3DD102E TIP140T GLZ13B MJD31C 72102
Product Description
Full Text Search
 

To Download DMN2004K-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  drain current steady total power dissipation pulsed drain current "green" device lead free by design/rohs compliant dmn2004k characteristic symbol value units drain-source voltage v dss 20 v gate-source voltage v gss 8 v state t a = 25  c t a = 85  c i d 540 390 ma i dm 1.5 a p d 350 mw thermal resistance, junction to ambient r  ja 357 c/w operating and storage temperature range t j ,t stg -65 to +150 c mechanical data a e j l top view m b c h g d k d g s source e q uivalent circuit gate protection diode gate d ra i n advanced information  case: sot-23  case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: finish  matte tin annealed over alloy 42 leadframe. solderable per mil-std-202, method 208  terminal connections: see diagram  weight: 0.008 grams (approximate)  low on-resistance: r ds(on)  low gate threshold voltage  low input capacitance  fast switching speed  low input/output leakage   esd protected up to 2kv   qualified to aec-q101 standards for high reliability features maximum ratings @ t a = 25c unless otherwise specified sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180  0  8  all dimensions in mm new product esd protected up to 2kv 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 1 of 1 smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification


▲Up To Search▲   

 
Price & Availability of DMN2004K-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X