Part Number Hot Search : 
00TT4 2SC488 UF4003S SSP3N90 B14NK60Z UF4003S HCT04 UF4003S
Product Description
Full Text Search
 

To Download CN8050NPN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon planar epitaxial transistors cn8050 npn cn8550 pnp to-92 plastic package absolute maximum ratings description symbol units collector emitter voltage v ceo v collector base voltage v cbo v emitter base voltage v ebo v collector current i c ma peak collector current i cm a base current i b ma power dissipation@ t a =25oc *p tot mw junction temperature t j oc storage temperature range t stg oc thermal resistance junction to ambient in free air *r th (j-a) k/w * valid provided that leads are kept at ambient temperature at a distance of 2mm from case. electrical characteristics (t a =25oc unless otherwise specified) description symbol test condition min typ max units collector emitter voltage v ceo i c =2ma, i b =0 25 v collector base voltage v cbo i c =10 m a, i e =0 40 v emitter base voltage v ebo i e =100 m a, i c =0 6 v dc current gain h fe v ce =1v, i c =5ma 45 v ce =1v, i c =100ma 120 300 cn8050c/cn8550c 120 200 cn8050d/cn8550d 160 300 v ce =1v, i c =350ma 60 collector cut off current i cbo v cb =35v, i e = 0 100 na emitter cut off current i ebo v be =3v, i c = 0 100 na collector emitter saturation voltage v ce(sat) i c =500ma, i b =50ma 0.5 v base emitter saturation voltage v be(sat) i c =500ma, i b =50ma 1.2 v gain bandwidth product f t i c =10ma, v ce =5v, f=50mhz 100 mhz collector base capacitance c cbo v cb =10v, f=1mhz pnp 35 pf npn 20 pf value 25 40 6.0 800 1.0 100 625 150 - 55 to +150 200 e b c continental device india limited data sheet page 1 of 3 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
cn8050 npn cn8550 pnp to-92 plastic package to-92 plastic package to-92 transistors on tape and ammo pack to-92 bulk to-92 t&a 1k/polybag 2k/ammo box 200 gm/1k pcs 645 gm/2k pcs 3" x 7.5" x 7.5" 12.5" x 8" x 1.8" 5k 2k 17" x 15" x 13.5" 17" x 15" x 13.5" 80k 32k 23 kgs 12.5 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail all diminsions in mm. dim min. max. a 4.32 5.33 b 4.45 5.20 c 3.18 4.19 d 0.41 0.55 e 0.35 0.50 f 5 deg g 1.14 1.40 h 1.14 1.53 2.082 k l 12.70 1.982 ? pin configuration 1. collector 2. base 3. emitter 1 2 3 e sec aa d b a l s o l d e r a b i l i t y e n s u r e d d i m e n s i o n w i t h ' l ' u n c o n t r o l l e d b e y o n d ' l ' k d a a g 1 2 3 f f h c 3 2 1 mechanical data t a a1 p (p) c1 c2 w2 do f2 f p2 po f1 w1 wo w h1 h2 h3 l t1 t ho h1 h1 h h item symbol specification pull - out force (p) 6n min. nom. body width a1 4.0 4.8 body height a 4.8 5.2 body thickness t 3.9 4.2 at top of body component alignment side view h 0 1.0 at top of body component alignment front view h1 0 1.3 component height h1 23.25 length of snipped leads l 11.0 t1 0.3-0.6 total tape thickness t 1.2 clinch height h3 3.0 lead parallelism | c1 - c2 | 0.22 max. pitch of component p 12.7 1.0 cumulative pitch error 1.0 mm/20 pitch feed hole pitch po 12.7 0.3 feed hole centre to to be measured at bottom of clinch component centre p2 6.35 0.4 distance between outer leads f 5.08 + 0.6 - 0.2 tape width w 18 0.5 hold-down tape width wo 6 0.2 hole position w1 9 + 0.7 - 0.5 hold-down tape position w2 0.5 0.2 lead wire clinch height ho 16 0.5 feed hole diameter do 4 0.2 lead - to - lead distance f1, f2 2.54 + 0.4 stand off h2 0.45 1.45 tol . remarks notes 1. maximum alignment deviation between leads will not to be greater than 0.2mm. 2. maximum non-cumulative variation between tape feed holes shall not exceed 1 mm in 20 pitches. 3. holddown tape will not exceed beyond the edge(s) of carrier tape and there shall be no exposure of adhesive. 4. there will be no more than three (3) consecutive missing components in a tape. 5. a tape trailer, having at least three feed holes are provided after the last component in a tape. 6. splices should not inter fere with the sprocket feed holes. - 0.1 adhesive tape on top side flat side flat side of transistor and adhesive tape visible 2000 pcs./ammo pack label carrier strip 186 (7.3") 3 3 2 ( 1 3 " ) f e e d 4 3 ( 1 . 7 " ) ammo pack style all dimensions in mm continental device india limited data sheet page 2 of 3
notes cn8050 npn cn8550 pnp to-92 plastic package cn8050_8550rev020502e disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 5141 1112 fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 3 of 3


▲Up To Search▲   

 
Price & Availability of CN8050NPN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X