Part Number Hot Search : 
EPA1065 TF256TH MPSA76 OBC1527A CM502 D74LVC P6KE120C IFR801
Product Description
Full Text Search
 

To Download CJMNT32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dfnwb2 2-6l-u power management transistors- mosfet CJMNT32 pnp power transist or with n-mosfet descriptions the CJMNT32 is pnp bipolar power transistor with 20v n-mosfet.this device is suitable for use in charging circuit and other power management. feature z ultra low collector-to-emitter saturation voltage z high dc current gain z small package dfnwb2 2-6l-u application z charging circuit z other power management in portable equipment marking 32 absolute maximum ratings (t a =25 unless otherwise noted) symbol parameter value unit pnp transistor v cbo c ollector-base voltage -32 v v ceo collector-emitter voltage -32 v v ebo emitter-base voltage -6 v i c collector current-continuous(note1) -1.5 a collector current-continuous(note2) -0.6 a i cm collector current-pulse(note3) -4 a n-mosfet v ds drain-source voltage 20 v v gs gate-source voltage 5 v i d continuous drain current (note 1) 0.8 a collector current-continuous(note2) 0.69 a i dm collector current-pulse(note3) 1.4 a dfnwb2 2-6l-u 1.emitter 2.base 3.drain 4.source 5.gate 6.collector 12 b e c 6 g s d 3 4 5 c d 1 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification a-3,jan,2014
temperature and thermal resistance r ja thermal resistance from junction to ambient (note 2) 178.6 /w t j junction temperature 150 t stg storage temperature -55~+150 t l lead temperature for soldering purposes(1/8?? from case for 10 s) 260 electrical characteristics(t a =25 unless otherwise noted) parameter symbol test condition min typ max unit pnp transistor collector-base breakdown voltage v (br)cbo i c =-1ma,i e =0 -32 v collector-emitter breakdown v (br)ceo i c =-10ma,i b =0 -32 v emitter-base breakdown voltage v (br)ebo i e =-100ua,i c =0 -6 v collector cut-off current i cbo v cb =-30v,i e =0 -0.1 ua emitter cut-off current i ebo v eb =-5v,i c =0 -0.1 ua dc current gain h fe v ce =-2v,i c =-0.5a 100 300 collecor-emitter saturation voltage v ce(sat) i c =-0.5a,i b =-50ma -0.35 v base-emitter satura tion voltage v be(sat) i c =-0.5a,i b =-50ma -1.5 v base-emitter voltage v be(on) v ce =-2v,i c =-500ma -1.1 v n-mosfet static parameters drain-source breakdown voltage v (br)dss v gs = 0v, i d =250a 20 v zero gate voltage drain current i dss v ds =16v,v gs = 0v 100 na gate-body leakage current i gss v gs =5v, v ds = 0v 1 ua gate threshold voltage (note 3) v gs(th) v ds =v gs , i d =250a 0.44 1.1 v drain-source on-resistance (note 3) r ds(on) v gs =4.5v, i d =0.55a 600 m ? v gs =2.5v, i d =0.5a 650 m ? v gs =1.8v, i d =0.35a 700 m ? diode forward voltage (note 3) v sd i s =0.35a, v gs = 0v 0.5 1.1 v dynamic parameters (note 4) input capacitance c iss v ds =10v,v gs =0v,f =100khz 61 pf output capacitance c oss 17 pf reverse transfer capacitance c rss 10 pf switching parameters (note 4) turn-on delay time t d(on) v gen =4.5v,v dd =10v, i d =500ma,r gen =6 ? r l =10 33 ns turn-on rise time t r 102 ns turn-off delay time t d(off) 790 ns turn-off fall time t f 439 ns total gate charge q g v ds =10v,v gs =4.5v i d =0.6a 1.15 nc gate-source chage q gs 0.15 nc gage-drain charge q gd 0.23 nc notes : 1.surface mounted on fr4 board using 1 square inch pad size,1oz copper. 2.surface mounted on fr4 board using the minimum pad size,1oz copper. 3. pulse test : pulse width=300 s, duty cycle 2%. 4. these parameters have no way to verify. 2 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification a-3,jan,2014
-1 -10 -100 -1000 -1 -10 -100 -1000 -1 -10 -100 -1000 -100 -1000 -0.0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -0.00 -0.05 -0.10 -0.15 -0.20 -0.25 -0.30 -0.35 -0.40 -0.45 -0.50 -0.55 -0.60 -200 -400 -600 -800 -1000 -1200 -1 -10 -100 -1000 -1 -10 -100 -1000 10 100 1000 -0.1 -1 -10 1 10 100 -1 -10 -100 10 100 1000 CJMNT32 -1500 t a =100 t a =25 =10 i c v cesat ?? collector-emitter saturation voltage v cesat (mv) collector current i c (ma) pnp transistor 30 300 -300 i c v besat ?? t a =25 t a =100 base-emitter saturation voltage v besat (mv) -1500 =10 collector current i c (ma) -2000 -3.6ma -3.2ma -2.8ma common emitter t a =25 collector current i c (a) collector-emitter voltage v ce (v) static characteristic -4ma -2.4ma -2ma -1.6ma -1.2ma -800ua i b =-400ua i c v be ?? t a =100 t a =25 v ce =-2v collcetor current i c (ma) base-emmiter voltage v be (mv) -1500 dc current gain h fe collector current i c (ma) t a =100 t a =25 v ce =-2v i c h fe ?? c ob c ib v cb / v eb c ob / c ib ?? reverse voltage v (v) capacitance c (pf) f=1mhz i e =0/i c =0 t a =25 -20 -3 -30 -300 -300 -300 -3 -3 -30 -30 -300 -3 -30 30 3 -3 -0.3 300 30 -30 i c f t ?? v ce =-10v t a =25 transition frequency f t (mhz) collector current i c (ma) -3 3 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification a-3,jan,2014
0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 1 2 3 4 5 12345 200 300 400 500 200 400 600 800 0 100 200 300 400 500 600 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 100 200 300 400 500 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.1 1 10 100 25 50 75 100 125 0.60 0.65 0.70 0.75 0.80 0.85 100 2.5v 5.5v 4.5v 3.5v drain current i d (a) drain to source voltage v ds (v) t a =25 pulsed v gs =1.5v gate to source voltage v gs (v) on-resistance r ds(on) (m ? ) i d =600ma t a =25 pulsed v gs ?? r ds(on) v gs =1.8v t a =25 pulsed v gs =4.5v v gs =2.5v on-resistance r ds(on) (m ? ) drain current i d (ma) i d ?? r ds(on) CJMNT32 drain current i d (ma) gate to source voltage v gs (v) v ds =16v pulsed t a =100 t a =25 transfer characteristics n-ch mos t a =100 pulsed source current i s (ma) source to drain voltage v sd (v) t a =25 pulsed v sd i s ?? 500 output characteristics threshold voltage v th (v) junction temperature t j ( ) i d =250ua threshold voltage 4 of 4 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification a-3,jan,2014


▲Up To Search▲   

 
Price & Availability of CJMNT32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X