Part Number Hot Search : 
NTE2415 LV100 DGGWQ SAM3U C100LV ZMM5250 ECCM9 ACVF10
Product Description
Full Text Search
 

To Download C4500F258SV120RFHC2010MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vectron international www.vectron.com v. 2006 - 11 - 10 page 1 of 5 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax c4500 ocxo typical applications features base stations surface mount package optional test equipment reflow process compatible optional synthesizers at - cut and sc - cut crystal options digital switching low profile compact package previous vectron model numbers oco50, oco1000, mc4004x4 frequency range 6 mhz ? 6 0 mhz standard frequencies 8.192; 10; 12, 12.8; 16.384;20; 32.768 ; 38.88 mhz frequency stabilities 1 [at cut crystal ? standard] parameter min typ max. units operating temp range ordering code vs. o perating temperature range - 50 +50 ppb - 2 0 ? +70c d 508 (referenced to +25 c) - 1 00 + 1 00 ppb - 20 ? +70c d 1 07 - 1 00 + 1 00 ppb - 40 ? +85c f 1 07 parameter min typ max. units condition initial tolerance vs. supply voltage change vs. load change vs. aging / day vs. aging / year - 5 00 - 10 - 10 - 5 .0 - 250 + 5 00 +10 +10 + 5 .0 +250 ppb ppb ppb ppb ppb at time of shipment, nominal efc v s 5% load 5% after 3 0 days of operation after 3 0 day s of operation warm - up time 3 minutes to 100ppb of fi nal frequency (1 hour reading) @ +25c frequency stabilities 1 [sc cut crystal ? option] parameter min typ max. units operating temp range ordering code vs. operating temperature range - 10 +10 ppb - 2 0 ? +70c d 108 (referenced to +25 c) - 20 +20 ppb - 20 ? +70c d208 - 20 +20 ppb - 40 ? + 85 c f 258 parameter min typ max. units condition initial tolerance vs. supply voltage change vs. load change vs. aging / day vs aging / y ear - 2 00 - 2.0 - 5.0 - 1.0 - 75 + 2 00 +2.0 +5.0 +1.0 + 75 ppb ppb ppb ppb ppb at time of shipment, nominal efc v s 5% load 5% after 3 0 day s of operation after 3 0 days of operation warm - up time 3 minutes to 10ppb of final frequency (1 hour reading) @ +25c supply voltage (vs) parameter min typ max. units condi tion ordering code supply voltage [standard] 4.75 5 5.25 vdc sv050 supply voltage [option] 11.4 12.0 12.6 vdc sv120 supply voltage [option] 3.135 3.3 3.465 vdc sv033 power consumption 3.0 watts during warm - up 1.0 watts steady state @ +25c
vectron international www.vectron.com v. 2006 - 11 - 10 page 2 of 5 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax c4500 ocxo rf output parameter min typ max. units condition ordering code signal [standard] hcmos rfh load 15 pf signal level (vol) 0.5 vdc with vs=12.0v or 5.0v and 15pf load 0.3 vdc with vs=3.3v and 15pf load signal level (voh) 4.5 vdc with vs= 12.0v or 5.0v and 15pf load 3.0 vdc with vs=3.3v and 15pf load duty cycle 45 55 % @ (voh - vol)/2 signal [option] sinewave rfs load 50 output power @3,3v supply volt. 2 5 8 dbm 50 ohm load harmonics power@5v 5 8 - 30 11 dbc dbm 50 ohm load 50 ohm load frequency tuning (efc) parameter min typ max. units condition ordering code 5 tuning range fixed ocxo; no adjust 0 tuning range 1.0 1 .75 2 .5 ppm with sc cut crystal 1 3 .0 5 .0 8 ppm with at cut crystal 1 linearity 5 % tuning slope positive control voltage range 0.0 2.0 4.0 vdc with vs=5.0vdc 0.0 2.0 4.0 vdc with vs=12vdc 0.0 1.4 2.8 vdc with vs=3.3vdc referenc e voltage output (vref) parameter min typ max. units condition reference voltage 3.92 4.0 4.08 vdc with vs=5.0vdc 4.9 5.0 5.1 vdc with vs=12vdc 2.75 2.8 2.85 vdc with vs=3.3vdc additional parameters parameter min typ max. units condition phase n oise 3 - 90 dbc/hz 1 hz with 10 mhz sc cut - 120 dbc/hz 10 hz - 140 dbc/hz 100 hz - 145 dbc/hz 1 khz - 150 dbc/hz 10 khz phase noise 3 - 75 dbc/hz 1 hz with 10 mhz at cut - 105 dbc/hz 10 hz - 130 dbc/hz 100 hz - 140 dbc/hz 1 k hz - 150 dbc/hz 10 khz weight 14 g processing & packing handling & processing note absolute maximum ratings
vectron international www.vectron.com v. 2006 - 11 - 10 page 3 of 5 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax c4500 ocxo parameter min typ max. units condition supply voltage (vs) 7.0 v with vs=5.0vdc 15.0 v with vs=12vdc 7.0 v with vs=3 .3vdc output load 50 pf operable temperature range - 55 +85 c storage temperature range - 55 +125 c enclosures type a type b type c package codes: code height ?h? pin length ?l? code height ?h? pin length ?l? code height ?h? pin length ? l? a1 1 0 .5 4.5 min. b1 12.7 na c1 1 1 . 3 na c2 15.0 na dimensions: mm dimensions: imm dimensions: mm 5 - pin version available, without pin 5 & 6 pin connections pin connections pin connections 1 supply voltage input (vs) 1 supply voltage input (vs) 1 electronic frequency control input (efc) 2 rf output 2 rf output 2 reference voltage output 3 ground (case) 3 ground (case) 3 supply voltage input (vs) 4 electronic frequency control input (efc) 4 electr onic frequency control input (efc) 4 rf output 5 n.c. or reference voltage output 5 n/c* 5 n/c* 6 rf output enable (option) 6 n.c. or rf output enable (option) version with 7 pins available see type b 7 reference voltage output 7 ground (case) * pin 5 must be remain unconnected. *pin 5 must be remain unconnected. *pin 5 must be remain unconnected.
vectron international www.vectron.com v. 2006 - 11 - 10 page 4 of 5 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax c4500 ocxo standard shipping method *bei w 24 mm nur untere lochreihe * by w 24 mm only lower hole line gurtoberseite tape upper side gurtunterseite tape buttom side abwickelrichtung unwinding direction lage im gurt position in tape pin 1 a x p b k production tolerance complying din iec 286 - 3 enclosure type tape width w [mm] qu antity per meter quantity per reel dimension p type b and c 44 37.5 280 32 recommended reflow profile profile feature pb - free assembly /sn - pb assembly profile feature pb - free assembly /sn - pb assembly average r amp - up rate (t l to tp) 3c/second max. time 25c to peak temperature 8 minutes max. preheat - temperature min ts min ) - temperature min ts max ) - time (min to max) (ts) 150c 200c 60 - 180 seconds time maintai nted above - temperature (t l ) - time (t l ) 217c 60 - 150 seconds ts max to t l - ramp - up rate 3c/second max. time maintainted above - temperature (t l ) - time (t l ) 217c 60 - 150 seconds time within 5 c of actual peak temperature (tp) 20 - 40 seconds peak temperature (tp) max 260c ramp - down rate 6c/second max. note: all temperatures refer to topside of the package, measured on the package body surface. critical zone t l to t p ramp up ramp down t 25c to peak t p t e m p e r a t u r e t l 25 time ts ts ts preheat tp t l
vectron international www.vectron.com v. 2006 - 11 - 10 page 5 of 5 vectron international headquarters 267 lowell road hudson, new hampshire 03051 + 1 - 888 - 328 - 7661 tel + 1 - 888 - 329 - 8328 fax vectron international llc. 1 00 watts street mount holly springs, pa 17065 usa +1 - 717 - 486 - 3411 tel +1 - 717 - 486 - 5920 fax vectron international gmbh & co. kg landstrasse d - 74924 neckarbischofsheim germany +49 - 07268 - 801 - 0 tel +49 - 07268 - 801 - 281 fax vectron asia pacific sales office 1f - 2f, no 8 workshop, no 308 fenju road, waigaoqiao free trade zone, pudong, shanghai, p.r. china 200131 +86 21 5048 0777 tel. +86 21 5048 1881 fax c4500 ocxo how to order this product: step 1 use this worksheet to forward the following information to your factory representative : model stability code supply voltage code rf output code package code frequency control/ enable frequency c4500 d508 sv050 rfh a1 1 6mhz vs.operat. temp. range signal: tuning range: c508: 50ppb - 20 ?+70c rfh: hcmos 0: fixed ocxo; no adjust d107: 100ppb - 20 ?+70c 1: 1.0 ppm .. 2.5 ppm (sc) f157: 100ppb - 40 ?+85c 1: 3.0 pp m .. 8.0 ppm (at) d108: 10ppb - 20 ?+70c d208: 20ppb - 20 ?+70c enclosure: f258: 20ppb - 40 ?+85c a1: h: 10.5 l: 4. 5 min b1: h: 12.7 l: na supply: c1 : h: 11. 3 l: na c2: h: 15.0 l: na sv050: 5v sv120: 12v sv033: 3.3v step 2 the factory representative will then respond with a vectron model number in the following configuration: model package code dash dash number c450 0 [customer specified package code] - [factory generated 4 digit number] typical p/n = c450 0 a1 - 0001 notes: 1 contact factory for improved stabilities or additional product options. not all options and codes are available at all frequencies. 2 u nless otherwise stated all values are valid after warm - up time and refer to typical conditions for supply voltage, frequency control voltage, load, temperature (25c) 3 phase noise degrades with increasing output frequency. 4 subject to technical modific ation. 5 contact factory for availability.


▲Up To Search▲   

 
Price & Availability of C4500F258SV120RFHC2010MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X