Part Number Hot Search : 
UC1103 C2004 LPS40 SN65HVD3 20DL2C D4613H GC1513 SAM9CN11
Product Description
Full Text Search
 

To Download BCP882H-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente bcp882h 3a , 70 v npn plastic-encapsulate transistor 04-nov-2014 rev. a page 1 of 1 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. a e c d b k h f g l j 1 2 3 4 1 base 3 emitter collector 2 rohs compliant product a suffix of -c specifies halogen & lead-free features  small flat package.  high dc current gain  low v ce(sat) marking classification of h fe rank bcp882h-r bcp882h-o bcp882h-y bcp882h-gr range 60~120 100~200 160~320 200~400 package information package mpq leader size sot-89 1k 7 inch absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 70 v collector to emitter voltage v ceo 70 v emitter to base voltage v ebo 6 v continuous collector current i c 3 a collector power dissipation p c 500 mw thermal resistance junction to ambient r ja 250 c / w junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min typ max unit test condition collector to base breakdown voltage v (br)cbo 70 - - v i c =100 a, i e =0 collector to emitter breakdown voltage v (br)ceo 70 - - v i c =10ma, i b =0 emitter to base breakdown voltage v (br)ebo 6 - - v i e =100 a, i c =0 collector cut-off current i cbo - - 1 a v cb =40v, i e =0 collector cut-off current i ceo - - 10 a v ce =30v, i b =0 emitter cut-off current i ebo - - 1 a v eb =6v, i c =0 dc current gain h fe 60 - 400 v ce =2v, i c =1a collector to emitter saturation voltage v ce(sat) - - 0.5 v i c =2a, i b =0.2a base to emitter saturation voltage v be(sat) - - 1.5 v i c =2a, i b =0.2a transition frequency f t - 50 - mhz v ce =5v, i c =0.1a, f=10mhz sot-89 millimeter millimeter ref. min. max. ref. min. max. a 4.4 0 4.6 0 g 0.40 0.58 b 3 . 94 4.25 h 1.5 0 typ c 1.40 1.60 j 3.00 typ d 2.30 2.60 k 0.32 0.52 e 1.50 1.70 l 0.35 0.44 f 0.89 1.20 d882h 1. base 2. collector 3. emitter


▲Up To Search▲   

 
Price & Availability of BCP882H-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X