Part Number Hot Search : 
QL202GT MAX690 MC145 ENA0058A AD22105 TMC2490A MC145 100118F
Product Description
Full Text Search
 

To Download BC600SINE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tripp lite 600va sine wave tower ups model number: BC600SINE description tripp lite's BC600SINE ups system provides long-lasting battery backup for professional workstations, pcs, networking equipment and other sensitive electronics. sine wave output in both line and battery power modes provides compatibility with all electronic loads, including pc and mac systems fitted with active power factor corrected (pfc) power supplies. uninterruptible power supply switches to battery derived sine wave ac output during power failures and severe voltage fluctuations so that connected equipment can be operated normally and shut down without data loss. provides 18 minutes battery runtime with a typical desktop computer system (100 watts). includes 3 battery-supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and other system accessories not requiring battery support. usb port enables optional unattended system shutdown without data loss in case of extended power failure; cable included. usb port also enables integration with built-in power management and auto shutdown features of windows and mac os x. poweralert software is also included for a variety of desktop and network shutdown agents. built-in audible alarm and 4 front-panel leds indicate line power status, battery power status, overload status and battery low/replace status. 650va/375w power handling ability supports professional workstations, desktop pcs, point-of-sale equipment, small business phone systems, audio/video equipment and home theater systems. supports user battery replacement via built-in access panel. $150,000 ultimate lifetime insurance (u.s., canada, and puerto rico only). features tripp lite's BC600SINE tower, sine wave ups system provides long-lasting battery backup for a variety of computer and electronic applications sine wave output in both line and battery modes provides compatibility with all electronic loads, including pc and mac systems fitted with active power factor corrected (pfc) power supplies BC600SINE ups system switches to battery derived sine wave ac output during power failures and severe voltage fluctuations with enough time to shut down without data loss 650va / 375 watt ups capacity with 3.3 minutes runtime at 100% load and 11.1 minutes at 50% load provides 18 minutes battery runtime with a typical desktop computer system consuming 100 watts includes 3 battery-supported outlets for computer, monitor and one vital system peripheral, plus 3 additional surge suppression-only outlets for printers and other system accessories not requiring battery support usb port enables optional unattended system shutdown without data loss in case of extended power failure; usb cable included hid-compliant usb port enables integration with built-in power management and auto-shutdown of windows and mac os x poweralert software cd included built-in audible alarm with cancel switch warns of power failure conditions; once silenced, alarm will re-sound as batteries approach full discharge alarm can be permanently silenced via poweralert interface highlights 600va tower 120v standby ups with sine wave output maintains ac output during power failures 3 ups battery supported outlets, 3 surge-only outlets usb port, active pfc power supply compatible, 97% efficient nema 5-15p input plug and 6 nema 5-15r outlets package includes BC600SINE ups system usb cable owner's manual 1 / 5
alarm can be permanently silenced via poweralert interface 4 front panel leds indicate line power status, battery power status, overload status and battery low/replace status supports user hot-swappable battery replacement via built-in access panel optional pdub15 bypass pdu enable hot-swappable ups replacement with no disruption to connected equipment $150,000 ultimate lifetime insurance (u.s., canada, and puerto rico only) specifications output output volt amp capacity (va) 600 output watt capacity (watts) 375 nominal output voltage(s) supported 120v frequency compatibility 60 hz output voltage regulation (battery mode) +/- 5% ups output receptacles 6 5-15r outlet(s) ups output receptacles (surge suppression only) 3 ups outlets, 3 surge-only outlets hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pure sine wave input rated input current (maximum load) 10a max (ups and surge-only loads combined) nominal input voltage(s) supported 120v ac ups input connection type 5-15p ups input connection description space-saving angled input plug ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input phase single-phase battery full load runtime (min.) 3.3 min. (375 watts) half load runtime (min.) 11.1 min. (190 watts) dc system voltage (vdc) 12 2 / 5
battery recharge rate (included batteries) less than 9 hours from 10% to 90% internal ups replacement battery cartridge rbc51 battery access battery access door battery replacement description hot-swappable, user replaceable batteries leds alarms & switches led indicators line power (green), inverter mode (yellow), overload (red), replace battery (red) audible alarm audible alarm indicates power failure and overload conditions alarm cancel operation power-fail alarm can be silenced during a power failure using alarm-cancel switch; alarm can be permanently disabled via poweralert software interface switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 252 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower primary form factor tower ups power module dimensions (hwd, in.) 10.75 x 5.25 x 7.5 ups power module dimensions (hwd, cm) 27.3 x 13.3 x 19.1 ups power module weight (lbs.) 14.6 ups power module weight (kg) 6.6 ups shipping dimensions (hwd / in.) 14 x 10.5 x 8.25 ups shipping dimensions (hwd / cm) 35.6 x 26.7 x 21 shipping weight (lbs.) 15.7 shipping weight (kg) 7.1 cooling method fan ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius 3 / 5
storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 33 ac mode efficiency rating (100% load) 97% communications communications interface usb (hid enabled) poweralert software included communications cable usb cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications network ups tools compatibility nut compatible. see the full list of tripp lite nut compatible ups systems at http://www.networkupstools.org/stable-hcl.html?manufacturer=tripp lite line / battery transfer transfer time battery to line mode: 2 milliseconds / line to battery mode: 5 milliseconds low voltage transfer to battery power (setpoint) 99v high voltage transfer to battery power (setpoint) 139v special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green energy-saving features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi); rohs (restriction of hazardous substances) warranty product warranty period (u.s. & canada) 3-year limited warranty product warranty period (latin america) 3-year limited warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 3-year limited warranty 4 / 5
connected equipment insurance (u.s., canada & puerto rico) $150,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of BC600SINE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X