Part Number Hot Search : 
02CR1 M27W201 AC12DGM EMK23 TTA30 FFCR5AH2 6006A 9435GJ
Product Description
Full Text Search
 

To Download B02001617IP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  netdirector 16-port 1u rack-mount console kvm switch w/17-in. lcd and ip remote access model number: b020-016-17-ip description the b020-016-17-ip console kvm switch with built-in ip access allows secure access to multiple computers from a single keyboard, monitor and mouse. it consists of an integrated 16-port ip kvm switch, 17" lcd monitor, keyboard and touchpad, all in a 1u rackmountable housing. a single b020-016-17-ip can control up to 16 directly connected computers. the lcd and keyboard/touch pad modules slide independently of each other. to maximize space, the keyboard/touch pad module slides back to "hide away" when not in use, while the thin profile lcd monitor rotates back flush against the rack allowing convenient monitoring of computer activity. the b020-016-17-ip features ip-based connectivity that allows one local operator and one remote operator to simultaneously monitor and access the computers attached to the console. because it uses tcp/ip for its communications protocol, the b020-016-17-ip can be accessed from any computer on the lan, wan or internet whether that computer is located down the hall, down the street or halfway around the world. for government purchasers, b020-016-17-ip is compliant with the federal trade agreements act (taa) for gsa schedule purchases. compatible with all major operating systems. constructed of heavy-duty steel housing. features control up to 16 directly connected computers remotely access computers via the lan, wan or internet remotely access the kvm via browser or non-browser applications both ipv4 and ipv6 are supported network interfaces - tcp/ip, http, https, udp, radius, dhcp, ssl, arp, dns, 10base-t/100base-tx, auto sense, and ping advanced encryption technologies include 1024-bit rsa, 256-bit aes, 56-bit des, 128-bit ssl supports radius server authentication panel array mode - monitor multiple ports at the same time dual-rail - slide the keyboard module into the rack while the monitor remains open for viewing. dual-bus - supports simultaneous access for 1 local and 1 remote user includes a windows-based log server, providing a more robust method of tracking events on the installation built-in monitor supports video resolutions up to 1280 x 1024 @ 75hz; resolutions up to 1600 x 1200 @ 60hz are supported when accessing the kvm highlights 16-port console kvm switch with built-in ip access both ipv4 and ipv6 are supported dual-rail - push keyboard in while the lcd monitor remains open multi-level password security compliant with the federal trade agreements act (taa) for gsa schedule purchases compatible with all major operating systems package includes b020-016-17-ip console kvm switch with built-in ip access ps/2 kvm cable kit usb kvm cable kit c13 to 5-15p power cord cd with owner's manual 1 / 3
built-in monitor supports video resolutions up to 1280 x 1024 @ 75hz; resolutions up to 1600 x 1200 @ 60hz are supported when accessing the kvm from a remote computer power consumption: 120v, 60hz, 31w; 230v, 50hz, 39w compliant with the federal trade agreements act (taa) for gsa schedule purchases compatible with all major operating systems constructed of heavy-duty steel housing specifications overview users 1 console yes port control push buttons, hotkeys, osd max cpu 16 pc/server connections ps/2 cat5 kvm switch no ip remote access yes style 1u rackmount console input recommended electrical service 100-250v maximum input amps 1 physical unit dimensions (hwd / in.) 1.75 x 19 x 27.8 unit dimensions (hwd / cm) 4.45 x 48.26 x 70.61 unit weight (lbs.) 38.1 unit weight (kg) 17.28 color black lcd monitor (in.) 17 lcd monitor (cm) 43.18 environmental storage temperature range -20 to +60 degrees c relative humidity 0% to 80% rh, non-condensing operating temperature 0 to 40 degrees c btus 100.7 to 102.42 2 / 3
connections ports 16 computer/server ports (x16) hd15 female other ports rj45 female local console ports - port 1 hd15 female local console ports - port 2 (x3) minidin6 female features & specifications autoscan (y,n) y autoscan duration 1 - 255 seconds certifications certifications ul 60950-1 (usa), can/csa (canada), fcc part 15 class a, ce warranty product warranty period (worldwide) 1-year limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 3 / 3


▲Up To Search▲   

 
Price & Availability of B02001617IP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X