Part Number Hot Search : 
ASRD814 EH4B1 AVD05S 00405 CG75LLTR 221MR F8NM60 DTM4425
Product Description
Full Text Search
 

To Download 1583T6A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  assembly - view from front assembly - view from bottom assembly - view from side section a-a isometric view 1583T6A1- asa 61 grey w/ 6' foot power cord (nema 5 -15p) 1583T6A1bk finish - front - black painted steel rated - 125 vac, 60 hz, 15 amps back - black painted steel approvals - csa certified standards c22.2 (no. 21-9 5, 42-99) - ul recognized standard ul1363 1583T6A1bk - black w/ 6' foot power cord (nema 5-15 p) colours & cord length 1583t6b1bk - black w/ 15' foot power cord (nema 5-1 5p) 1583t6b1- asa 61 grey w/ 15' foot power cord (nema 5-15p) 11 22 33 44 55 66 77 88 a a b b c c d d a a 1583T6A1bk resetable circuit breaker pilot light 6' foot power cord (nema 5-15p) 152.15 mm [5.990 in] 38.10 mm [1.500 in] typ 76.20 mm [3.000 in] typ 482.60 mm [19.000 in] 43.64 mm [1.718 in] 10.31 mm [0.406 in] 461.98 mm [18.188 in] 5.97 mm [0.235 in] 31.70 mm [1.248 in] r3.18 mm [0.125 in] 19.05 mm [0.750 in] 444.50 mm [17.500 in] 2.40 mm [0.094 in] 67.58 mm [2.661 in] 67.58 mm [2.661 in] 5.08 mm [0.200 in] 40.46 mm [1.593 in]


▲Up To Search▲   

 
Price & Availability of 1583T6A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X