Part Number Hot Search : 
10ETS12 ADM1170 AJT006 AJT006 1216C 683ML MBRA120 683ML
Product Description
Full Text Search
 

To Download TR100PW-EX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun trxxxpw-ex 2013.11.23-a/0 page1of4 features three - port electrical isolation between input, output and power supply 12.5mm slim case high accuracy (0.1% f.s.) high linearity (0.1% f.s.) low temperature drift(50ppm/ c) low-power dissipation good emc performance miniusb port communication input / output range programmable high reliability(mtbf>500,000 hours) generaldescription thesignalgeneratedbythetwo-wireorthree-wirertds inthehazardousareaispickedupbythisproduct,and convertedtothestandardanaloguecurrentorvoltagesignal whichis isolatedwithhazardousfield.whilelimitingthe energyofintrinsicallysafeendstringintohazardousarea,to ensurethatthesystemisintrinsicallysafeexplosion-proof performance.theproducthasaminiusbinterface,itcanbe usedforprogrammingtoconfigurethetypeandrangeof inputandoutputsignals.anindependentpowersupplyisnee dedfortheproductandtheportofpowersupply,inputand outputareisolatedfromeachother.thethicknessis12.5mm. connectionoffielddevicesandtheregions:2-wire,3- wirethermalresistanceamplifiter.zone0,zone1,zone2; iia,iib,iic,t4~t6hazardousarea. ul tra-thin programmable abnormaldetectionthermal resistanceisolationsafety barrier trxxxpw-exseries partnumbersystem trxxxpw-ex slim case serial number channel configuratior thermal resistance signal transducertype programmable safety barrier mark producttype outputtype 1input1output 1input2output currentoutput TR100PW-EX tr600pw-ex voltageoutput tr140pw-ex tr640pw-ex loopoutput tr102pw-ex tr602pw-ex inputsignal programmable(2-wiresystemor3-wiresysteminput) signaltype range theminimumrange pt100 -200~+850 50 cu50 -50~+150 50 cu100 -50~+150 50 outputsignal: outputtype outputsignal currentoutput 4~20ma/0~20ma(programmable) voltageoutput 0~5v/0~10v/1~5v/2~10v(programmable) note: 1.customersneedtochoosethetypeoftheinputsignal,outputsignalandrange.wecouldalsooffercustomerdesignforspecialinputandoutput. 2.youcangettheusbadaptert-01fortheisolatorfrommornsunfreeofchargeifyouneed. electricalcharacteristics powerinput parameters inputvoltage 18~30vdc typicalvalues 24vdc powerdissipation 1input1output<1.5w1input2output<1.8w powerprotection reversepolarityprotection hazardousarea viewproductmodelinputsignal safearea loadcapacity 500 (outputcurrentmaximum) 1m (outputvoltagemaximum) ue 4 0.02,20v ue 30v looppowersupply
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun trxxxpw-ex 2013.11.23-a/0 page2of4 safearea communicationprotocol miniusbport loadcapacity see"mornsunmodbusprotocolrules" faultoutput outputtype 4~20ma 0~20ma 1~5v 0~5v 2~10v 0~10v inputdisconnection about23ma about23ma about5.75v about5.75v about11.5v about11.5v inputover-rangelowerlimit 3ma 21ma 0.75v 5.25v 1.5v 10.5v inputover-rangeupperlimit 22ma 22ma 5.5v 5.5v 11v 11v breakalarm eachchanneldisconnectionalarmcorrespondingindicatorlight(red,single-channel1,dual- channel2) over-rangealarm whenltisover-range,thecorrespondingindicatorlight transmissioncharacteristics zerooffset 0.1%f.s.or0.5 greater(sin=0,100%load,@25 ) accuracy 0.1%f.s.or0.5 greater(full-scalerange,100%load,@25 ) temperaturedrift 0.0050%f.s./ (-25 ~+71 operatingtemperaturerange) outputsignalrisetime <0.5s(outputfromthe10%pointoffullsignalupto90%ofthefullsignalpoint) outputsignalfalltime <0.5s(outputfromthe90%pointoffullsignaldownto10%offullsignalpoint) isolationcharacteristics electricalisolation hazardousareaandsafearea2500vac1min,leakagecurrent 1ma outputandpowersupply,2500vdc 1min,leakagecurrent 1ma insulationresistance 100m 500vdc(signalinputport,signaloutputport standards&certificates explosionprotectioncertificatemark [exiaga]iic explosionprotectioncertificationparameters uo=12v io=30ma po=90mw c o =1uf lo=7mh um=250vac/dc explosionprotectioncertificationagency chinanationalqualitysupervisionandtestcentreforexplosion protectedelectricalproducts explosionqualifiedno. cnex13.3055 emccharacteristics emi ce cispr22/en55022classa re cispr22/en55022classa ems esd iec/en61000-4-2 contact 4kv/air 8kv perf.criteriab rs iec/en61000-4-3 10v/m perf.criteriaa eft iec/en61000-4-4 dcpowerport 2kv perf.criteriab iec/en61000-4-4 i/osignalport 1kv perf.criteriab surge iec/en61000-4-5 dcpowerport 1kv/2kv perf.criteriab iec/en61000-4-5 i/osignalport 1kv linetognd perf.criteriab cs iec/en61000-4-6 3vr.m.s perf.criteriaa othercharacteristics temperature operatingtemperature:-25~+71 transportandstoragetemperature:-40~+85 package 35mmdin-railpackage:t-railcardpackage(din50022),pluggableconnectionpin,thickness12.5mm safetyclass ip20(iec60529/en60529) weight 1input2output:about100g;1input1outputabout90g connection 1. removable terminal; 2. crosssectionareaofwiring:0.5mm 2 ~2.5mm 2 ; 3.thelengthofbarewireisabout8mm,lockedupbythem3bolt. selection guidelines for intrinsically safety explosion protection system 1. theexplosionprotectiongradeofthebarriermustbenotlessthanthatofintrinsicallysafetyexplosionprotectiondeviceinspot. 2. takeinconsiderationofhazardousendoutputresistanceandloopresistancemakesurethebarrieroutputvoltagemeetstheminimum operationvoltagerequirementofintrinsicallysafetydeviceinspot. 3. thesafetyparametersaboutintrinsicallysafetyendmeets: uo ui,io iin,po pin cc co-ci, lo lo-li
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun trxxxpw-ex 2013.11.23-a/0 page3of4 4. selectsuitablesafetybarrierwhichmatchestheintrinsicallysafetydeviceinspotaccordingtothepowerpolarity,signaltypeand transmissionmodeaboutthedevice. 5. muchmoreprotectionisrequired,whichcanavoidtheinfluenceoftheleakagecurrentgeneratedbysafetybarrieronintrinsicallysafety deviceinspot. operationnotes 1. pleasereadtheusermanualcarefullybeforeusing.ifanyquestion,pleasecontactourtechnicalsupportdepartment. 2. pleasedon tusethisproductinhazardousarea. 3. thepowersupplyofthisproductshouldbe24vdcpowersource.itisforbiddentouse220vacpowersupply. 4. toavoidvoidofexplosionproof,oranyfailure,usersdisassemblethisproductisforbidden. 5. applicationcircuitdiagram& pindescription bottom power supply port 11 12 9 10 7 8 inside 1 2 3 4 5 6 outside p o w e r + p o w e r - p o w e r + p o w e r - inside outside inside outside inside outside inside outside inside outside note: when use bottom power supply, anyone group or both is ok. pin description(2input2output) 1 nc 2 nc 3 nc 4 l1c signal1inputlinec 5 l1b signal1inputlineb 6 l1a signal1inputlinea 7 so1- signal1output- 8 so1+ signal1output+ 9 so2- signal2output- 10 so2+ signal2output+ 11 power- powerinput- 12 power+ powerinput+ TR100PW-EX tr140pw-ex tr102pw-ex supply 18~30vdc source 12 11 6 5 4 6 5 4 + - - 8 7 rl 420ma vo rl current source output voltage source output + - + - + - rl 420ma + - ue + - loop supply poweroutput safearea hazardous area input channel input channel output channel output channel output channel 2- wire system 3- wire system tr600pw-ex tr640pw-ex tr602pw-ex 12 11 6 5 4 10 9 channel2 rl 420ma + - 6 5 4 + - - 8 7 channel1 rl 420ma vo1 rl vo2 rl rl 420ma ue rl 420ma ue supply 18~30vdc source current source output voltage source output loop supply poweroutput safearea hazardous area input channel input channel output channel 1 output channel 1 2- wire system 3- wire system output channel 2 output channel 2 + - + - + - + - + - + - + - + -
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun trxxxpw-ex 2013.11.23-a/0 page4of4 note: 1.allspecificationsmeasuredatta=25 c,humidity<75%,nominalinputvoltageandratedoutputloadunlessotherwisespecified. 2.inthisdatasheet,allthetestsetupandmethodsarebasedonourcorporatestandards. 3.allcharacteristicsaremeantforlistedmodel,non-standardmodelsmayperformdifferently,youcancontactmornsunfaeformoredetails. 4.contactusforyourspecificrequirement. 5.specificationsaresubjecttochangewithoutpriornotice. mornsunscience&technologyco.,ltd. address:no.5,kehuist.1,kehuidevelopmentcenter,scienceave.,guangzhousciencecity,luogangdistrict,guangzhou,p.r.china. tel:86-20-38601850 fax:86-20-38601272 e-mail: info@mornsun.cn http://www.mornsun-power.com installation&disassembly installation din35mmstandardrailinstallation: 1. insertthetopoftheinstrumentcardintherail; 2. pushthebottomoftheinstrumentintotherail. 1 2 disassembly 1. insertascrewdriverbetweenthebottomofthecardlockandtherail; 2. pullupthescrewdriverandpressthecardlockdownwards; 3. pulltheinstrumentoutoftherail. 1 2 3 packagingdimension&packagingdiagram


▲Up To Search▲   

 
Price & Availability of TR100PW-EX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X