Part Number Hot Search : 
22100 HD66002 2SJ246 12DH6 GM71C4 D00469 DRDC3105 06C10
Product Description
Full Text Search
 

To Download TA100W-EX-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun taxxxw-ex-xx 2013.12.27-a/0 page1of5 features three-portisolation(input,outputandpower supply) (intrinsicallysafeendandnon-intrinsicallysafeend: 2.5kvac/60s) highaccuracy(0.1%f.s.) highlinearity(0.1%f.s.) lowtemperaturedrift(50ppm/ c) excellentemcperformance theproductsofcurrentinputandvoltageoutput supporthartcommunicationprotocol withthebasepowersupply highreliability(mtbf>500,000hours) generaldescription ultra-thinanalogsignaloutputisolationsafetybarrier,the current(voltage)signalcomefromthesafeareaisprocessed linearly,andthenisolationtransmissiontothedangerousareas andoutputinastandardcurrentsignal.limitingtheenergyof intrinsicallysafeendstringintohazardousarea,toensurethatthe systemisintrinsicallysafeexplosion-proofperformance. connection of field devices: 2-wire or 3-wire isolation transducer,industrialstandardcurrentsource. connectionoftheworkregions:zone0,zone1,zone2;iia, iib,iic,andhazardousareaoft4~t6. ultra-thin analog signal outputdetectionsafety barrier taxxxw-ex-xxseries partnumbersystem txxxw-ex-xx a slim case serialnumber channelconfiguratior analogsignal transducertype isolationbarriermark inputsignal outputsignal selectionguide ta x xx w- ex- x x description channels 1 1input1output 6 1input2output serialnumber 00 currentsignalinput,currentsourceorvoltagesourceoutput 02 currentsignalinput,2-wirecurrentsourceoutput 05 (distribution)2-wirecurrentinput,currentsourceorvoltagesourceoutput 40 voltagesignalinput,currentsourceorvoltagesourceoutput 42 voltagesignalinput,2-wirecurrentsourceoutput packagemark slimcase explosionmark isolationbarrierexplosionsymbol inputsignal 1 4~20ma 2 0~20ma 3 2~10v 4 1~5v 5 0~10v 6 0~5v outputsignal 1 4~20ma 2 0~20ma 3 2~10v 4 1~5v 5 0~10v 6 0~5v
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun taxxxw-ex-xx 2013.12.27-a/0 page2of5 electricalcharacteristics powersupply inputvoltage 18~30vdc typical 24vdc powerdissipation 1.5w(tax4xw-ex,tax00w-ex,taxx2w-ex) 2.4w(tax05w-ex) powerprotection reverseprotection,over-currentprotection distribution (isolatorswithisolatedpoweroutput) no-loadvoltage 24v 10% full-loadvoltage >16v isolationpoweroutputcurrent@20ma fieldarea inputsignal seeselectionguide inputimpedance 4v(currentinput@20ma) 100k voltageinput controlarea outputsignal seeselectionguide load 500 (@maximumoutputcurrent) 2000 @maximumoutputvoltage ripple&noise 60mvp-p(20mhzbandwidth) transmissioncharacteristics zerooffset 0.1%f.s. accuracy 0.1%f.s. gainerror 0.1%f.s. temperaturedrift 0.0050%f.s./ (-25~+71 operatingtemperaturerange) isolationcharacteristics electricalisolation three-portisolation(input,outputandpowersupply) isolationvoltage 2500vacbetweenapplicationfieldandcontrolcabinet 2500vdcbetweensignalinputoroutputandpowersupply 2500vdcbetweenchannels(multi-channelproducts) testconditions:testingfor1minute,humidity<70%,leakagecurrent<1ma emc characteristics ems esd iec/en61000-4-2contact 4kv/air 8kv perf.criteriab rs iec/en61000-4-310v/m perf.criteriaa eft iec/en61000-4-4powerport 2kv perf.criteriab iec/en61000-4-4signalport 1kv perf.criteriab surge iec/en61000-4-5powerpor 1kv/2kv perf.criteriab iec/en61000-4-5signalport 1kv(linetognd) perf.criteriab cs iec/en61000-4-63vr.m.s perf.criteriaa standards&certificates explosionprotection [exiaga]iic explosionprotection certificationparameters um:250vac/dc 1)ta100w-ex,ta102w-ex,ta600w-ex,ta602w-ex;(betweenthepin3and4): uo:10.5vdc,io:------ 2)ta105w-ex,ta605w-ex;(betweenthepin4and1): uo:28vdc,io:115ma,po:0.81w,co:0.05 f,lo:2.2mh. (betweenthepin3and1): uo:10.5vdc,io:------ 3)ta140w-ex,ta640w-ex;(betweenthepin4and3) uo:13vdc,io:7ma,po:23mw,co:0.8 f,lo:100mh. explosionprotection certificationagency china national quality supervision and test centre for explosion protected electricalproducts explosionqualifiedno. cnex13.3120
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun taxxxw-ex-xx 2013.12.27-a/0 page3of5 othercharacteristics ambienttemperature operatingtemperaturerange:-25~+71 transportandstoragetemperature:-40~+85 package 35mmdin-railpackage:t-railcardpackage(din50022),pluggableconnectionpin,thickness12.50mm safetyclass ip20(iec60529/en60529) weight 1input1output:about100g;1input2output:about128g connection 1. connectionuseddismountableterminals; 2.crosssectionareaofwiring:0.5mm 2 ~2.5mm 2 ; 3. thelengthofbarewireisabout8mm,lockedupbythem3bolt. selectionguidelinesforintrinsicallysafeexplosionprotectionsystem 1.theexplosionprotectiongradeofthebarriermustbenotlessthanthatofintrinsicallysafeexplosionprotectiondeviceinspot. 2.takeinconsiderationofhazardousendoutputresistanceandloopresistancemakesurethebarrieroutputvoltagemeetstheminimum operationvoltagerequirementofintrinsicallysafedeviceinspot. 3.thesafetyparametersaboutintrinsicallysafeendmeets: uo ui,io iin,po pin cc co-ci,lc lo-li 4.selectsuitablesafetybarrierwhichmatchestheintrinsicallysafedeviceinspotaccordingtothepowerpolarity,signaltypeandtransmission modeaboutthedevice. 5.muchmoreprotectionisrequired,whichcanavoidtheinfluenceoftheleakagecurrentgeneratedbysafetybarrieronintrinsicallysafedevice inspot. 6.thewiresleadingtodangerousfieldshouldbeconstraintedinblueintrinsicallysafewires,anditscoppercross-sectionshouldbemorethan 0.5mm 2 ;insulationintensityshouldbemorethan500vdc. operationnotes 1. pleasedonotusethisproductinhazardousarea. 2. thepowersupplyofthisproductshouldbe24vdcpowersource.itisforbiddentouse220vacpowersupply. 3. toavoidinvalidexplosionprotectionfunction,oranyfailure,usersdisassemblethisproductisforbidden. applicationcircuitdiagram& pindescription bottom power supply port 11 12 9 10 7 8 inside 1 2 3 4 5 6 outside p o w e r + p o w e r - p o w e r + p o w e r - inside outside inside outside inside outside inside outside inside outside note: when use bottom power supply, anyone group or both is ok. pins1,2,3,4,5,and6areinthefieldarea,belongtothedangerous side,useblueterminals; pin7,8,9,10,11and12areinthecontrolarea,belongtothesafe side,usegreenterminals pin tax4x-ex 1 nc 2 nc 3 signalinput- 4 signalinput+ 5 nc 6 nc 7 signal1output- 8 signal1output+ 9 signal2output- 10 signal2output+ 11 powerinput- 12 powerinput+ pin tax05w-ex tax00w-ex tax02w-ex 1 signalinput- nc 2 isolatedoutput- nc 3 signalinput+ signalinput+ 4 isolatedoutput+ signalinput- 5 nc nc 6 nc nc 7 signal1output- signal1output- 8 signal1output+ signal1output+ 9 signal2output- signal2output- 10 signal2output+ signal2output+ 11 powerinput- powerinput- 12 powerinput+ powerinput+
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun taxxxw-ex-xx 2013.12.27-a/0 page4of5 safe area hazardous area 2- wire input 3- wire input currentsource safe area hazardous area currentsource safe area hazardous area voltagesource note: 1. s:signal; g:gnd; p:powerdistribution; theproductsofcurrentinputandvoltageoutputsupporthartcommunicationprotocol. 2. others: pleaserefertothepindefinitionsandproductlabelsshelldiagram.
thecopyrightandauthorityfortheinterpretationoftheproductsarereservedby mornsun taxxxw-ex-xx 2013.12.27-a/0 page5of5 note: 1.allspecificationsmeasuredatta=25 c,humidity<75%,nominalinputvoltageandratedoutputloadunlessotherwisespecified. 2.inthisdatasheet,allthetestsetupandmethodsarebasedonourcorporatestandards. 3.allcharacteristicsaremeantforlistedmodel,non-standardmodelsmayperformdifferently,youcancontactmornsunfaeformoredetails. 4.contactusforyourspecificrequirement. 5.specificationsaresubjecttochangewithoutpriornotice. mornsunscience&technologyco.,ltd. address:no.5,kehuist.1,kehuidevelopmentcenter,scienceave.,guangzhousciencecity,luogangdistrict,guangzhou,p.r.china. tel:86-20-38601850 fax:86-20-38601272 e-mail: info@mornsun.cn http://www.mornsun-power.com installation&disassembly installation din35mmstandardrailinstallation: 1. insertthetopoftheinstrumentcardintherail; 2. pushthebottomoftheinstrumentintotherail. 1 2 disassembly 1. insertascrewdriverbetweenthebottomofthecardlockandtherail; 2. pullupthescrewdriverandpressthecardlockdownwards; 3. pulltheinstrumentoutoftherail. 1 2 3 packagingdimension&packagingdiagram


▲Up To Search▲   

 
Price & Availability of TA100W-EX-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X