Part Number Hot Search : 
MRF449 MCP1810 1N4154 ADG12 TK3612M 182B7 001460 EPF8115G
Product Description
Full Text Search
 

To Download SM4001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fe atures ? plastic package has underwriters laboratory flammability classification 94v-o utilizing flame retardant epoxy molding compound. ? for surface mounted applications. ? exceeds environmental standards of m il-s-19500 /228 ? low leakage current. ? high temperature soldering : 260 o c / 10 seconds at terminals ? pb free product at available : 99% sn above meet rohs environment substance directive request mechan ical d ata ? case : moldedplas tic, smd (melf) ? terminals : solder plated, solderable per mil-std-750, method 2026 ? polarity : indicated by ca thode band ? mounting position : any maximum ratings (at ta=25oc unless otherwise noted) parameter conditions s y mbol min. typ. max. unit forward rectified current see fig.2 io 1.0 a forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec methode) ifsm 30 a vr = vrrm ta = 25 5.0 reverse current vr = vrrm ta = 100 ir 50 thermal resistance junction to ambient r ja 50 diode junction capacitance f=1mhz and applied 4vdc reverse voltage cj 15 pf storage temperature tstg -55 +150 symbols marking code v rrm *1 (v) v rms *2 (v) v r *3 (v) v f *4 (v) operat ing temperature ( ) SM4001 - 50 35 50 sm4002 - 100 70 100 sm4003 - 200 140 200 sm4004 - 400 280 400 sm4005 - 600 420 600 sm4006 - 800 560 800 sm4007 - 1000 700 1000 1.1 -55 to +150 ? 1 repetitive peak reverse voltage ? 2 rms voltage ? 3 continuous reverse voltage ? 4 maximum forward voltage melf /dl41 unit:inch(mm) .020(0.5) .012(0.3) .1 10 (2. 8 ) . 102 (2. 6 ) i cathode band solderable end .2 16 (5. 5 ) . 201 ( 5.1 ) http://www.yeashin.com 1 rev.03 20150105 data sheet SM4001 thru sm4007 semiconductor a a c /w c c c c 1.0amp general purpose rectifiers glass passivation junction
rating and characteris tic curves .1 1.0 10 100 fig.3 - typical reverse characteristics reverse leakage current, ( a) percentage rated peak reverse voltage 0 20 40 60 80 100 120 140 .01 fig.2-typical forward current derating curve average forward current,(a) tj=100 c tj=25 c fig.4-maximum non-repetitive forward surge current 0.2 0 0.4 0.6 0.8 1.0 1.2 ambient temperature ( c) single phase half wave 60hz resistive or inductive load 0.1 1.0 .01 10 50 fig.1-typical forward characteristics instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle .7 .8 .9 1.0 1.1 1.2 1.3 3.0 tj=25 c fig.5-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) 35 30 25 20 15 10 5 0 .01 .05 .1 .5 1 10 50 100 peak forwaard surge current,(a) 10 0 20 30 40 50 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 0 20 40 60 80 100 120 140 160 180 200 SM4001 thru sm4007 http://www.yeashin.com 2 rev.03 20150105 1.5 4


▲Up To Search▲   

 
Price & Availability of SM4001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X