patented features ?for surface mounted applications ?low-profile package ?ideal for automated placement ?low power loss, high efficiency ?high temperature soldering: 250 c/10 seconds at terminals maximum ratings and thermal characteristics (t c = 25? unless otherwise noted) parameter symbol sl02 SL03 sl04 unit device marking code s2 s3 s4 maximum repetitive peak reverse voltage v rrm 20 30 40 v maximum rms voltage v rms 14 21 28 v maximum dc blocking voltage v dc 20 30 40 v maximum average forward rectified current, t l = 109? i f(av) 1.1 a peak forward surge current i fsm 40 a 8.3ms single half sine-wave typical thermal resistance (on ceramic substrate) r ja 55 (on epoxy substrate) 188 (2) ?/w maximum operating junction temperature t j 125 ? storage temperature range t s -55 to 150 ? electrical characteristics (t c = 25? unless otherwise noted) parameter symbol sl02 SL03 sl04 unit instantaneous forward voltage at 0.5a (1) typical v f 0.360 0.395 0.450 v maximum 0.385 0.43 0.51 typical instantaneous forward voltage at 1.1a v f 0.420 0.450 0.500 v maximum dc reverse current t a = 25? 250 130 20 a at rated dc blocking voltage t a = 100? i r 8.0 6.0 6.0 ma sl02 thru sl04 small surface mount schottky rectifier forward current 1.1a reverse voltage 20 to 40v mounting pad layout 1/21/02 1.6 1.2 1.2 detail z enlarged 0.00 0.10 top view 1.0 0.2 1.8 0.1 2.8 0.1 0.98 0.1 0.05 - 0.30 3.7 0.2 0.60 0.25 5 5 z cathode band do-219ab (smf) new product dimensions in millimeters mechanical data case: low-profile plastic case polarity: color band denotes cathode end weight: approx. 0.01g packaging codes-options: g1-10k per 13 reel (8mm tape), 50k/box g2-3k per 7 reel (8mm tape), 30k/box notes: (1) pulse test: 300 s pulse width, 1% duty cycle (2) mounted on epoxy substrate with 3 x 3mm cu pads ( 40 m thick)
ratings and characteristic curves (t a = 25 c unless otherwise noted) sl02 thru sl04 small surface mount schottky rectifier 0 10 30 50 70 90 110 130 0 0.5 1.5 1.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1 10 0 150 0.0001 0.001 0.01 0.1 0 5 10 15 1 10 100 1000 10000 20 25 instantaneous forward current (a) fig. 3 ?typical instantaneous forward characteristics ?sl02 instantaneous forward voltage (v) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1 10 0 0.0001 0.001 0.01 0.1 instantaneous forward current (a) fig. 5 ?typical instantaneous forward characteristics ?SL03 instantaneous forward voltage (v) instantaneous reverse current ( a) fig. 4 ?typical reverse current characteristics ?sl02 reverse voltage (v) 0 5 10 15 1 0.1 10 100 1000 10000 20 25 30 35 instantaneous reverse current ( a) fig. 6 ?typical reverse current characteristics ?SL03 reverse voltage (v) 12 10 50 100 150 200 250 0 2 4 6 8 10 junction capacitance (pf) fig. 2 ?typical junction capacitance reverse voltage (v) sl02 sl04 t j = 100 c t j = 100 c t j = 50 c t j = 50 c t j = 75 c t j = 75 c t j = 25 c t j = 25 c t j = 100 c t j = 50 c t j = 75 c t j = 25 c t j = 100 c t j = 50 c t j = 75 c t j = 25 c
ratings and characteristic curves (t a = 25 c unless otherwise noted) sl02 thru sl04 small surface mount schottky rectifier 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1 10 0 0.0001 0.001 0.01 0.1 instantaneous forward current (a) fig. 7 typical instantaneous forward characteristics sl04 instantaneous forward voltage (v) 0 10 20 30 40 50 1 0.1 10 100 1000 10000 instantaneous reverse current ( a) fig. 8 typical reverse current characteristics sl04 reverse voltage (v) t j = 100 c t j = 50 c t j = 75 c t j = 25 c t j = 100 c t j = 50 c t j = 75 c t j = 25 c
|