Part Number Hot Search : 
MAX1204 1SMA4754 MPX50GP PPF5210M KL197T01 MPX50GP 14A22 28128
Product Description
Full Text Search
 

To Download SHH43C72RAU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification of panasonic compressor model: SHH43C72RAU 115v 60hz no. : shh043uerfa0a application: evaporating temp. range: low back pressure -35 ? c to -5 ? c (-31 ? f to 23 ? f) refrigerant: refrigerant control: r134a (cf 3 ch 2 f) capillary tube design type: motor type: reciprocating connecting rod rscr, ptc relay compressor cooling: voltage range: fan cooling 103v to 127v, 60hz capacity * w 7 % 148 *test conditions kcal/h 7 % 127 evaporating temp.: btu/h 7 % 505 -23.3c (-10f) motor input * w 99 condensing temp.: current * a 0.88 54.4c (130f) c.o.p. * 7 % 1.49 ambient temp.: e.e.r. * b tu/wh 7 % 5.10 32.2c (90f) gas superheated to: displacement cm 3 4.33 32.2c (90f) in 3 0.264 liquid subcooled to: oil charge cm 3 5 cm 3 195 32.2c (90f) in 3 0.3 in 3 11.9 comp. shell temp.: weight (with oil) kg 7.1 65c (150f) lbs 15.6 power source: rated current a 0.82 115v 60hz starting current #1 a 7.34/13.18 oil: winding resistance m ohm 5.16 vg 10 (t: 20c 68f) s ohm 7.17 approved oils: high potential test v/s 1400 freol alpha10, 10e residual moisture mg max. 120 i c i rl10hln, 10h impurities mg max. 7 suniso sl10sc, 10s motor protector model 4tm302mhbyy or 5tm302mhbyy note: #2 #1: starting current : a/b opening temperature c 5 c 115 a = amps for ul/csa f 9 f 239 b = amps at 2 phase start. closing temperature c 9 c 69 #2: although these components have f 16 f 156 passed test for use with this trip current a 7.5 % 2.13 compressor, panasonic assumes no (t: 70c 158f) responsibility whatsoever for these or trip current a 10.5 any other components sourced by the (t: 25c 77f, refrigerator manufacturer from third t: 16 s max) parties. ptc relay model #2 7m6r8m resistance ohm 20 % 6.8 (t: 25c 77f) power consumption w max. 2.9 ## where tolerances are not indicated, operating time s 0.6 to 1.8 data is shown for reference only. recovery time s max. 60 date: oct.02.2008 date: oct.02.2008 starting capacitor #2 - microf. - v min. running capacitor #2 12 microf. 180 v min. approved by prepared by panasonic corporation refrigeration devices business unit m.kakutani a.imaoji shh043uerfa0a.xls


▲Up To Search▲   

 
Price & Availability of SHH43C72RAU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X