Part Number Hot Search : 
ST5KB40 EUA2012A BA100 57689 3430C 13000 MC1496F MPGC01
Product Description
Full Text Search
 

To Download SGESD2201-33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SGESD2201-33 400w, 3.3v ultra low capacitance esd protection for high-speed interfaces 19-may-2014 rev. b page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-fre description SGESD2201-33 is a low-capacitance transient voltage suppressor (tvs) array designed to provide electrostatic discharge (esd) protection for high-speed data interfaces. with typical capacitance of 3.8pf only, SGESD2201-33 is designed to protect parasitic-sensitive systems against over-voltage and over-current tr ansient events. it complies with iec 61000-4-2 (esd),level 4 (15kv air, 8kv contact discharge), iec 61000-4-4 (electrical fast tran sient - eft) (40a,5/50 ns), iec 61000-4-5 (surge) (25a, 8/20 s),very fast charged device model (cdm) esd and cable discharge event (cde), etc. SGESD2201-33 is in a dfn2610 package. each SGESD2201-33 device can protect two high-speed line pairs. the combined features of low capacitance and high esd robustness make SGESD2201-33 ideal for high-speed data port and high-frequency line (e.g., gigabit ethernet ports) applications. the low clamping voltage of the SGESD2201-33 guarantees a minimum stress on the protected ic. applications ? 10/100/1000m ethernet ports ? wan/lan equipment ? desktops, servers and notebooks ? cellular phones package information package mpq leader size dfn2610 3k 7 inch absolute maximum ratings (t a =25c unless otherwise specified) rating symbol value unit air contact 25 iec 61000-4-2 (esd) contact discharge v esd 15 kv peak pulse power (tp=8/20us) p pk 400 w peak pulse current (tp=8/20us) i pp 25 a operation & storage temperature range t j , t stg -55~125, -55~150 c dfn2610 millimete r millimete r ref. min. max. ref. min. max. a 2.55 2.65 f 2.00 2.25 b 2.55 2.65 g 1.10 1.36 c 0.50 0.60 h 0.20 0.30 d 0.15 ref. i 0.25 0.45 e 0.50 bsc. top view
elektronische bauelemente SGESD2201-33 400w, 3.3v ultra low capacitance esd protection for high-speed interfaces 19-may-2014 rev. b page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a =25 c unless otherwise specified) parameter symbol condition min. typ. max. units reverse working voltage v rwm - - 3.3 v reverse leakage current i r v rwm =3.3v, i/o?to-gnd - 0.1 1 a trigger voltage v t i t =1 a, ,i/o?to-gnd 3.5 4.2 5 v holding voltage v h i h =1ma, i/o?to-gnd 3.3 - 4.5 v i pp =1a, tp=8/20us, i/o?to-gnd - - 5.5 i pp =10a, tp=8/20us, i/o?to-gnd - - 8.5 clamping voltage v clamp i pp =25a, tp=8/20us, i/o?to-gnd - - 16 v i/o-to-gnd v r =0, f=1mhz - 3.8 5 pf junction capacitance c j i/o-to-i/o v r =0, f=1mhz - 2 2.5 pf ratings and characteristics curves
elektronische bauelemente SGESD2201-33 400w, 3.3v ultra low capacitance esd protection for high-speed interfaces 19-may-2014 rev. b page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristics curves


▲Up To Search▲   

 
Price & Availability of SGESD2201-33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X