Part Number Hot Search : 
EM4125 278R05 CL7621AC DA8589BJ XN6113 3KP13 EDDTRPB 4GBU005
Product Description
Full Text Search
 

To Download RS1505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r s 1 5 0 1 t h r u r s 1 5 0 7 sin gl e-p ha se s ili co n br idg e sin gl e-p ha se s ili co n br idg e m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s 0 r a t i n g s a t 2 5 c a m b i e n t t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . s i n g l e p h a s e , h a l f w a v e , 6 0 h z , r e s i s t i v e o r i n d u c t i v e l o a d . f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . m a x i m u m r a t i n g s features low leakage low forward voltage mounting position: any surge overload rating:250 amperes peak siliver-plated copper leads c h e n g - y i c h e n g - y i el ec t r o n ic volt age range 50 to 1000 vol ts current 15.0 amperes maximum average forward 0 t output current at @ =50 c c maximum recurrent peak reverse voltage v rrm v rms v dc i fsm maximum rms bridge input voltage maximum dc blocking voltage peak forward surge current 8.3ms single half sine-wave superimposed on rated load u n i t s 5 0 1 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 v v v v a a 3 5 7 0 1 4 0 2 8 0 4 2 0 5 6 0 7 0 0 5 0 1 0 0 2 0 0 4 0 0 1 5 1 . 0 5 2 5 0 1 0 0 . 2 6 0 0 8 0 0 1 0 0 0 0 (at t a =25 c unless otherwise noted) operating and storage temperature range t j i o rs1501 rs1502 rs1503 rs1504 RS1505 rs1506 rs1507 0 c - 5 5 t o + 1 5 0 ratings v f i r 0 t @ =25 c a 0 t @ =100 c a a m a maximum forward voltage drop per element of 7.5a dc maximum reverse current at rated dc blocking voltage per element t stg
rating and characteristics curves rs1501 thru rs1507 sin gl e ph as e gl as s br idg e sin gl e ph as e gl as s br idg e 6 9 1 2 1 5 1 0 5 0 1 0 0 1 5 0 2 0 0 2 5 0 c h e n g - y i c h e n g - y i el ec t r o n ic fig. 1 - maximum forward surge current a v e r a g e f o r w a r d o u t p u t c u r r e n t a m p e r e s 0 case temperature, c 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 3 60hz resistive or inductive load fig. 2 - typical forward characteristics instant aneous forward volt age, volts i n s t a n t a n e o u s f o r w a r d c u r r e n t . a m p e r e s .001 0.4 0.2 0 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.1 1.0 10 0 t =1 50c j 0 t =2 5 c j 1 2 5 1 0 2 0 5 0 1 0 0 number of cycles at 60 hz fig. 4 - maximum non-repetitive surge current 0 t =1 50c j sin gle ha lf s ine -w av e (je de c m eth od ) fig. 3 - typical junction capacit ance reverse volt age, volts c a p a c i t a n c e , p f 50 10 100 1 4 10 100 0 t =2 5 c j f= 1.0 m hz fig. 5 - typical reverse characteristics percent of rated peak reverse vol tage 20 60 40 80 .01 1.0 10 100 1000 100 140 120 0 t =1 25c j 0 t =1 50c j 0 t =1 00c j 0 t =2 5 c j r s 1 5 0 1 t h r u r s 1 5 0 7


▲Up To Search▲   

 
Price & Availability of RS1505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X