1 technical data sheet uhf male to bnc male adapter confguration connector 1 uhf male impedance 1 50 ohms connector 2 bnc male impedance 2 50 ohms adapter design standard body style straight mechanical specifcations size length, in [mm] 1.483 [37.67] width/dia., in [mm] 0.7 [17.78] . connector 1 type uhf male inner conductor material and plating brass, gold coupling nut material and plating brass, nickel body material and plating brass, nickel dielectric type t efon connector 2 type bnc male inner conductor material and plating brass, gold coupling nut material and plating brass, nickel body material and plating brass, nickel dielectric type t efon compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es plotted and other data notes: v alues at 25 c, sea level url: http://www.pasternack.com/uhf-male-bnc-male-straight-adapter-PE9201-p.aspx uhf male to bnc male adapter from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry. uhf male to bnc male adapter PE9201 PE9201 rev
2 ? 2012 pasternack enterprises all rights reserved PE9201 rev uhf male to bnc male adapter PE9201 cad drawing
|