1 confguration connector 1 n male connector 2 7/16 din male cable type pe-sr402flj low pim electrical specifcations frequency range dc to 3 ghz impedance 50 ohms maximum vswr 1.15:1 rf shielding -100 db maximum input power 440 w atts passive intermodulation -160 dbc typical performance by frequency frequency 1 frequency 500 mhz insertion loss, 0.5 db power handling, watts 440 frequency 2 frequency 1000 mhz insertion loss 0.82 db power handling 300 w atts frequency 3 frequency 2 ghz insertion loss 1.2 db power handling 220 w atts frequency 4 frequency 2.5 ghz insertion loss 1.37 db power handling 190 w atts frequency 5 frequency 3 ghz insertion loss 1.5 db power handling 170 w atts mechanical specifcations temperature temperature operating range -55 to +125 deg c size length 78.74 in [200 cm] . one time minimum bend radius 1.5 in [38.1 mm] click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: n male to 7/16 din male lszh jacketed cable 200 cm length using sr402flj low pim coax, rohs PE3C2002-200CM PE3C2002-200CM rev 1.0 PE3C2002-200CM n male to 7/16 din male lszh jacketed cable 200 cm length using sr402flj low pim coax, rohs technical data sheet technical data sheet
2 cable cable type pe-sr402flj low pim cable inner conductor copper , silver cable outer conductor copper , tin dielectric type ptfe jacket material pvc lszh jacket diameter 0.163 in [4.14 mm] connector 1 type n male confguration straight inner conductor material and plating brass, silver coupling nut material and plating brass, tri-metal hex size 3/4 inch body material and plating brass, silver dielectric type ptfe connector 2 type 7/16 din male confguration straight inner conductor material and plating brass, silver coupling nut material and plating brass, tri-metal hex size 1 1/4 inch body material and plating brass, silver dielectric type ptfe compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es PE3C2002-200CM rev 1.0 PE3C2002-200CM click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: n male to 7/16 din male lszh jacketed cable 200 cm length using sr402flj low pim coax, rohs PE3C2002-200CM n male to 7/16 din male lszh jacketed cable 200 cm length using sr402flj low pim coax, rohs technical data sheet technical data sheet
3 notes: ? values at +25 c, sea level n male to 7/16 din male lszh jacketed cable 200 cm length using sr402flj low pim coax, rohs from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: n male to 7/16 din male lszh jacketed cable 200 cm length using sr402flj low pim coax, rohs PE3C2002-200CM url: http://www.pasternack.com/n-male-7-16-male-sr402fj-low-pim-cable-assembly-PE3C2002-200CM-p.aspx PE3C2002-200CM rev 1.0 PE3C2002-200CM n male to 7/16 din male lszh jacketed cable 200 cm length using sr402flj low pim coax, rohs technical data sheet technical data sheet
4 ? 2014 pasternack enterprises all rights reserved PE3C2002-200CM rev 1.0 n male to 7/16 din male lszh jacketed cable 200 cm length using sr402flj low pim coax, rohs PE3C2002-200CM cad drawing
|