Part Number Hot Search : 
AN6650S C1455P1 MC2404 B1306 BZX20 05006 365KF CY8C20X
Product Description
Full Text Search
 

To Download NLVVHC1GT50DFT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 february, 2013 ? rev. 15 1 publication order number: mc74vhc1gt50/d mc74vhc1gt50 noninverting buffer / cmos logic level shifter ttl ? compatible inputs the mc74vhc1gt50 is a single gate noninverting buffer fabricated with silicon gate cmos technology. it achieves high speed operation similar to equivalent bipolar schottky ttl while maintaining cmos low power dissipation. the internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. the device input is compatible with ttl ? type input thresholds and the output has a full 5 v cmos level output swing. the input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic ? level translator from 3 v cmos logic to 5 v cmos logic or from 1.8 v cmos logic to 3 v cmos logic while operating at the high ? voltage power supply. the mc74vhc1gt50 input structure provides protection when voltages up to 7 v are applied, regardless of the supply voltage. this allows the mc74vhc1gt50 to be used to interface high voltage to low voltage circuits. the output structures also provide protection when v cc = 0 v. these input and output structures help prevent device destruction caused by supply voltage ? input/output voltage mismatch, battery backup, hot insertion, etc. features ? designed for 1.65 v to 5.5 v cc operation ? high speed: t pd = 3.5 ns (typ) at v cc = 5 v ? low power dissipation: i cc = 1  a (max) at t a = 25 c ? ttl ? compatible inputs: v il = 0.8 v; v ih = 2.0 v, v cc = 5 v ? cmos ? compatible outputs: v oh > 0.8 v cc ; v ol < 0.1 v cc @load ? power down protection provided on inputs and outputs ? balanced propagation delays ? pin and function compatible with other standard logic families ? chip complexity: fets = 104; equivalent gates = 26 ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable ? these devices are pb ? free and are rohs compliant figure 1. pinout (top view) in a out y 1 v cc nc in a out y gnd figure 2. logic symbol 1 2 34 5 pin assignment 1 2 3 gnd nc in a 4 5v cc out y see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ordering information function table l h a input y output l h sc ? 88a / sot ? 353 / sc ? 70 df suffix case 419a tsop ? 5 / sot ? 23 / sc ? 59 dt suffix case 483 marking diagrams http://onsemi.com 1 5 1 5 1 5 vl m   vl = device code m = date code*  = pb ? free package 1 5 vl m   m *date code orientation and/or position may vary depending upon manufacturing location. (note: microdot may be in either location)
mc74vhc1gt50 http://onsemi.com 2 maximum ratings symbol characteristics value unit v cc dc supply voltage ? 0.5 to +7.0 v v in dc input voltage ? 0.5 to +7.0 v v out dc output voltage v cc = 0 high or low state ? 0.5 to 7.0 ? 0.5 to v cc + 0.5 v i ik input diode current ? 20 ma i ok output diode current v out < gnd; v out > v cc +20 ma i out dc output current, per pin +25 ma i cc dc supply current, v cc and gnd +50 ma p d power dissipation in still air sc ? 88a, tsop ? 5 200 mw  ja thermal resistance sc ? 88a, tsop ? 5 333 c/w t l lead temperature, 1 mm from case for 10 secs 260 c t j junction temperature under bias +150 c t stg storage temperature ? 65 to +150 c v esd esd withstand voltage human body model (note 1) machine model (note 2) charged device model (note 3) > 2000 > 200 n/a v i latchup latchup performance above v cc and below gnd at 125 c (note 4) 500 ma stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. tested to eia/jesd22 ? a114 ? a 2. tested to eia/jesd22 ? a115 ? a 3. tested to jesd22 ? c101 ? a 4. tested to eia/jesd78 recommended operating conditions symbol characteristics min max unit v cc dc supply voltage 1.65 5.5 v v in dc input voltage 0.0 5.5 v v out dc output voltage v cc = 0 high or low state 0.0 0.0 5.5 v cc v t a operating temperature range ? 55 +125 c t r , t f input rise and fall time v cc = 3.3 v 0.3 v v cc = 5.0 v 0.5 v 0 0 100 20 ns/v device junction temperature versus time to 0.1% bond failures junction temperature c time, hours time, years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 1 1 10 100 1000 time, years normalized failure rate t j = 80 c t j = 90 c t j = 100 c t j = 110 c t j = 130 c t j = 120 c failure rate of plastic = ceramic until intermetallics occur figure 3. failure rate vs. time junction temperature
mc74vhc1gt50 http://onsemi.com 3 dc electrical characteristics v cc t a = 25 c t a 85 c ? 55 t a 125 c symbol parameter test conditions (v) min typ max min max min max unit v ih minimum high ? level input voltage 1.65 to 2.29 2.3 to 2.99 3.0 4.5 5.5 0.50 v cc 0.45 v cc 1.4 2.0 2.0 0.50 v cc 0.45 v cc 1.4 2.0 2.0 0.50 v cc 0.45 v cc 1.4 2.0 2.0 v v il maximum low ? level input voltage 1.65 to 2.29 2.3 to 2.99 3.0 4.5 5.5 0.10 v cc 0.15 v cc 0.53 0.8 0.8 0.10 v cc 0.15 v cc 0.53 0.8 0.8 0.10 v cc 0.15 v cc 0.53 0.8 0.8 v v oh minimum high ? level output voltage v in = v ih i oh = ? 50  a 1.65 to 2.99 3.0 4.5 v cc ? 0.1 2.9 4.4 3.0 4.5 v cc ? 0.1 2.9 4.4 v cc ? 0.1 2.9 4.4 v v in = v ih i oh = ? 4 ma i oh = ? 8 ma 3.0 4.5 2.58 3.94 2.48 3.80 2.34 3.66 v v ol maximum low ? level output voltage v in = v il i ol = 50  a 1.65 to 2.99 3.0 4.5 0.0 0.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v il i ol = 4 ma i ol = 8 ma 3.0 4.5 0.36 0.36 0.44 0.44 0.52 0.52 v i in maximum input leakage current v in = 5.5 v or gnd 0 to 5.5  0.1  1.0  1.0  a i cc maximum quiescent supply current v in = v cc or gnd 5.5 1.0 20 40  a i cct quiescent supply current input: v in = 3.4 v 5.5 1.35 1.50 1.65 ma i opd output leakage current v out = 5.5 v 0.0 0.5 5.0 10  a ????????????????????????????????? ????????????????????????????????? ac electrical characteristics c load = 50 pf, input t r = t f = 3.0 ns ???? ???? ???? symbol ?????? ?????? ?????? ?????????? ?????????? ?????????? ??????? ??????? c ???? ???? 85 c ?????? ?????? ? 55 t a 125 c ?? ?? ?? ??? ??? ??? ??? ??? ??? ?? ?? ??? ??? ??? ??? ???? ???? t plh , t phl maximum propagation delay, input a to y v cc = 1.8 0.15 v c l = 15 pf 16.6 18.0 22.0 ns v cc = 2.5 0.2 v c l = 15 pf c l = 50 pf 13.3 19.5 14.5 22.0 17.5 25.5 ns v cc = 3.3 0.3 v c l = 15 pf c l = 50 pf 4.5 6.3 10.0 13.5 11.0 15.0 13.0 17.5 ns v cc = 5.0 0.5 v c l = 15 pf c l = 50 pf 3.5 4.3 6.7 7.7 7.5 8.5 8.5 9.5 c in maximum input capacitance 5 10 10 10 pf c pd power dissipation capacitance (note 5) typical @ 25 c, v cc = 5.0 v pf 12 5. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc . c pd is used to determine the no ? load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
mc74vhc1gt50 http://onsemi.com 4 gnd 50% 50% v cc a y t phl t plh *includes all probe and jig capacitance c l * test point device under test output figure 4. switching waveforms figure 5. test circuit v oh v ol v cc ordering information device package shipping ? m74vhc1gt50dft1g sc ? 88a / sot ? 353 / sc ? 70 (pb ? free) 3000 / tape & reel NLVVHC1GT50DFT1G* m74vhc1gt50dft2g nlvvhc1gt50dft2g* m74vhc1gt50dtt1g tsop ? 5 / sot ? 23 / sc ? 59 (pb ? free) ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable.
mc74vhc1gt50 http://onsemi.com 5 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419a ? 01 obsolete. new standard 419a ? 02. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h --- 0.10 --- 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 12 3 4 5 a g s d 5 pl h c n j k ? b ? sc ? 88a (sc ? 70 ? 5/sot ? 353) case 419a ? 02 issue k
mc74vhc1gt50 http://onsemi.com 6 package dimensions tsop ? 5 case 483 ? 02 issue h notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. 5. optional construction: an additional trimmed lead is allowed in this location. trimmed lead not to extend more than 0.2 from body. dim min max millimeters a 3.00 bsc b 1.50 bsc c 0.90 1.10 d 0.25 0.50 g 0.95 bsc h 0.01 0.10 j 0.10 0.26 k 0.20 0.60 l 1.25 1.55 m 0 10 s 2.50 3.00 123 54 s a g l b d h c j  0.7 0.028 1.0 0.039  mm inches  scale 10:1 0.95 0.037 2.4 0.094 1.9 0.074 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.20 5x c ab t 0.10 2x 2x t 0.20 note 5 t seating plane 0.05 k m detail z detail z on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mc74vhc1gt50/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NLVVHC1GT50DFT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X