Part Number Hot Search : 
PIC16F RF107 2SD1246 107AF SD230 IONAL 8F400S UPD44
Product Description
Full Text Search
 

To Download MTN4N60FI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c408fi issued date : 2012.09.10 revised date : page no. : 1/ 10 MTN4N60FI cystek product specification n-channel enhancement mode power mosfet bv dss : 600v r ds(on) : 2.1 (typ.) i d : 4a MTN4N60FI description the MTN4N60FI is a n-channel enhancement-mode mosfet, providing the designer with the best combination of fast switching, ruggedized device de sign, low on-resistance and cost effectiveness. the to-262 package is universally preferred for all commercial-industrial applications features ? low on resistance ? simple drive requirement ? low gate charge ? fast switching characteristic ? rohs compliant package applications ? open framed power supply ? adapter ? stb symbol outline MTN4N60FI to-262 g gate d drain s source g d s
cystech electronics corp. spec. no. : c408fi issued date : 2012.09.10 revised date : page no. : 2/ 10 MTN4N60FI cystek product specification absolute maximum ratings (t c =25 c) parameter symbol limits unit drain-source voltage v ds 600 v gate-source voltage v gs 30 v continuous drain current i d 4* a continuous drain current @t c =100c i d 2.4* a pulsed drain current @ v gs =10v (note 1) i dm 16* a single pulse avalanche energy (note 2) e as 69.8 mj avalanche current (note 1) i ar 4 a repetitive avalanche energy (note 1) e ar 10 mj peak diode recovery dv/dt (note 3) dv/dt 4.5 v/ns maximum temperature for solder ing @ lead at 0.125 in(0.318mm) from case for 10 seconds t l 300 c maximum temperature for soldering @ package body for 10 seconds t pkg 260 c w total power dissipation (t c =25 ) linear derating factor pd 100 0.8 w/ c operating junction and storage temperature tj, tstg -55~+150 c *drain current limited by maximum junction temperature note : 1 . repetitive rating; pulse width limited by maximum junction temperature. 2 . i as =4a, v dd =50v, l=8mh, v g =10v, starting tj=+25 . 3 . i sd 4a, di/dt 100a/ s, v dd bv dss , starting tj=+25 . thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 1.25 c/w thermal resistance, junction-to-ambient, max r th,j-a 62.5 c/w
cystech electronics corp. spec. no. : c408fi issued date : 2012.09.10 revised date : page no. : 3/ 10 MTN4N60FI cystek product specification characteristics (t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 600 - - v v gs =0, i d =250 a, tj=25 ? bv dss / ? tj - 0.6 - v/ c reference to 25c, i d =250 a v gs(th) 2.0 - 4.0 v v ds = v gs , i d =250 a *g fs - 3 - s v ds =15v, i d =2a i gss - - 100 na v gs = 30 - - 1 a v ds =600v, v gs =0 i dss - - 10 a v ds =480v, v gs =0, tj=125 c *r ds(on) - 2.1 2.5 v gs =10v, i d =2a dynamic *qg - 16 - *qgs - 3.2 - *qgd - 6.2 - nc i d =4a, v dd =300v, v gs =10v *t d(on) - 9.6 - *tr - 12.2 - *t d(off) - 22.3 - *t f - 14.8 - ns v dd =300v, i d =4a, v gs =10v, r g =10 ciss - 700 - coss - 86 - crss - 20 - pf v gs =0v, v ds =25v, f=1mhz source-drain diode *v sd - - 1.5 v i s =4a, v gs =0v *i s - - 4 *i sm - - 16 a *trr - 300 - ns *qrr - 2.6 - c v gs =0, i f =4a, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2%
cystech electronics corp. spec. no. : c408fi issued date : 2012.09.10 revised date : page no. : 4/ 10 MTN4N60FI cystek product specification typical characteristics typical output characteristics 0 2 4 6 8 10 0 102030405060 drain-source voltage -v ds (v) drain current - i d (a) v gs =4.5v 15v 10v 9v 7v 5v 5.5v 6v static drain-source on-resistance vs ambient temperature 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 -100 -50 0 50 100 150 ambient temperature-ta(c) static drain-source on-state resistance-r ds(on) () i d =2a, v gs =10v static drain-source on-state resistance vs drain current 1.5 2 2.5 3 3.5 4 0.1 1 10 drain current-i d (a) static drain-source on-state resistance-r ds(on) () v gs =10v drain current vs gate-source voltage 0 2 4 6 8 10 0 5 10 15 20 gate-source voltage-vgs(v) drain current-i d(on) (a) ta=25c v ds =10v v ds =30v static drain-source on-state resistance vs gate-source voltage 0 1 2 3 4 5 6 7 8 9 10 468101 2 body diode forward voltage variation vs source current and temperature 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 source drain voltage -v sd (v) reverse drain current-i dr (a) v gs =0v ta=25c ta=150c gate-source voltage-v gs (v) static drain-source on-state resistance-r ds(on) () ta=25c i d =2a
cystech electronics corp. spec. no. : c408fi issued date : 2012.09.10 revised date : page no. : 5/ 10 MTN4N60FI cystek product specification typical characteristics(cont.) capacitance vs reverse voltage 10 100 1000 10000 0 5 10 15 20 25 30 drain-to-source voltage-v ds (v) capacitance-(pf) ciss coss crss f=1mhz brekdown voltage vs ambient temperature 600 650 700 750 800 -100 -50 0 50 100 150 200 ambient temperature-tj(c) drain-source breakdown voltage bv dss (v) i d =250a, v gs =0v maximum safe operating area 0.01 0.1 1 10 100 1 10 100 1000 drain-source voltage -v ds (v) drain current --- i d (a) operation in this area is limited by rds(on) dc 10ms 100ms 1ms 100 s 10 single pulse tc=25c; tj=150c gate charge characteristics 0 2 4 6 8 10 12 0 5 10 15 20 total gate charge---qg(nc) gate-source voltage---v gs (v) i d =4a v ds =120v v ds =300v v ds =480v maximum drain current vs case temperature 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 25 50 75 100 125 150 175 case temperature---t c (c) maximum drain current---i d (a)
cystech electronics corp. spec. no. : c408fi issued date : 2012.09.10 revised date : page no. : 6/ 10 MTN4N60FI cystek product specification typical characteristics(cont.) transient thermal response curves 0.001 0.01 0.1 1 10 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 t 1 , square wave pulse duration(s) z jc (t), thermal response single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.z jc (t)=1.25c/w max. 2.duty factor, d=t 1 /t 2 3.t jm -t c =p dm *z jc (t)
cystech electronics corp. spec. no. : c408fi issued date : 2012.09.10 revised date : page no. : 7/ 10 MTN4N60FI cystek product specification test circuits and waveforms
cystech electronics corp. spec. no. : c408fi issued date : 2012.09.10 revised date : page no. : 8/ 10 MTN4N60FI cystek product specification test circuits and waveforms(cont.)
cystech electronics corp. spec. no. : c408fi issued date : 2012.09.10 revised date : page no. : 9/ 10 MTN4N60FI cystek product specification to-262 dimension *typical millimeters inches millimeters marking: inches dim min. max. min. max. dim min. max. min. max. a 4.40 4.80 0.1732 0.1890 c2 1.25 1.45 0.0492 0.0571 b 0.76 1.00 0.0299 0.0394 b2 1.17 1.47 0.0461 0.0579 d 8.60 9.00 0.3386 0.3543 l 13.25 14.25 0.5217 0.5610 c 0.36 0.50 0.0142 0.0197 e 2.54 ref 0.1000 ref e 9.80 10.40 0.3858 0.4094 l2 1.27 ref 0.0500 ref notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance . style: pin 1.gate 2.drain 3.source 3-lead to-262 plastic package cystek package code: fi date code device name 4n60 1 2 3


▲Up To Search▲   

 
Price & Availability of MTN4N60FI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X