Part Number Hot Search : 
LBN8005A OPI2152 BDY27 MK316B A2000 RTL810 BCR16 02600
Product Description
Full Text Search
 

To Download MTB04N03AQ8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c889q8 issued date : 2013.12.02 revised date : page no. : 1/9 MTB04N03AQ8 cystek product specification n-channel logic level enhancement mode power mosfet MTB04N03AQ8 bv dss 30v i d @ v gs =10v 20a r dson @v gs =10v, i d =18a 4.4m (typ) r dson @v gs =4.5v, i d =12a 5.8m (typ) features ? single drive requirement ? low on-resistance ? fast switching characteristic ? dynamic dv/dt rating ? repetitive avalanche rated ? pb-free lead plating and halogen-free package symbol outline MTB04N03AQ8 sop-8 pin 1 g gate d drain ssource ordering information device package shipping sop-8 (pb-free lead plating and halogen-free package) 2500 pcs / tape & reel MTB04N03AQ8-0-t3-g environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, t3 : 2500 pc s / tape & reel, 13? reel product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c889q8 issued date : 2013.12.02 revised date : page no. : 2/9 MTB04N03AQ8 cystek product specification absolute maximum ratings (ta=25 c) parameter symbol limits unit drain-source voltage v ds 30 gate-source voltage v gs 20 v continuous drain current @ t c =25 c, v gs =10v 20 continuous drain current @ t c =100c, v gs =10v i d 12.6 continuous drain current @ t a =25 c, v gs =10v 14 continuous drain current @ t a =70 c, v gs =10v i dsm 11 pulsed drain current i dm 100 *1 avalanche current i as 20 a avalanche energy @ l=2mh, i d =20a, v dd =25v e as 400 *2 mj t c =25 5 t c =100 p d 2 t a =25 2.5 *3 total power dissipation t a =70 p dsm 1.6 *3 w operating junction and storage temp erature range tj, tstg -55~+150 c thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 25 c/w thermal resistance, junction-to-ambient, max r th,j-a 50 *3 c/w note : 1. pulse width limited by maximum junction temperature 2. duty cycle 1% 3. surface mounted on 1 in2 copper pad of fr-4 board, 125 c/w when mounted on minimum copper pad characteristics (t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 30 - - v v gs =0, i d =250 a v gs(th) 1.0 2.0 2.5 v v ds = v gs , i d =250 a g fs *1 - 37 - s v ds =5v, i d =18a i gss - - 100 na v gs = 20 - - 1 v ds =30v, v gs =0 i dss - - 25 a v ds =30v, v gs =0, tj=125 c - 4.4 6 m v gs =10v, i d =18a r ds(on) *1 - 5.8 8 m v gs =4.5v, i d =12a dynamic ciss - 2394 - coss - 494 - crss - 281 - pf v gs =0v, v ds =15v, f=1mhz
cystech electronics corp. spec. no. : c889q8 issued date : 2013.12.02 revised date : page no. : 3/9 MTB04N03AQ8 cystek product specification characteristics (t c =25 c, unless otherwise specified) symbol min. typ. max. unit test conditions qg (v gs =10v) *1, 2 - 46 - qg (v gs =4.5v) *1, 2 - 26 - qgs *1, 2 - 8 - qgd *1, 2 - 13 - nc v ds =15v, v gs =10v, i d =18a t d(on) *1, 2 - 11 - tr *1, 2 - 12 - t d(off) *1, 2 - 43 - t f *1, 2 - 17 - ns v ds =15v, i d =1a, v gs =10v, r gs =2.7 rg - 1.5 - v gs =15mv, v ds =0v, f=1mhz source-drain diode i s *1 - - 10 i sm *3 - - 40 a v sd *1 - 0.81 1.2 v i s =18a, v gs =0v trr - 36 - ns qrr - 16 - nc i f =i s , di f /dt=100a/ s note : *1.pulse test : pulse width 300 s, duty cycle 2% *2.independent of operating temperature *3.pulse width limited by maximum junction temperature.
cystech electronics corp. spec. no. : c889q8 issued date : 2013.12.02 revised date : page no. : 4/9 MTB04N03AQ8 cystek product specification typical characteristics typical output characteristics 0 20 40 60 80 100 120 140 160 0246810 v ds , drain-source voltage(v) i d , drain current(a) 10v, 9v, 8v, 7v, 6v, 5v v gs =4v v gs =3 v brekdown voltage vs ambient temperature 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) bv dss , normalized drain-source breakdown voltage i d =250 a, v gs =0v static drain-source on-state resistance vs drain current 1 10 100 1000 0.1 1 10 100 i d , drain current(a) r ds(on) , static drain-source on-state resistance(m) v gs =10v v gs = 3v v gs =4.5v reverse drain current vs source-drain voltage 0.2 0.4 0.6 0.8 1 1.2 024681 i dr , reverse drain current(a) v sd , source-drain voltage(v) 0 tj=25c tj=150c static drain-source on-state resistance vs gate-source voltage 0 10 20 30 40 50 60 70 80 90 100 024681 0 drain-source on-state resistance vs junction tempearture 0 0.4 0.8 1.2 1.6 2 2.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) r ds(on) , normalized static drain- source on-state resistance v gs =10v, i d =18a r dson @tj=25c : 4.4m typ. v gs , gate-source voltage(v) r ds(on) , static drain-source on- state resistance(m) i d =18a
cystech electronics corp. spec. no. : c889q8 issued date : 2013.12.02 revised date : page no. : 5/9 MTB04N03AQ8 cystek product specification typical characteristics(cont.) capacitance vs drain-to-source voltage 100 1000 10000 0.1 1 10 100 v ds , drain-source voltage(v) capacitance---(pf) c oss ciss crss threshold voltage vs junction tempearture 0.4 0.6 0.8 1 1.2 1.4 -75 -50 -25 0 25 50 75 100 125 150 175 tj, junction temperature(c) v gs(th) , normalized threshold voltage i d =250 a i d =1ma forward transfer admittance vs drain current 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 100 i d , drain current(a) g fs , forward transfer admittance(s) v ds =5v pulsed ta=25c gate charge characteristics 0 2 4 6 8 10 0 102030405060 qg, total gate charge(nc) v gs , gate-source voltage(v) v ds =15v i d =18a maximum safe operating area 0.01 0.1 1 10 100 1000 0.1 1 10 100 v ds , drain-source voltage(v) i d , drain current(a) dc 10ms 100m 1ms 100 s 10 s r ds( on ) li m i t t a =25c, tj=150c v gs =10v, r ja =50c/w single pulse maximum drain current vs case temperature 0 5 10 15 20 25 25 50 75 100 125 150 175 t c , case temperature(c) i d , maximum drain current(a) v gs =10v, r jc =25c/w
cystech electronics corp. spec. no. : c889q8 issued date : 2013.12.02 revised date : page no. : 6/9 MTB04N03AQ8 cystek product specification typical characteristics(cont.) typical transfer characteristics 0 10 20 30 40 50 60 70 80 90 100 012345 v gs , gate-source voltage(v) i d , drain current (a) v ds =10v single pulse power rating, junction to ambient (note on page 2) 0 20 40 60 80 100 0.0001 0.001 0.01 0.1 1 10 pulse width(s) power (w) t j( m ax) =150c t a =25c ja =50c/w transient thermal response curves 0.001 0.01 0.1 1 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 t 1 , square wave pulse duration(s) r(t), normalized effective transient thermal resistance single pulse 0.01 0.02 0.05 0.1 0.2 d=0.5 1.r ja (t)=r(t)*r ja 2.duty factor, d=t1/t2 3.t jm -t a =p dm *r ja (t) 4.r ja =50c/w
cystech electronics corp. spec. no. : c889q8 issued date : 2013.12.02 revised date : page no. : 7/9 MTB04N03AQ8 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c889q8 issued date : 2013.12.02 revised date : page no. : 8/9 MTB04N03AQ8 cystek product specification recommended wave soldering condition soldering time product peak temperature pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak 10-30 seconds 20-40 seconds temperature(tp) ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c889q8 issued date : 2013.12.02 revised date : page no. : 9/9 MTB04N03AQ8 cystek product specification sop-8 dimension millimeters inches millimeters inches marking: 8-lead sop-8 plastic package cystek packa g e code: q8 date code device name b04 n03a dim min. max. min. max. dim min. max. min. max. a 1.350 1.750 0.053 0.069 e 3.800 4.000 0.150 0.157 a1 0.100 0.250 0.004 0.010 e1 5.800 6.200 0.228 0.244 a2 1.350 1.550 0.053 0.061 e 1.270 (bsc) 0.050 (bsc) b 0.330 0.510 0.013 0.020 l 0.400 1.270 0.016 0.050 c 0.170 0.250 0.006 0 8 0 8 0.010 d 4.700 5.100 0.185 0.200 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTB04N03AQ8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X