Part Number Hot Search : 
86CK74 TK71315 L7981 1M1BC3P FN2330 AD9230 TR1602B TR1602B
Product Description
Full Text Search
 

To Download MSP50A-M389A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  msp5.0a vishay general semiconductor document number: 88487 revision: 16-jun-09 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 new product surface mount t rans z orb ? transient voltage suppressors typical applications use in sensitive electronics protection against voltage transients induced by indu ctive load switching and lighting on ics, mosfet, signal lines of sensor units specifically for protecting 5.0 v supplied sensitive equipment against transient overvoltages. features ? very low profile - typical height of 0.65 mm ? ideal for automated placement ? oxide planar chip junction ? uni-directional polarity only ? peak pulse power: 100 w (10/1000 s) ? esd capability: 15 kv (air), 8 kv (contact) ? meets msl level 1, per j-std-020c, lf maximum peak of 260 c ? solder dip 265 c max. 10 s, per jesd 22-a111 ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to iec 61249-2-21 definition ? find out more about vishay?s automotive grade product requirements at: www.vishay.com/applications mechanical data case: microsmp molding compound meets ul 94 v-0 flammability rating base p/n-m3 - halogen-free and rohs compliant, commercial grade base p/nhm3 - halogen-free and rohs compliant, automotive grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 m3 suffix meets jesd 201 class 1a whisker test, hm3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes the cathode end notes (1) non-repetitive current pulse, per fig. 1 (2) mounted on 6.0 mm x 6.0 mm copper pads to each terminal primary characteristics v wm 5.0 v p ppm 100 w i fsm 25 a t j max. 150 c top view bottom view microsmp esmp tm series maximum ratings (t a = 25 c unless otherwise noted) parameter symbol value unit peak pulse power dissipation (1)(2) p ppm 100 w peak pulse current with a 10/1000 s waveform (fig. 1) i ppm 10.9 a non repetitive peak forward surge cu rrent 10 ms single half sine-wave (2) i fsm 25 a power dissipation t l = 120 c (2) p d 1.0 w operating junction and storage temperature range t j , t stg - 55 to + 150 c
new product msp5.0a vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88487 revision: 16-jun-09 2 notes (1) pulse test: t p 50 ms (2) surge current waveform per fig. 1 and derate per fig. 2 note (1) thermal resistance from junction to ambi ent and junction to lead mounted on p.c.b. with 6.0 mm x 6.0 mm copper pad areas. r jl is measured at the terminal of cathode band. notes (1) immunity to iec-61000-4-2 air discharge mo de has a typical performance > 30 kv (2) system esd standard note (1) automotive grade electrical characteristics (t a = 25 c unless otherwise noted) device type device marking code breakdown voltage v br at i t (1) (v) test current i t (ma) stand-off voltage v wm (v) maximum reverse leakage at v wm i d (a) maximum clamping voltage (2) v c (v) at i ppm (a) 10/1000 s maximum clamping voltage (2) v c (v) at i ppm (a) 8/20 s min. max. msp5.0a ae 6.40 7.07 10 5.0 100 9.2 10.9 14.5 57 thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol value unit typical thermal resistance (1) r ja r jl 125 30 c/w immunity to static electrical di scharge to the following standards (t a = 25 c unless otherwise noted) standard test type test conditions symbol class value aec-q101-001 human body model (contact mode) c = 100 pf, r = 1.5 k v c h3b > 8 kv iec-61000-4-2 (2) human body model (air discharge mode) (1) c = 150 pf, r = 150 4 > 15 kv ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode msp5.0a-e3/89a 0.006 89a 4500 7" diameter plastic tape and reel msp5.0ahe3/89a (1) 0.006 89a 4500 7" diameter plastic tape and reel msp5.0a-m3/89a 0.006 89a 4500 7" diameter plastic tape and reel msp5.0ahm3/89a (1) 0.006 89a 4500 7" diameter plastic tape and reel
new product msp5.0a vishay general semiconductor document number: 88487 revision: 16-jun-09 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 ratings and characteristics curves (t a = 25 c unless otherwise noted) figure 1. pulse waveform figure 2. peak pulse power rating curve figure 3. relative variation of leakage current vs. junction temperature 0 0 50 100 150 1.0 2.0 3.0 4.0 t r = 10 s t r = 8 s t d = 1000 s t d = 20 s peak v al u e i ppm half v al u e - i ppm i pp 2 t d i ppm - peak p u lse c u rrent, % i rsm t - time (ms) t j = 25 c p u lse w idth (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm 0.1 0.01 0.1 1 10 100 1 10 100 1000 10 000 p ppm - peak p u lse po w er (k w ) t d - p u lse w idth ( s) 40 30 20 10 0 25 50 75 100 125 150 re v erse leakage c u rrent ( a) t j - j u nction temperat u re (c) figure 4. typical peak forward voltage drop vs. peak forward current figure 5. typical junction capacitance figure 6. typical transient thermal impedance 10 100 1 0.1 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 v f - for w ard v oltage drop ( v ) peak for w ard c u rrent (a) t j = 150 c t j = 25 c 200 300 400 500 600 700 8 00 1 0234 re v erse v oltage ( v ) c j - j u nction capacitance (pf) 1000 100 10 1 0.1 0.01 1 10 100 1000 t - p u lse d u ration (s) transient thermal imped ance ( c/ w )
new product msp5.0a vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88487 revision: 16-jun-09 4 package outline dimensions in inches (millimeters) 0.020 (0.50) 0.043 (1.10) 0.106 (2.70) 0.091 (2.30) 0.055 (1.40) 0.047 (1.20) 0.011 (0.27) 0.005 (0.12) 0.079 (2.00) 0.032 (0. 8 0) 0.032 (0. 8 0) mountin g pad layout cathode band microsmp 0.030 (0.75) 0.022 (0.55) 0.030 (0.75) 0.022 (0.55) 0.059 (1.50) 0.043 (1.10) 0.039 (0.9 8 ) 0.031 (0.7 8 ) 0.091 (2.30) 0.0 8 3 (2.10) 0.029 (0.73) 0.025 (0.63)
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of MSP50A-M389A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X