Part Number Hot Search : 
GRM31C CAT525 TA114 VPC3205C BUX77A 3KP54 BZX84C4 1TRLP
Product Description
Full Text Search
 

To Download MCR2080A-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mcr2080(a) series silicon controlled rectifiers available non-rohs (standard) or rohs compliant (add pbf suffix). available as ?hr? (high reliability) screened per mil-prf- 19500, jantx level. add ?hr? suffix to base part number. maximum ratings rating symbol value unit repetitive peak off-state voltage (1) peak repetitive reverse voltage mcr2080(a)-4 mcr2080(a)-5 mcr2080(a)-6 mcr2080(a)-7 mcr2080(a)-8 mcr2080(a)-9 mcr2080(a)-10 v rrm v drm 200 300 400 500 600 700 800 volts forward current rms (all conduction angles) i t(rms) 8.0 amps peak forward surge current (1/2 cycle, sine wave, 60 hz) i tsm 90 amps circuit fusing considerations (t = 8.3ms) i 2 t 34 a 2 s forward peak gate power p gm 5.0 watts forward average gate power p g(av) 0.5 watts operating junction temperature range t j -40 to +125 c storage temperature range t stg -40 to +150 c note 1: v rrm for all types can be applied on a continuous dc basis without incurring damage. ratings apply for zero or negative gate voltag e. devices should not be tested for blocking capability in a manner such that the voltage supplied exceeds the rated blocking voltage. thermal characteristics characteristic symbol maximum unit thermal resistance, junction to case r ? jc 2.0 c/w electrical characteristics (t c = 25c unless otherwise noted) characteristic symbol min typ. max unit peak forward blocking current (rated v drm @ t j = 125c) i drm - - 3.0 ma peak reverse blocking current (rated v rrm @ t j = 125c) i rrm - - 3.0 ma peak on-state voltage (2) (i tm = 10a peak) (i tm = 16a peak) v tm - - - - 3.0 4.0 volts gate trigger current (continuous dc) (v d = 7.0v, r l = 100 ) i gt - - 50 ma gate trigger voltage (continuous dc) (v d = 7.0v, r l = 100 ) v gt - - 2.5 volts holding current (v d = 7.0v, r l = 100 ) i h - - 100 ma turn-off time (v drm = rated voltage) (i tm = 5.0a, di/dt = 5.0a/s, reapplied dv/dt = 50v/s) mcr2080 mcr2080a t q - - - - 10 6.0 s forward voltage application rate dv/dt 100 150 - v/s note 2: pulse test: pulse width = 1.0ms, duty cycle 2%. sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130128
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mcr2080(a) series silicon controlled rectifiers mechanical characteristics case to-220ab marking alpha-numeric pin out see below to-220ab inches millimeters min max min max a 0.575 0.620 14.600 15.750 b 0.380 0.405 9.650 10.290 c 0.160 0.190 4.060 4.820 d 0.025 0.035 0.640 0.890 f 0.142 0.147 3.610 3.730 g 0.095 0.105 2.410 2.670 h 0.110 0.155 2.790 3.930 j 0.014 0.022 0.360 0.560 k 0.500 0.562 12.700 14.270 l 0.045 0.055 1.140 1.390 n 0.190 0.210 4.830 5.330 q 0.100 0.120 2.540 3.040 r 0.080 0.110 2.040 2.790 s 0.045 0.055 1.140 1.390 t 0.235 0.255 5.970 6.480 u - 0.050 - 1.270 v 0.045 - 1.140 - z - 0.080 - 2.030 sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130128
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mcr2080(a) series silicon controlled rectifiers sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130128


▲Up To Search▲   

 
Price & Availability of MCR2080A-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X