Part Number Hot Search : 
4100M MC33171 78L12 TMG5D80H 302UR100 T1010 SA8281 SK210
Product Description
Full Text Search
 

To Download L4938NND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is advanced information on a new product now in development or undergoing evaluation. details are subject to change withou t notice. l4938n/nd l4938npd april 1999 dual multifunction voltage regulator ? . standby output voltage precision 5v 2% . output 2 tracked to the standby out- put . output 2 disable function for standby mode . very low quiescent current, less than 250 m a, in standby mode . output 2 voltage settable from 5 to 20v . output currents : i 01 = 50ma, i 02 = 500ma . very low dropout (max 0.4v/0.6v) . operating transient supply voltage up to 40v . power-on reset circuit sensing the standby output voltage . power-on reset delay pulse defined by the external capacitor . early warning output for supply un- dervoltage . thermal shutdown and short circuit protections powerdip (12+2+2) ordering numbers: l4938n (pdip) l4938nd (so) l4938npd (pso20) description the l4938n is a monolithic integrated dual voltage regulators with two very low dropout outputs and ad- ditional functions such as power-on reset and input voltage sense. they are designed for supplying mi- crocomputer controlled systems specially in auto- motive applications. pin connection (top view) so20 (12+4+4) n.c. ct en gnd gnd so res 1 3 2 4 5 6 7v o2 gnd v o2 gnd v s2 v s1 si 16 15 14 13 12 10 11 d95at156 v o1 8 adj 9 powerdip n.c. c7 en gnd gnd gnd gnd res so v s1 v s2 gnd gnd gnd gnd v o2 v o2 adj 1 3 2 4 5 6 7 8 9 18 17 16 15 14 12 13 11 19 10 20 v o1 si d93at004 so20 powerso20 gnd n.c. n.c. v s2 v s1 n.c. si ct en n.c. gnd 10 8 9 7 6 5 4 3 2 13 14 15 16 17 19 18 20 12 1 11 gnd d95at169a n.c. reset v o1 so adj v o2 n.c. gnd powerso20 1/12 obsolete product(s) - obsolete product(s)
block diagram reg1 1.23v reference reg2 reset 2.0v 1.23v 1.23v sense (optional) v s1 v s2 en si so res ct adj v o2 v o1 gnd d94at143a 2 m thermal data symbol parameter powerdip powerso20 so20 unit r thj-case r thj-amb thermal resistance junction-case max. thermal resistance junction-ambient max. 14 90 < 2 C C 20 c/w c/w l4938n - l4938nd - l4938npd 2/12 obsolete product(s) - obsolete product(s)
absolute maximum ratings symbol parameter value unit v s dc supply voltage 28 v transient supply voltage (t < 1s) 40 v t j , t stg junction and storage temperature range C55 to 150 c i si sense input current (v si 0.3v or v si > v s ) 1 ma i en enable input current (v en 0.3v) 1 ma v en enable input voltage v s v res , v so reset and sense output voltage 20 v i res , i so reset and sense output current 5 ma p d power dissipation 875 mw reg1 1.23v reference reg2 reset 2.0v 1.23v 1.23v sense (optional) v s1 v s2 en si so res ct adj v o2 v o1 gnd d94at144a c s ct c o2 c o1 r res r so 2 m v o1 application circuit c s 3 1 m f ; c 01 3 6 m f ; c 02 3 10 m f, esr < 10 w at 10khz note : the circuit is esd protected according to milCstdC883c. l4938n - l4938nd - l4938npd 3/12 obsolete product(s) - obsolete product(s)
electrical characteristics (v s = 14v; C40 c t j 125 c unless otherwise specified) symbol parameter test conditions min. typ. max. unit v s operating supply voltage 25 v v o1 standby output voltage 6v v s 25v 1ma i o1 50ma 4.90 5.00 5.10 v v o2 - v o1 output voltage 2 tracking error (note 1) 6v v s 25v 5ma i o2 500ma enable = low C25 +25 mv i adj adj input current i o1 = 1ma; i o2 = 5ma C1 0.1 1 m a v dp1 dropout voltage 1 i o1 = 10ma i o1 = 50ma 0.1 0.2 0.25 0.4 v v v io1 input to output voltage difference in undervoltage condition vs = 4v, i o1 = 35ma 0.4 v v dp2 dropout voltage 2 io1 = 100ma i o1 = 500ma 0.2 0.3 0.3 0.6 v v v io2 input to output voltage difference in undervoltage condition vs = 4.6v, i o1 = 350ma 0.6 v v ol 1.2 line regulation 6v v s 25v i o1 = 1ma; i o2 = 5ma 20 mv v olo1 load regulation 1 1ma i o1 50ma 25 mv v olo2 load regulation 2 5ma i o2 500ma 50 mv i lim1 current limit 1 v o1 = 4.5v v o1 = 0v (note 2) 55 25 100 50 200 100 ma ma i lim2 current limit 2 vo2 = 0v 550 1000 1700 ma i qsb quiescent current standby mode (output 2 disabled) i o1 = 0.3ma; t j < 100 c v en 3 2.4v v s = 14v v s = 3.5v 210 340 290 850 m a m a i q quiescent current i o1 = 50ma i o1 = 500ma 30 ma enable v enl enable input low voltage (output 2 active) C0.3 1.5 v v enh enable input high voltage 2.4 7 v v enhyst enable hysteresis 30 75 200 mv i en enable input current 0v < v en < 1.2v 2.5v < v en < 7v C10 C1 C1.5 0 C0.5 +1 m a m a l4938n - l4938nd - l4938npd 4/12 obsolete product(s) - obsolete product(s)
functional description the l4938n is based on the stmicroelectronics modular voltage regulator approach. several out- standing features and auxiliary functions are pro- vided to meet the requirements of supplying the mi- croprocessor systems used in automotive applica- tions. furthermore the device is suitable also in other ap- plications requiring two stabilized voltages. the modular approach allows other features and functions to be realized easily when required. standby regulator the standby regulator uses an isolated collector vertical pnp transistor as the regulating element. this structure allows a very low dropout voltage at currents up to 50ma. the dropout operation of the standby regulator is maintained down to 2v input supply voltage. the output voltage is regulated up to the transient input supply voltage of 40v. this fea- ture avoids functional interruptions which could be generated by overvoltage pulses. the typical curve of the standby output voltage as a function of the input supply voltage is shown in fig. 1. the current consumption of the device (quiescent current) is less than 250 m a when output 2 is dis- abled (standby mode). the dropout voltage is con- trolled to reduce the quiescent current peak in the undervoltage region and to improve the transient response in this region. the quiescent current is shown in fig. 2 as a function of the supply input voltage 2. output 2 voltage the output 2 regulator uses the same output struc- ture as the standby regulator, but rated for an output current of 500ma. the output 2 regulator works in tracking mode with the standby output voltage as a reference voltage when the output 2 programming pin adj is con- nected to v o2 . by connecting a resistor divider r 1 , r 2 to the pin adj as shown in fig. 3, the output volt- age 2 can be programmed to the value : v o2 = v o1 (1 + r 1 /r 2 ) the output 2 regulator can be switched off via the enable input. if a fixed 5 regulation is required adj pin has to be connected to v 02 pin. note : 1 : v o2 connected to adj.v o2 can be set to higher values by inserting an external resistor divider. 2 : foldback characteristic electrical characteristics (continued) reset symbol parameter test conditions min. typ. max. unit v rt reset low threshold voltage v o1 -0.4 4.7 v o1 -0.1 v v rth reset threshold hysteresis 50 100 200 mv t rd reset pulse delay c t = 100nf; t r > 100 m s 55 100 180 mv t rr reset reaction time c t = 100nf 1 10 50 m s v rl reset output low voltage r res = 10k w to v 01 v s = 1.5v 0.4 v i lres reset output high leakage v res = 5v 1 m a v cth delay comparator threshold 2.0 v v cth, hyst delay comparator threshold hysteresis 100 mv sense v slth sense threshold voltage 1.16 1.23 1.35 v v slth, hyst sense threshold hysteresis 40 100 200 mv v sol sense output low voltage v si = 1,16v; v s 3 3v r so = 10k w to v 01 0.4 v i lso sense output leakage v so = 5v; v si 3 1.5v 1 m a l4938n - l4938nd - l4938npd 5/12 obsolete product(s) - obsolete product(s)
figure 2 : quiescent current vs. supply voltage. figure 3 : programmable output 2 voltage with external resistors. figure 1 : output voltage vs. input voltage. 400 m 200 m l4938n - l4938nd - l4938npd 6/12 obsolete product(s) - obsolete product(s)
reset circuit the block circuit diagram of the reset circuit is shown in fig. 4. the reset circuit supervises the standby out- put voltage. the reset threshold of 4.7v is defined by the internal reference voltage and the standby output divider. the reset pulse delay time t rd , is defined by the charge time of an external capacitor c t : c t x 2v t rd = 2 m a the reaction time of the reset circuit depends on the discharge time limitation of the reset capacitor c t and is proportional to the value of c t . the reaction time of the reset circuit increases the noise immunity. in fact, if the standby output voltage drops below the reset threshold for a time shorter than the reaction time t rr , no reset output variation occurs. the nominal reset delay is generated for standby output voltage drops longer than the time necessary for the complete discharging of the ca- pacitor c t . this time is typically equal to 50 m s if c t = 100nf. the typical reset output waveforms are shown in fig. 5. sense comparator this circuit compares an input signal with an internal voltage reference of typically 1.23v. the use of an external voltage divider makes the comparator very flexible in the application. this function can be used to supervise the input voltage - either before or after the protection diode - and to give additional informa- tion to the microprocessor such as low voltage warn- ings. if this feature is not used si and so have to con- nected to gnd. in this case the st-by quiescent cur- rent (14v) increases from 290 m a to 300 m a. figure 4: block diagram of the reset circuit. l4938n - l4938nd - l4938npd 7/12 obsolete product(s) - obsolete product(s)
1.5v figure 5 : typical reset output waveforms. l4938n - l4938nd - l4938npd 8/12 obsolete product(s) - obsolete product(s)
dim. mm inch min. typ. max. min. typ. max. a1 0.51 0.020 b 0.85 1.40 0.033 0.055 b 0.50 0.020 b1 0.38 0.50 0.015 0.020 d 20.0 0.787 e 8.80 0.346 e 2.54 0.100 e3 17.78 0.700 f 7.10 0.280 i 5.10 0.201 l 3.30 0.130 z 1.27 0.050 powerdip 16 outline and mechanical data l4938n - l4938nd - l4938npd 9/12 obsolete product(s) - obsolete product(s)
jedec mo-166 powerso20 e a2 a e a1 pso20mec detail a t d 1 11 20 e1 e2 h x 45 detail a lead slug a3 s gage plane 0.35 l detail b r detail b (coplanarity) gc - c - seating plane e3 b c n n h bottom view e3 d1 dim. mm inch min. typ. max. min. typ. max. a 3.6 0.142 a1 0.1 0.3 0.004 0.012 a2 3.3 0.130 a3 0 0.1 0.000 0.004 b 0.4 0.53 0.016 0.021 c 0.23 0.32 0.009 0.013 d (1) 15.8 16 0.622 0.630 d1 9.4 9.8 0.370 0.386 e 13.9 14.5 0.547 0.570 e 1.27 0.050 e3 11.43 0.450 e1 (1) 10.9 11.1 0.429 0.437 e2 2.9 0.114 e3 5.8 6.2 0.228 0.244 g 0 0.1 0.000 0.004 h 15.5 15.9 0.610 0.626 h 1.1 0.043 l 0.8 1.1 0.031 0.043 n 10? (max.) s t10 0.394 (1) "d and f" do not include mold flash or protrusions. - mold flash or protrusions shall not exceed 0.15 mm (0.006"). - critical dimensions: "e", "g" and "a3" outline and mechanical data 8? (max.) 10 l4938n - l4938nd - l4938npd 10/12 obsolete product(s) - obsolete product(s)
11 0 11 20 a e b d e l k h a1 c so20mec h x 45? so20 dim. mm inch min. typ. max. min. typ. max. a 2.35 2.65 0.093 0.104 a1 0.1 0.3 0.004 0.012 b 0.33 0.51 0.013 0.020 c 0.23 0.32 0.009 0.013 d 12.6 13 0.496 0.512 e 7.4 7.6 0.291 0.299 e 1.27 0.050 h 10 10.65 0.394 0.419 h 0.25 0.75 0.010 0.030 l 0.4 1.27 0.016 0.050 k 0? (min.)8? (max.) outline and mechanical data l4938n - l4938nd - l4938npd 11/12 obsolete product(s) - obsolete product(s)
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsib ility for the conse- quences of use of such information nor for any infringement of patents or other rights of third parties which may result from i ts use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmi- croelectronics products are not authorized for use as critical components in life support devices or systems without express wr itten approval of stmicroelectronics. the st logo is a registered trademark of stmicroelectronics ? 1999 stmicroelectronics C printed in italy C all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the neth erlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. http://www.st.com l4938n - l4938nd - l4938npd 12/12 obsolete product(s) - obsolete product(s)


▲Up To Search▲   

 
Price & Availability of L4938NND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X