Part Number Hot Search : 
TMP86FS B3782 5F2FZ4T2 CS830 D1755 BA6792 H2072Z01 DS2704W
Product Description
Full Text Search
 

To Download KT2016Y13000BGU28TXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? ultra-miniature smd type (2.0 1.6 0.75mm) ? afc function available ? frequency stability :? 2.0 10 - 6 / - 30 to + 85 c ? 1.7 to 3.5v drive available ? refow compatible applications ? 3g (cdma, w-cdma), gprs, gsm how to order kt2016y 26000 d c w 28 t xx series output frequency frequency tolerance b 1.0 10 - 6 c 1.5 10 - 6 d 2.0 10 - 6 lower operating temp. c - 30 c e - 20 c g - 10 c upper operating temp. w + 85 c v + 80 c u + 75 c supply voltage 28 2.8v 30 3.0v voltage control range tcxo t vctcxo customer spec. option code pb free rohs compliant specifcations item symbol conditions min. max. units output frequency range fo standard frequency: 13, 19.2, 26, 38.4, 52 13 52 mhz frequency tolerance f _tol vs temperature - 2 + 2 10 - 6 vs load - 0.1 + 0.1 vs voltage - 0.2 + 0.2 frequency aging f _age per year - 1 + 1 10 - 6 storage temperature range t _stg - 40 + 85 c operating temperature range t _use - 30 + 85 c voltage control range f _cont positive 8 15 10 - 6 supply voltage v cc 1.7 3.5 v output level vpp 10k ohm / / 10pf 0.8 vp-p current consumption i cc 2 ma harmonics - 5 dbc dimensions (unit: mm) pin configuration #1pin vcon #2pin gnd #3pin output #4pin vcc marking 1.6 p 0.15 0.55 0.55 0.5 0.75 max. 2.0 p 0.15 #1 #2 #4 #3 #4 #3 #1 #2 0.30 1.40 0.30 test circuit 4estcircuit .on6#&unction 3pectrum!nalyzer #ounter /scilloscope ! 6       4#8/ #, #o 2,  k 7p #,  p& p  v #,include0robe#apacitance #o$##ut#apacitance 0/7%2 3500,9 6cc &%4 02/"% 4estcircuit 7ith6#&unction 3pectrum!nalyzer #ounter /scilloscope ! 6       4#8/ #, #o 0/7%2 3500,9 6cc &%4 02/"% 6con 2, 2, recommended land pattern (unit: mm) note: a capacitor of value 0.01 m f between v dd and gnd is recommended. 0.70 0.70 0.50 #1 #2 #4 #3 0.45 0.45 1.40 2.0 1.6mm temperature compensated crystal oscillators (tcxo) surface mount type tcxo (lsi type) kt2016 series


▲Up To Search▲   

 
Price & Availability of KT2016Y13000BGU28TXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X