Part Number Hot Search : 
93LC56B ZC2812E 2SC111 2SC2782A L720J16S S17070G RT114024 527260NS
Product Description
Full Text Search
 

To Download IXTH180N085T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys corporation all rights reserved ds99701 (11/06) symbol test conditions maximum ratings v dss t j = 25 c to 175 c85v v dgr t j = 25 c to 175 c; r gs = 1 m ? 85 v v gsm transient 20 v i d25 t c = 25 c 180 a i lrms lead current limit, rms 75 a i dm t c = 25 c, pulse width limited by t jm 480 a i ar t c = 25 c25a e as t c = 25 c 1.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss 3 v/ns t j 175 c, r g = 5 ? p d t c = 25 c 430 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c t sold plastic body for 10 seconds 260 c m d mounting torque 1.13 / 10 nm/lb.in. weight to-3p 5.5 g to-247 6 g symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a85v v gs(th) v ds = v gs , i d = 250 a 2.0 4.0 v i gss v gs = 20 v, v ds = 0 v 200 na i dss v ds = v dss 5 a v gs = 0 v t j = 150 c 250 a r ds(on) v gs = 10 v, i d = 25 a, note 1 4.2 5.5 m ? trenchmv tm power mosfet n-channel enhancement mode avalanche rated IXTH180N085T ixtq180n085t v dss =85 v i d25 = 180 a r ds(on) 5.5 m ? ? ? ? ? preliminary technical information to-3p (ixtq) g d s to-247 (ixth) g s d g = gate d = drain s = source tab = drain (tab) (tab) features ultra-low on resistance unclamped inductive switching (uis) rated low package inductance - easy to drive and to protect 175 c operating temperature advantages easy to mount space savings high power density applications automotive - motor drives - 42v power bus - abs systems dc/dc converters and off-line ups primary switch for 24v and 48v systems high current switching applications
ixys reserves the right to change limits, test conditions, and dimensions. ixth 180n085t ixtq 180n085t symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 60 a, note 1 70 120 s c iss 7500 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 930 pf c rss 200 pf t d(on) resistive switching times 32 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = 25 a 70 ns t d(off) r g = 5 ? (external) 55 ns t f 65 ns q g(on) 170 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 25 a 40 nc q gd 46 nc r thjc 0.35 c/w r thcs 0.25 c/w source-drain diode symbol test conditions characteristic values t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0 v 180 a i sm pulse width limited by t jm 480 a v sd i f = 25 a, v gs = 0 v, note 1 1.0 v t rr i f = 25 a, -di/dt = 100 a/ s90ns v r = 40 v, v gs = 0 v notes: 1. pulse test, t 300 s, duty cycle d 2 %. to-3p (ixtq) outline pins: 1 - gate 2 - drain 3 - source 4, tab - drain to-247ad outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc terminals: 1 - gate 2 - drain 3 - source tab - drain 1 2 3 ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6771478 b2 7,071,537 preliminary technical information the product presented herein is under development. the technical specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre- production design evaluation. ixys reserves the right to change limits, test conditions, and dimensions without notice.
? 2006 ixys corporation all rights reserved ixth 180n085t ixtq 180n085t fig. 1. output characteristics @ 25oc 0 20 40 60 80 100 120 140 160 180 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 v ds - volts i d - amperes v gs = 10v 9v 8v 6v 7v 5v fig. 2. extended output characteristics @ 25oc 0 40 80 120 160 200 240 280 0123456 v ds - volts i d - amperes v gs = 10v 9v 8v 6v 7v 5v fig. 3. output characteristics @ 150oc 0 20 40 60 80 100 120 140 160 180 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 v ds - volts i d - amperes v gs = 10v 9v 8v 7v 6v 5v fig. 4. r ds(on) normalized to i d = 90a value vs. junction temperature 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 180a i d = 90a fig. 5. r ds(on) normalized to i d = 90a value vs. drain current 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 0 40 80 120 160 200 240 280 i d - amperes r ds(on) - normalized v gs = 10v 15v - - - - t j = 175oc t j = 25oc fig. 6. drain current vs. case temperature 0 20 40 60 80 100 120 140 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit for to-263 (7-lead) external lead current limit for to-3p, to-220, & to-263
ixys reserves the right to change limits, test conditions, and dimensions. ixth 180n085t ixtq 180n085t fig. 7. input admittance 0 40 80 120 160 200 240 3.5 4 4.5 5 5.5 6 6.5 v gs - volts i d - amperes t j = -40oc 25oc 125oc fig. 8. transconductance 0 20 40 60 80 100 120 140 160 180 0 40 80 120 160 200 240 i d - amperes g f s - siemens t j = - 40oc 25oc 150oc fig. 9. forward voltage drop of intrinsic diode 0 30 60 90 120 150 180 210 240 270 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 v sd - volts i s - amperes t j = 150oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60 80 100 120 140 160 180 q g - nanocoulombs v gs - volts v ds = 43v i d = 25a i g = 10ma fig. 11. capacitance 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarad s f = 1 mhz c iss c rss c oss fig. 12. maximum transient thermal impedance 0.01 0.10 1.00 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w
? 2006 ixys corporation all rights reserved IXTH180N085T ixtq 180n085t fig. 14. resistive turn-on rise time vs. drain current 20 30 40 50 60 70 80 90 24 26 28 30 32 34 36 38 40 42 44 46 48 50 i d - amperes t r - nanoseconds r g = 5 ? v gs = 10v v ds = 43v t j = 125oc t j = 25oc fig. 15. resistive turn-on switching times vs. gate resistance 0 20 40 60 80 100 120 140 4 6 8 10 12 14 16 18 20 r g - ohms t r - nanoseconds 32 36 40 44 48 52 56 60 t d ( o n ) - nanoseconds t r t d(on) - - - - t j = 125oc, v gs = 10v v ds = 43v i d = 50a i d = 25a fig. 16. resistive turn-off switching times vs. junction temperature 46 48 50 52 54 56 58 60 62 64 66 68 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f - nanoseconds 50 54 58 62 66 70 74 78 82 86 90 94 t d ( o f f ) - nanoseconds t f t d(off) - - - - r g = 5 ? , v gs = 10v v ds = 43v i d = 25a i d = 25a, 50a i d = 50a fig. 17. resistive turn-off switching times vs. drain current 44 48 52 56 60 64 68 72 24 28 32 36 40 44 48 i d - amperes t f - nanoseconds 44 52 60 68 76 84 92 100 t d ( o f f ) - nanoseconds t f t d(off) - - - - r g = 5 ? , v gs = 10v v ds = 43v t j = 125oc t j = 25oc t j = 125oc t j = 25oc fig. 13. resistive turn-on rise time vs. junction temperature 20 30 40 50 60 70 80 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r - nanoseconds r g = 5 ? v gs = 10v v ds = 43v i d = 50a i d = 25a fig. 18. resistive turn-off switching times vs. gate resistance 40 60 80 100 120 140 160 4 6 8 101214161820 r g - ohms t f - nanoseconds 60 100 140 180 220 260 300 t d ( o f f ) - nanoseconds t f t d(off) - - - - t j = 125oc, v gs = 10v v ds = 43v i d = 50a i d = 25a ixys ref: t_180n085t (5v) 6-13-06.xls


▲Up To Search▲   

 
Price & Availability of IXTH180N085T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X