Part Number Hot Search : 
22E0430 BLP6060A R101G LTC2321 MC35001B LM117 230CC P6SMB15A
Product Description
Full Text Search
 

To Download ESE24MH1T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  detector switches/ese24 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ? es55 ? e 1 s 2 e 3 2 4 4 567 8 9 6th & 7th sv sh mv mh mounting method & style vertical type for wave soldering horizontal type for wave soldering vertical type for reflow soldering horizontal type for reflow soldering explanation of part number recommended applications detection of media in portable electronic equipment (cd-rom, dvd, digital still cameras, etc.) operating switches for other electronic equipment. 2w detector switches t ype: ese24 features a lever-type detector switch with high reliability using sliding mechanical contacts long over-travel (through-operation available) used as an operation switch (an input device) bidirectional operation, auto-return to midpoint type. ? 1ese24sh type: 16 0 pcs. (polyethylene bag), 8000 pcs. (reel pack) ? 2ese24sv, ese24s h are excluded speci? cations rating 50 a 3 vdc to 10 ma 5 vdc (resistive load) contact resi stance 500 m  max. (initial) insulation resistance 100 m  min. (100 vdc) dielectric withstanding vo ltage 100 vac for 1 minute operating force 350 mn max. mounting height type sv 5.6 mm type sh 4.65 mm type mv 5.6 mm type mh 3.0 mm poles and throws 1-pole 2-throws (off at midpoint) full travel (pus hing distance) type sv 6.1 mm (2.45 mm) type sh 2.6 mm (2.45 mm) type mv 6.1 mm (2.45 mm) type mh 1.4 mm (2.45 mm) op er at in g li fe 5 0000 cycles min. temp erature range ?10 c to +70 c heat resistance +80 c for 96 hours low temperature resistance ?25 c for 96 hours humidity resistance +4 0 c 90 % to 95 % rh for 96 hours minimum quantity/packing unit ese24mh, mv, sv, sh 200 pcs. polyethylene bag (bulk) ? 1 ese24mh  t 1000 pcs. embossed taping (reel pack) ? 2 ese24mv  t 500 pcs. embossed taping (reel pack) quantity/carton es e2 4m h, mv , sv , sh 1 0000 pcs. polyethylene bag (bulk) ese24mh  t 6000 pcs. embossed taping (reel pack) ese24mv  t 3000 pcs. embossed taping (reel pack) sep. 2010 00
detector switches/ese24 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ? es56 ? 5.6 5.6 7.5 7.25 8.4 4.3 2.7 7.5 4.3 2.7 8.55 8.55 1.0 5.05 3.5 2.1 0.2 3.0 1.0 3.0 1.0 1.5 1.5 4.65 3.65 1.0 3.0 0.5 c 0.2 2.0 1.0 1.4 2.7 2.75 3.8 3.0 1.65 1.0 3.0 2.5 2.5 2.9 5.4 4.0 1.0 0.25 7.25 7.25 7.50 2.00 2.00 0.25 1.0 1.0 6-1.40 0.3 0.6 0.9 1.6 4.7 3.85 1.5 1.2 0.2 0.1 2.55 0.2 2.50 7.16 2.50 2.90 2.50 2.50 6- 1.10 + 0 .05 0 2- 1.20 2- 0.70 ( h ole) +0 . 0 5 0 3- 1.10 + 0 . 0 5 0 2.5 2.5 2.50 5.50 2.50 3-1.40 1.60 1.60 4.50 2.20 2.50 2.50 5.80 3.60 2.5 2.5 6 8 ? 2 6 ' 6 8 ? 2 6 ' 2 9 ? 2 4 ' 7.5 4.3 2.7 6 8 ? 2 6 ' 2 9 ? 2 4 ' 7.5 4.3 2.7 6 8 ? 2 6 ' 2 9 ? 2 4 ' 2 9 ? 2 4 ' 1.6 5.5 2- 1.10 +0. 05 0 2.5 2.5 1.0 1 c 2 1 c 2 1 c 2 1 c 2 6.1 (full position) 7.05 to 7.55 (pushing position) 4.45 (rotative center) 3.55 to 4.05 (pushing position) 0.95 (rotative center) 8.05 (on starting position) pwb mounting hole for reference (pitch tolerance: 0.05) (pwb thickness=0.8) pwb mounting hole for reference (pitch tolerance: 0.05) (pwb thickness=0.8) pwb mounting hole for reference (tolerance: 0.05) pwb mounting hole for reference (tolerance: 0.05) 6.1(full position) 8.05(on starting position) 2.6 (full position) 4.55 (on starting position) 7.05 to 7.55 (pushing position) 2.35 to 2.85 (pushing position) 4.45 (rotative center) 0.25 (rotative center) 1.4 (full position) 3.35 (on starting position) positioning boss positioning boss no. 1 ese24sh1 horizontal type fo r wave soldering ese24sv3 vertical type fo r wave soldering no. 2 dimensions in mm (not to scale) 1-pole 2-throws 1-pole 2-throws no. 3 ese24mh1 horizontal type for re? ow soldering ese24mv1 vertical type for re? ow soldering no. 4 1-pole 2-throws ese24mv1t (embossed taping) 1-pole 2-throws ESE24MH1T (embossed taping) sep. 2010 00
detector switches/ese24 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ? es57 ? 380.0 2.0 24.4 end end top top ese24mh  t 24.0 0.3 1.75 0.1 (11.5) p=16.0 0.1 4.0 0.1 2.0 0.1 1.5 + 0.1 0 21.5 ese24mv  t 24.0 0.3 1.75 0.1 (11.5) p=16.0 0.1 4.0 0.1 2.0 0.1 1.5 + 0.1 0 21.5 0.4 9.9 0.2 carrier tape carrier tape cover tape cover tape drawing direction drawing direction pilot holes pilot holes leading portion 400 mm min. leading portion 400 mm min. packed portion (100 mm min.) (160 mm min.) non-packed portion non-packed portion packed portion (100 mm min.) (160 mm min.) non-packed portion non-packed portion f b a c 1 2 b a f c 1 2 common terminal te r m i nal no. lever position packaging speci? cations circuit diagram standard reel dimensions in mm (not to scale) taping reel emboss ed carrie r taping 1-pole 2-thro ws (n . o) sep. 2010 00


▲Up To Search▲   

 
Price & Availability of ESE24MH1T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X