Part Number Hot Search : 
AM447 KBPC101 440FS 65RSWD EVALZ 20437 EVALZ SLC0100
Product Description
Full Text Search
 

To Download EM2378K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8-channel emi filter with integrated esd protection revision february 21, 2014 1 / 3 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. EM2378K socay electronics co., ltd. www.socay.com lwson-16 the EM2378K is a four-channel (c-r-c) pi-style emi filter array with integrated esd protection. its typical component values of r=100 and c=8.5pf deliver a cutoff frequency. this performance makes the part ideal for parallel interfaces with data rates up to 70 mbps in applications where wireless interference must be minimized. the specified attenuation range is very effective in minimizing interference from 2g/3g, gps, bluetooth ? and wlan signals. the EM2378K is available in the low-profile 16-lead 3.30mm x 1.35mm lwson-16 surface mount package. u filter performance: 30db minimum attenuation 1.8ghz to 2.5ghz u bidirectional emi/rfi filter with integrated tvs for esd protection u tvs working voltage: 5v u resistor: 100 ? 20% u typical capacitance: 20pf (vr = 0v) u protection and filtering for four lines u solid-state technology u rohs compliant u iec61000-4-2 (esd) 15kv (air), 8kv (contact) u iec61000-4-4 (eft) 40a (5/50ns) u emi filtering for lcd and camera data lines u emi filtering and protection for i/o ports and keypads u nominal dimensions: 3.30x 1.35 x 0.50 mm u molding compound flammability rating : ul 94v-0 u quantity per reel : 3,000pcs u reel size : 7 inch u lead finish : lead free symbol parameter value units t l lead soldering temperature 260 (10sec) o c t j junction temperature 125 o c t stg storage temperature range -55 to +150 o c t op operating temperature range -55 to +85 o c iec61000-4-2 (esd) air discharge 15 kv contact discharge 8 iec61000-4-4 (eft) 40 a mechanical characteristics (@ 25 un less otherwise specified) d escription feature functional diagram applications m echanical characteristics
8-channel emi filter with integrated esd protection revision february 21, 2014 2 / 3 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. EM2378K socay electronics co., ltd. www.socay.com part number device marking v rwm (v) (max.) v b (v) (min.) i r ( a) (max.) r ( ) (typ.) f c (mhz) (typ.) attenuation (db) (min.) c t @0v (pf) (typ.) c t @2.5v (pf) (typ.) EM2378K k38 5 6.0 0.5 100 200 25 20 11 fig1. esd pulse waveform (according to iec 61000-4-2) fig2. power derating curve fig3. analog crosstalk (each line) fig4. typical insertion loss(each line) electrical characteristics ( @ 25 unless otherwise specified ) characteristic curves 60ns 10% percent of peak pulse current % 30ns tr = 0.7~1ns time (ns) 90% 100% 0 20 40 60 80 100 120 140 160 180 200 100 40 30 20 10 0 % of rated power 90 80 60 50 ambient temperature C t a ( o c) 70
8-channel emi filter with integrated esd protection revision february 21, 2014 3 / 3 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. EM2378K socay electronics co., ltd. www.socay.com symbol millimeters inches min. max. min. max. a 0.450/0.550 0.550/0.650 0.018/0.022 0.022/0.026 a1 0.000 0.050 0.000 0.002 a3 0.150ref 0.006ref d 3.224 3.376 0.127 0.133 e 1.250 1.450 0.049 0.057 d1 2.700 2.900 0.106 0.114 e1 0.300 0.500 0.012 0.020 k 0.200 min 0.008 min b 0.150 0.250 0.006 0.010 e 0.400 typ. 0.016 typ. l 0.150 0.350 0.006 0.014 soldering footprint symbol millimeters inches c (1.27) (0.050) g 0.69 0.027 h 0.30 0.012 k 3.00 0.118 p 0.40 0.016 x 0.20 0.008 y 0.58 0.023 z 1.85 0.073 lwson - 16 package outline & dimensions


▲Up To Search▲   

 
Price & Availability of EM2378K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X