Part Number Hot Search : 
LM78L21F KMS223GP 95500 0TRPB 7MPN324 32180 AM49LV4 LPC800
Product Description
Full Text Search
 

To Download DCX123JU-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dcx(xxxx)u document number: ds30347 rev. 16 - 2 1 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u small signal complementary pr e-biased dual transistor features ? epitaxial planar die construction ? built-in biasing resistors ? surface mount package suited for automated assembly ? totally lead-free & fully rohs compliant (notes 1 &2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability ? ppap capable (note 4) part number r1 (nom) r2 (nom) dcx124eu 22k ? 22k ? dcx144eu 47k ? 47k ? dcx114yu 10k ? 47k ? dcx123ju 2.2k ? 47k ? dcx114eu 10k ? 10k ? dcx143eu 4.7k ? 4.7k ? mechanical data ? case: sot363 ? case material: molded plasti c, ?green? molding compound ? ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? matte tin plated leads, solderable per mil-std-202, method 208 ? weight: 0.006 grams (approximate) part number r1 only dcx143tu 4.7k ? dcx114tu 10k ? ordering information (notes 3 & 4) product compliance marking reel size (inches) tape width (mm) quantity per reel dcx124eu-7-f aec-q101 c17 7 8 3,000 dcx124euq-7-f automotive c17 7 8 3,000 dcx124euq-13-f automotive c17 13 8 10,000 dcx124euq-13r-f automotive c17 13 8 10,000 dcx144eu-7-f aec-q101 c20 7 8 3,000 dcx144eu-7r-f aec-q101 c20 7 8 3,000 dcx144euq-7-f automotive c20 7 8 3,000 dcx114yu-7-f aec-q101 c14 7 8 3,000 dcx114yuq-7-f automotive c14 7 8 3,000 dcx114yuq-13-f automotive c14 13 8 10,000 dcx114yuq-13r-f automotive c14 13 8 10,000 DCX123JU-7-F aec-q101 c06 7 8 3,000 dcx123juq-7-f automotive c06 7 8 3,000 dcx114eu-7-f aec-q101 c13 7 8 3,000 dcx114eu-13r-f aec-q101 c13 13 8 10,000 dcx114euq-7-f automotive c13 7 8 3,000 dcx114euq-13-f automotive c13 13 8 10,000 dcx114euq-13r-f automotive c13 13 8 10,000 dcx143tu-7-f aec-q101 c07 7 8 3,000 dcx143eu-7-f aec-q101 c08 7 8 3,000 dcx114tu-7-f aec-q101 c12 7 8 3,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q101 qualified and are ppap c apable. automotive, aec-q101 and standard products are electrical ly and thermally the same, except where specified. for more information, please refer to http://www.diodes.c om/quality/product_compliance_defin itions/. 5. -7r and -13r are parts rotated in the pocket tape by +180. for packaging details, go to our website at http://www.diodes.co m/products/packages.html r1, r2 r1 only device schematic top view sot363 r 1 r 1 b q 2 b q 1 c q 1 c q 2 1 2 3 4 5 6 e q 2 e q 1 r 2 r 2 q 2 q 1 r 1 r 1 c q 1 q 1 q 2 1 2 3 4 5 6 b q 2 b q 1 c q 2 e q 2 e q 1
dcx(xxxx)u document number: ds30347 rev. 16 - 2 2 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u marking information date code key year 2010 2011 2012 2013 2014 2015 2016 2017 code x y z a b c d e month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d absolute maximum ratings npn section (@t a = +25c, unless otherwise specified.) characteristic symbol value unit supply voltage v cc 50 v input voltage dcx124eu dcx144eu dcx114yu dcx123ju dcx114eu dcx143tu dcx143eu dcx114tu v in -10 to +40 -10 to +40 -6 to +40 -5 to +12 -10 to +40 -5v max -10 to +30 -5v max v output current dcx124eu dcx144eu dcx114yu dcx123ju dcx114eu dcx143tu dcx143eu dcx114tu i o 30 30 70 100 50 100 100 100 ma output current i c (max) 100 ma absolute maximum ratings pnp section (@t a = +25c, unless otherwise specified.) characteristic symbol value unit supply voltage v cc 50 v input voltage dcx124eu dcx144eu dcx114yu dcx123ju dcx114eu dcx143tu dcx143eu dcx114tu v in +10 to -40 +10 to -40 +6 to -40 +5 to -12 +10 to -40 +5v max +10 to -30 +5v max v output current dcx124eu dcx144eu dcx114yu dcx123ju dcx114eu dcx143tu dcx143eu dcx114tu i o -30 -30 -70 -100 -50 -100 -100 -100 ma output current i c (max) -100 ma cxx = product type marking code ym = date code marking y = year (ex: x = 2010) m = month (ex: 9 = september) cxx ym
dcx(xxxx)u document number: ds30347 rev. 16 - 2 3 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (notes 6 & 7) p d 200 mw thermal resistance, junction to ambient air (note 6) r ? electrical character istics npn section (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition r1 only (dcx143tu & dcx114tu) collector-base breakdown voltage bv cbo 50 ? ? v i c = 50 a collector-emitter breakdown voltage bv ceo 50 ? ? v i c = 1ma emitter-base breakdown voltage bv ebo 5 ? ?? v i e = 50 a collector cutoff current i cbo ? ? 0.5 a v cb = 50v emitter cutoff current i ebo ? ? 0.5 a v eb = 4v collector-emitter saturation voltage v ce(sat) ? ? 0.3 v i c /i b = 2.5ma / 0.25ma dcx143tu i c /i b = 1ma / 0.1ma dcx114tu dc current transfer ratio h fe 100 250 600 ? i c = 1ma, v ce = 5v input resistor (r 1 ) tolerance ? r 1 -30 ? +30 % ? gain-bandwidth product f t ? 250 ? mhz v ce = 10v, i e = -5ma, f = 100mhz r1/r2 only input voltage dcx124eu v l(off) 0.5 1.1 ? v v cc = 5v, i o = 100 ? a dcx144eu 0.5 1.1 dcx114yu 0.3 - dcx123ju 0.5 - dcx114eu 0.5 1.1 dcx143eu 0.5 1.16 dcx124eu v l(on) ? 1.9 3.0 v o = 0.3, i o = 5ma dcx144eu 1.9 3.0 v o = 0.3, i o = 2ma dcx114yu - 1.4 v o = 0.3, i o = 1ma dcx123ju - 1.1 v o = 0.3, i o = 5ma dcx114eu 1.9 3.0 v o = 0.3, i o = 10ma dcx143eu 1.99 3.0 v o = 0.3, i o = 20ma output voltage dcx124eu v o(on) ? 0.1 0.3 v i o /i l = 10ma / 0.5ma dcx144eu i o /i l = 10ma / 0.5ma dcx114yu i o /i l = 5ma / 0.25ma dcx123ju i o /i l = 5ma / 0.25ma dcx114eu i o /i l = 10ma / 0.5ma dcx143eu i o /i l = 10ma / 0.5ma input current dcx124eu i l ? ? 0.36 ma v i = 5v dcx144eu 0.18 dcx114yu 0.88 dcx123ju 3.6 dcx114eu 0.88 dcx143eu 0.88 output current i o ( off ) ? ? 0.5 a v cc = 50v, v i = 0v dc current gain dcx124eu dcx124euq g l 56 60 ? ? ? v o = 5v, i o = 5ma v o = 5v, i o = 5ma dcx144eu 68 v o = 5v, i o = 5ma dcx114yu dcx114yuq 68 80 v o = 5v, i o = 10ma v o = 5v, i o = 10ma dcx123ju 80 v o = 5v, i o = 10ma dcx114eu 30 v o = 5v, i o = 5ma dcx143eu 50 v o = 5v, i o = 10ma input resistor (r 1 ) tolerance ? r 1 -30 ? +30 % ? resistance ratio tolerance r 2 /r 1 -20 ? +20 ? ? gain-bandwidth product f t ? 250 ? mhz v ce = 10v, i e = 5ma, f = 100mhz
dcx(xxxx)u document number: ds30347 rev. 16 - 2 4 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u electrical character istics pnp section (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition r1 only (dcx143tu & dcx114tu) collector-base breakdown voltage bv cbo -50 ? ? v i c = -50 a collector-emitter breakdown voltage bv ceo -50 ? ? v i c = -1ma emitter-base breakdown voltage bv ebo -5 ? ? v i e = -50 a collector cutoff current i cbo ? ? -0.5 a v cb = -50v emitter cutoff current i ebo ? ? -0.5 a v eb = -4v collector-emitter saturation voltage v ce(sat) ? ? -0.3 v i c /i b = 2.5ma / 0.25ma dcx143tu i c /i b = 1ma / 0.1ma dcx114tu dc current transfer ratio h fe 100 250 600 ? i c = -1ma, v ce = -5v input resistor (r 1 ) tolerance ? r 1 -30 ? +30 % ? gain-bandwidth product f t ? 250 ? mhz v ce = -10v, i e = 5ma, f = 100mhz r1/r2 only input voltage dcx124eu v l(off) -0.5 -1.1 ? v v cc = -5v, i o = -100 a dcx144eu -0.5 -1.1 dcx114yu -0.3 - dcx123ju -0.5 - dcx114eu -0.5 -1.1 dcx143eu -0.5 -1.16 dcx124eu v l(on) ? -1.9 -3.0 v o = -0.3, i o = -5ma dcx144eu -1.9 -3.0 v o = -0.3, i o = -2ma dcx114yu - -1.4 v o = -0.3, i o = -1ma dcx123ju - -1.1 v o = -0.3, i o = -5ma dcx114eu -1.9 -3.0 v o = -0.3, i o = -10ma dcx143eu -2.5 -3.0 v o = -0.3, i o = -20ma output voltage dcx124eu v o(on) ? -0.1 -0.3 v i o /i l = -10ma / -0.5ma dcx144eu i o /i l = -10ma / -0.5ma dcx114yu i o /i l = -5ma / -0.25ma dcx123ju i o /i l = -5ma / -0.25ma dcx114eu i o /i l = -10ma / -0.5ma dcx143eu i o /i l = -10ma / -0.5ma input current dcx124eu i l ? ? -0.36 ma v i = -5v dcx144eu -0.18 dcx114yu -0.88 dcx123ju -3.6 dcx114eu -0.88 dcx143eu -0.88 output current i o ( off ) ? ? -0.5 a v cc = 50v, v i = 0v dc current gain dcx124eu dcx124euq g l 56 60 ? ? ? v o = -5v, i o = -5ma v o = -5v, i o = -5ma dcx144eu 68 v o = -5v, i o = -5ma dcx114yu dcx114yuq 68 80 v o = -5v, i o = -10ma v o = -5v, i o = -10ma dcx123ju 80 v o = -5v, i o = -10ma dcx114eu 30 v o = -5v, i o = -5ma dcx143eu 40 v o = -5v, i o = -10ma input resistor (r 1 ) tolerance ? r 1 -30 ? +30 % ? resistance ratio tolerance r 2 /r 1 -20 ? +20 % ? gain-bandwidth product f t ? 250 ? mhz v ce = -10v, i e = -5ma, f = 100mhz
dcx(xxxx)u document number: ds30347 rev. 16 - 2 5 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u typical curves ? total device typical curves ? dcx123ju pnp section (@t a = +25c, unless otherwise specified.) 050 125150 250 200 150 50 100 0 t , ambient temperature ( c) fig. 1 power derating curve a p , p o w e r di s s i p a ti o n (mw) d 0.001 0.01 0.1 1 0 10 20 30 40 50 v, c o ll e c t o r - e m i t t e r saturation voltage (v) ce(sat) i , collector current (ma) fig. 2 typical v vs. i c ce(sat) c i/i = 10 cb -25 c 75 c 25 c 10 1,000 100 110100 h, d c c u r r e n t g a i n fe i , collector current (ma) fig. 3 typical dc current gain c 0 2 4 6 12 0 20 30 c , c a p a c i t a n c e (pf) ob v , reverse bias voltage (v) fig. 4 typical output capacitance r 10 515 25 8 10 i = 0ma f = 1mhz e 0.001 0.01 1 10 100 0 12 34 8 910 i, c olle c to r c u r r e n t (ma) c v , input voltage (v) fig. 5 typical collector current vs. input voltage in 5 6 7 0.1 t = 75c a
dcx(xxxx)u document number: ds30347 rev. 16 - 2 6 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u typical curves ? dcx123ju pnp section (cont.) typical curves ? dcx123ju npn section (@t a = +25c, unless otherwise specified.) 0.1 1 10 0 1020304050 i , collector current (ma) fig. 6 typical input voltage vs. collector current c v , input voltage (v) in 0.001 0.01 0.1 1 0 10 20 30 40 50 v, c o lle c t o r -emi t t e r saturation voltage (v) ce(sat) i , collector current (ma) fig. 7 typical v vs. i c ce(sat) c i/i = 10 cb t = -25c a t = 75c a t = 25c a 10 1,000 100 110100 h, d c c u r r e n t g ai n fe i , collector current (ma) fig. 8 typical dc current gain c v = 10v ce t = 75c a 0 1 2 3 4 0 20 30 c , c a p a c i t an c e (p f ) ob v , reverse bias voltage (v) fig. 9 typical output capacitance r 10 5 15 25 i = 0ma f = 1mhz e 0.001 0.01 1 10 100 0 12 3 48 910 i, c o lle c t o r c u r r en t (ma) c v , input voltage (v) fig. 10 typical collector current vs. input voltage in t = -25c a 5 67 t = 25c a 0.1 v = 5v o t = 75c a
dcx(xxxx)u document number: ds30347 rev. 16 - 2 7 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u typical curves ? dcx123ju npn section (cont.) typical curves ? dcx143eu pnp section (@t a = +25c, unless otherwise specified.) 0.1 1 10 01020304050 i , collector current (ma) fig. 11 typical input voltage vs. collector current c v , input voltage (v) in i , collector current (a) c v , collector emitter voltage (v) fig. 12 typical v vs. i ce ce c i = 0.5ma b i = 1ma b i = 4.5ma b i = 3.5ma b i = 3ma b i = 2.5ma b i = 1.5ma b i = 2ma b i = 4ma b h , dc current gain fe i , collector current (ma) fig. 13 typical dc current gain c v , collector-emitter saturation voltage (v) ce(sat) i , collector current (ma) fig. 14 typical v vs. i c ce(sat) c i/i = 10 cb v , base-em i t t e r v o l t a g e (v ) be i , collector current (ma) fig. 15 typical v vs. i c be c
dcx(xxxx)u document number: ds30347 rev. 16 - 2 8 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u typical curves ? dcx143eu pnp section (cont.) typical curves ? dcx143eu npn section (@t a = +25c, unless otherwise specified.) v , base-em i t t e r saturation voltage (v) be(sat) i , collector current (ma) fig. 16 typical v vs. i c be(sat) c v , input voltage (v) i(on) i , output current (ma) fig. 17 typical v vs. i c i(on) c i , c o lle c t o r c u r r e n t (a ) c v , collector emitter voltage (v) fig. 18 typical v vs. i ce ce c h , dc current gain fe i , collector current (ma) fig. 19 typical dc current gain c v , collector-emitter saturation voltage (v) ce(sat) i , collector current (ma) fig. 20 typical v vs. i c ce(sat) c v , b a se - e m i t t e r v o l t a g e (v ) be i , collector current (ma) fig. 21 typical v vs. i c be c
dcx(xxxx)u document number: ds30347 rev. 16 - 2 9 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u typical curves ? dcx143eu npn section (cont.) typical curves ? dcx114tu pnp section (@t a = +25c, unless otherwise specified.) v , base-emitter saturation voltage (v) be(sat) i , collector current (ma) fig. 22 typical v vs. i c be(sat) c v , input voltage (v) i(on) i , output current (ma) fig. 23 typical v vs. i c i(on) c 0.001 0.01 0.1 1 0 10 20 30 40 50 v, c o lle c t o r -emi t t e r saturation voltage (v) ce(sat) i , collector current (ma) fig. 24 typical v vs. i c ce(sat) c i/i = 10 cb t = -25c a t = 75c a t = 25c a 10 1,000 100 1 110100 h, d c c u r r en t g ain fe i , collector current (ma) fig. 25 typical dc current gain c 0 1 3 4 02030 c , c a p a c i t an c e (pf) ob v , reverse bias voltage (v) fig. 26 typical output capacitance r 10 51525 i = 0ma f = 1mhz e 2 0.01 0.1 1 10 100 01234 89 10 i, c o lle c t o r c u r r e n t (ma) c v , input voltage (v) fig. 27 typical collector current vs. input voltage in t = -25c a 5 67 0.001
dcx(xxxx)u document number: ds30347 rev. 16 - 2 10 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u typical curves ? dcx114tu pnp section (cont.) typical curves ? dcx114tu npn section (@t a = +25c, unless otherwise specified.) 0.1 1 10 0 10203040 50 i , collector current (ma) fig. 28 typical input voltage vs. collector current c v , input voltage (v) in 0.001 0.01 0.1 1 0 10 20 30 40 50 v, c o lle c t o r -emi t t e r saturation voltage (v) ce(sat) i , collector current (ma) fig. 29 typical v vs. i c ce(sat) c i/i = 10 cb t = -25c a t = 75c a t = 25c a 10 1,000 100 1 110100 h, d c c u r r en t g ain fe i , collector current (ma) fig. 30 typical dc current gain c 0 1 2 3 4 0 20 30 c , c a p a c i t a n c e (p f ) ob v , reverse bias voltage (v) fig. 31 typical output capacitance r 10 5 15 25 i = 0ma f = 1mhz e 0.01 0.1 1 10 100 012 34 89 10 i, c o lle c t o r c u r r en t (ma) c v , input voltage (v) fig. 32 typical collector current vs. input voltage in t =-25c a 5 67 t = 75c a t = 25c a 0.001
dcx(xxxx)u document number: ds30347 rev. 16 - 2 11 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u typical curves ? dcx114tu npn section (cont.) package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. 0.1 1 10 01020304050 i , collector current (ma) fig. 33 typical input voltage vs. collector current c v , input voltage (v) in sot363 dim min max typ a 0.10 0.30 0.25 b 1.15 1.35 1.30 c 2.00 2.20 2.10 d 0.65 typ f 0.40 0.45 0.425 h 1.80 2.20 2.15 j 0 0.10 0.05 k 0.90 1.00 1.00 l 0.25 0.40 0.30 m 0.10 0.22 0.11 ?? 0 8 - all dimensions in mm dimensions value (in mm) z 2.5 g 1.3 x 0.42 y 0.6 c1 1.9 c2 0.65 x z y c1 c2 c2 g a m j l d b c h k f
dcx(xxxx)u document number: ds30347 rev. 16 - 2 12 of 12 www.diodes.com november 2013 ? diodes incorporated dcx ( xxxx ) u important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DCX123JU-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X