Part Number Hot Search : 
KBR0530W 9170B G425SD IS89C64 SNC552 F800B HG106A C100L
Product Description
Full Text Search
 

To Download BZX79C4V3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon glass passivated 0.5watt zener diodes bzx79c 2v4 to 51v do-35 500mw these zeners are best suited for industrial purpose, military & space applications when hermetcally sealed in glass with double stud this glass passivated chip provides excellent stability & reliability. absolute maximum ratings (ta=25 deg c) description symbol value unit power dissipation pd 500 mw surge power dissipation @ tp=83ms pds 5.0 w operating & storage junction tj, tstg -65 to +200 deg c temperature range thermal resistance junction to ambient (1) rth(j-a) 300 deg c/w electrical characteristics (ta=25 deg c unless otherwise specified) forward voltage @ if=200ma vf 1.5 v (1) on infinite heatsink with 4mm lead length. electrical characteristics (ta=25 deg c unless otherwise specified) device vzt @ izt * rzt @ izt rzk @ izk ir @ vr izm tamb 25 deg c 150degc min max max max min max max max max (v) (v) (ohm) (ma) (ohm) (ma) (ua) (ua) (v) (ma) bzx79c 2v4 2.20 2.60 100 5.0 600 1.0 -3.5 0 50 100 1.0 155 bzx79c 2v7 2.50 2.90 100 5.0 600 1.0 -3.5 0 20 50 1.0 135 bzx79c 3v0 2.80 3.20 95 5.0 600 1.0 -3.5 0 10 40 1.0 125 bzx79c 3v3 3.10 3.50 95 5.0 600 1.0 -3.5 0 5.0 40 1.0 115 bzx79c 3v6 3.40 3.80 90 5.0 600 1.0 -3.5 0 5.0 40 1.0 105 bzx79c 3v9 3.70 4.10 90 5.0 600 1.0 -3.5 0 3.0 40 1.0 95 bzx79c 4v3 4.00 4.60 90 5.0 600 1.0 -3.5 0 3.0 20 1.0 90 bzx79c 4v7 4.40 5.00 80 5.0 500 1.0 -3.5 0.2 3.0 10 2.0 85 bzx79c 5v1 4.80 5.40 60 5.0 480 1.0 -2.7 1.2 2.0 10 2.0 80 bzx79c 5v6 5.20 6.00 40 5.0 400 1.0 -2.0 2.5 1.0 10 2.0 70 bzx79c 6v2 5.80 6.60 10 5.0 150 1.0 0.4 3.7 3.0 10 4.0 64 bzx79c 6v8 6.40 7.20 15 5.0 80 1.0 1.2 4.5 2.0 5.0 4.0 58 bzx79c 7v5 7.00 7.90 15 5.0 80 1.0 2.5 5.3 1.0 5.0 5.0 53 bzx79c 8v2 7.70 8.70 15 5.0 80 1.0 3.2 6.2 0.7 2.0 5.0 47 bzx79c 9v1 8.50 9.60 15 5.0 100 1.0 3.8 7 0.5 2.0 6.0 43 bzx79c 10 9.40 10.60 20 5.0 150 1.0 4.5 8 0.2 2.0 7.0 40 bzx79c 11 10.40 11.60 20 5.0 150 1.0 5.4 9 0.1 2.0 8.0 36 bzx79c 12 11.40 12.70 25 5.0 150 1.0 6.0 10 0.1 2.0 8.0 32 bzx79c 13 12.40 14.10 30 5.0 170 1.0 7.0 11 0.1 2.0 8.0 29 bzx79c 15 13.80 15.60 30 5.0 200 1.0 9.2 13 0.05 2.0 10 27 bzx79c 16 15.30 17.10 40 5.0 200 1.0 10.4 14 0.05 2.0 11 24 bzx79c 18 16.80 19.10 45 5.0 225 1.0 12.4 16 0.05 2.0 13 21 bzx79c 20 18.80 21.20 55 5.0 225 1.0 14.4 18 0.05 2.0 14 20 bzx79c 22 20.80 23.30 55 5.0 250 1.0 16.4 20 0.05 2.0 15 18 (mv/deg c) temp. coeff of vz continental device india limited data sheet page 1 of 4 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
electrical characteristics (ta=25 deg c unless otherwise specified) device vzt @ izt * rzt @ izt rzk @ izk ir @ vr izm tamb 25 deg c 150degc min max max max min max max max max (v) (v) (ohm) (ma) (ohm) (ma) (ua) (ua) (v) (ma) bzx79c 24 22.80 25.60 70 5.0 250 1.0 18.4 22 0.05 2.0 17 16 bzx79c 27 25.10 28.90 80 2.0 300 0.5 21.4 25.3 0.05 2.0 19 14 bzx79c 30 28.00 32.00 80 2.0 300 0.5 24.4 29.4 0.05 2.0 21 13 bzx79c 33 31.00 35.00 80 2.0 325 0.5 27.4 33.4 0.05 2.0 23 12 bzx79c 36 34.00 38.00 90 2.0 350 0.5 30.4 37.4 0.05 2.0 25 11 bzx79c 39 37.00 41.00 130 2.0 350 0.5 33.4 41.2 0.05 2.0 27 10 bzx79c 43 40.00 46.00 150 2.0 375 0.5 37.6 46.6 0.05 2.0 29 9.2 bzx79c 47 44.00 50.00 170 2.0 375 0.5 42 51.8 0.05 2.0 33 8.5 bzx79c 51 48.00 54.00 180 2.0 400 0.5 46.6 57.2 0.05 2.0 36 7.8 *pulse condition : 20ms= tp=50ms . duty cycle=2% (mv/deg c) temp. coeff of vz continental device india limited data sheet page 2 of 4
do-35, 52mm taping specification do-35 glass axial package 52mm taping specification package standard pack inner carton box outer carton box do-35 t&a details net weight/qty 5k/ammo box 0.88kg/5k pcs size qty 10"x3.5"x3.5" 5.0k size qty qty 12.7"x12.7"x20" 125.0k 25kgs on request also available in 26 mm tape and ammo pack packing detail bzx79c 2v4 to 51v continental device india limited data sheet page 3 of 4 do-35 500mw
disclaimer customer notes the product information and the selection guides facilitate selection of the cdil's semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the inf ormation furnished on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability w hatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these pr oducts are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 4141 1112 fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 4 of 4 bzx79c 2v4 to 51v do-35 500mw


▲Up To Search▲   

 
Price & Availability of BZX79C4V3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X