Part Number Hot Search : 
CY14B10 K2050 FM102SPT UDN2987 105M5 54HC13 140AGB PJ20168L
Product Description
Full Text Search
 

To Download BZX79B20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzx79b silicon planar zener diodes features ? zener voltage tolerance 2% absolute maximum ratings (t a = 25 o c) parameter symbol value unit continuous forward current i f 250 ma power dissipation p tot 500 1) mw junction temperature t j 175 o c storage temperature range t stg - 55 to + 175 o c 1) valid provided that leads are kept at ambient temperature at a distance of 8 mm from case. characteristics at t a = 25 o c parameter symbol max. unit thermal resistance junction to ambient air r tha 0.3 1) k/mw forward voltage at i f = 100 ma v f 1.5 v 1) valid provided that leads are kept at ambient temperature at a distance of 8 mm from case. max. 3.9 max. 1.9 glass case do-35 max. 0.5 min. 27.5 min. 27.5 xxx cathode band part no. st "st" brand dimensions in mm black black black 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification semtech
characteristics at t a = 25 o c type zener voltage range 1) dynamic resistance reverse leakage current v zt at l zt z zt at l zt i r at v r min. (v) max. (v) (ma) max. ( ? ) (ma) max. (a) (v) bzx79b2v7 2.64 2.76 5 100 5 75 1 bzx79b3v0 2.94 3.06 5 95 5 50 1 bzx79b3v3 3.23 3.37 5 95 5 25 1 bzx79b3v6 3.52 3.68 5 90 5 15 1 bzx79b3v9 3.82 3.98 5 90 5 10 1 bzx79b4v3 4.21 4.39 5 90 5 5 1 bzx79b4v7 4.6 4.8 5 80 5 3 2 bzx79b5v1 4.99 5.21 5 60 5 2 2 bzx79b5v6 5.48 5.72 5 40 5 1 2 bzx79b6v2 6.07 6.33 5 10 5 3 4 bzx79b6v8 6.66 6.94 5 15 5 2 4 bzx79b7v5 7.35 7.65 5 15 5 1 5 bzx79b8v2 8.03 8.37 5 15 5 0.7 5 bzx79b9v1 8.91 9.29 5 15 5 0.5 6 bzx79b10 9.8 10.2 5 20 5 0.2 7 bzx79b11 10.78 11.22 5 20 5 0.1 8 bzx79b12 11.76 12.24 5 25 5 0.1 8 bzx79b13 12.74 13.26 5 30 5 0.1 8 bzx79b15 14.7 15.3 5 30 5 0.05 10.5 bzx79b16 15.68 16.32 5 40 5 0.05 11.2 bzx79b18 17.64 18.36 5 45 5 0.05 12.6 BZX79B20 19.60 20.4 5 55 5 0.05 14 bzx79b22 21.56 22.44 5 55 5 0.05 15.4 bzx79b24 23.52 24.48 5 70 5 0.05 16.8 bzx79b27 26.46 27.54 2 80 2 0.05 18.9 bzx79b30 29.4 30.6 2 80 2 0.05 21 bzx79b33 32.34 33.66 2 80 2 0.05 23.1 bzx79b36 35.28 36.72 2 90 2 0.05 25.2 bzx79b39 38.22 39.78 2 130 2 0.05 27.3 bzx79b43 42.14 43.86 2 150 2 0.05 30.1 bzx79b47 46.06 47.94 2 170 2 0.05 32.9 bzx79b51 49.98 52.02 2 180 2 0.05 35.7 bzx79b56 54.88 57.12 2 200 2 0.05 39.2 bzx79b62 60.76 63.24 2 215 2 0.05 43.4 bzx79b68 66.64 69.36 2 240 2 0.05 47.6 bzx79b75 73.5 76.5 2 255 2 0.05 52.5 1) tested with pulses tp = 20 ms. bzx79b silicon planar zener diodes 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification semtech


▲Up To Search▲   

 
Price & Availability of BZX79B20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X