Part Number Hot Search : 
LC66512B 2481B44 2481B44 TDC10 4744A HY200 GN1A4Z STK412
Product Description
Full Text Search
 

To Download BC547BA3-0-BK-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c204a3 issued date : 2015.01.23 revised date : page no. : 1 / 7 bc547ba3 cystek product specification general purpose npn epitaxial planar transistor bc547ba3 description ? the bc547ba3 is designed for use in driver stage of af amplifier and low speed switching. ? complementary to bc557ba3. ? pb-free package symbol outline ordering information device package shipping bc547ba3-0-tb-g to-92 (pb-free lead plating and halogen-free package) 2000 pcs / tape & box BC547BA3-0-BK-G to-92 (pb-free lead plating and halogen-free package) 1000 pcs/ bag, 10 bags/box, 10boxes/carton to-92 bc547ba3 b base c collector e emitter c b e environment friendly grade : s for rohs compliant products, g for rohs compliant and green compound products packing spec, tb :2000 pcs/tape & box; bk: 1000 pcs / bag, 10 bags/box, 10 boxes/carton product rank, zero for no rank products product name
cystech electronics corp. spec. no. : c204a3 issued date : 2015.01.23 revised date : page no. : 2 / 7 bc547ba3 cystek product specification absolute maximum ratings (ta=25 c) parameter symbol limits unit collector-base voltage v cbo 60 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 6 v collector current i c 200 ma base current i b 100 ma power dissipation @ta=25 pd 625 mw thermal resistance, junction to ambient r ja 200 c/w operating junction temperature range tj -55~+150 c storage temperature range tstg -55~+150 c characteristics (ta=25 c) symbol min. typ. max. unit test conditions bv cbo 60 - - v i c =100 a bv ceo 50 - - v i c =1ma bv ebo 6 - - v i e =10 a i cbo - - 100 na v cb =60v i ebo - - 100 na v eb =5v *v ce(sat) 1 - 58 200 mv i c =10ma, i b =0.5ma *v ce(sat) 2 - 150 500 mv i c =100ma, i b =5ma *v be(sat) 1 - 720 900 mv i c =10ma, i b =0.5ma *v be(sat) 2 - 860 1.2 v i c =100ma, i b =5ma v be 1 0.58 0.65 0.7 v v ce =5v, i c =2ma v be 2 - 0.7 0.77 v v ce =5v, i c =10ma h fe 1 120 - - - v ce =5v, i c =10 a h fe 2 200 - 450 - v ce =5v, i c =2ma h fe 3 100 - - - v ce =5v, i c =100ma h fe 4 50 - - - v ce =6v, i c =150ma f t 100 - - mhz v ce =5v, i c =10ma, f=100mhz cob - 2.1 - pf v cb =10v, i e =0a, f=1mhz *pulse test: pulse width 380 s, duty cycle 2%
cystech electronics corp. spec. no. : c204a3 issued date : 2015.01.23 revised date : page no. : 3 / 7 bc547ba3 cystek product specification typical characteristics emitter grounded output characteristics 0 0.05 0.1 0.15 0.2 0.25 0123456 collector-to-emitter voltage---vce(v) collector current---ic(a) 200u a 300u a 400u a 500ua 1ma ib=100ua emitter grounded output characteristics 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0123456 collector-to-emitter voltage---vce(v) collector current---ic(a) 1ma 1.5m a 2ma 2.5ma 5ma ib=500ua current gain vs collector current 10 100 1000 1 10 100 1000 collector current---ic(ma) current gain---hfe ta=25c ta=75c ta=125c vce=1v current gain vs collector current 10 100 1000 1 10 100 1000 collector current---ic(ma) current gain---hfe ta=25c ta=75c ta=125c vce=2v current gain vs collector current 10 100 1000 1 10 100 1000 collector current---ic(ma) current gain---hfe ta=25c ta=75c ta=125c vce=10v saturation voltage vs collector current 10 100 1000 1 10 100 1000 collector current---ic(ma) saturation voltage---(mv) 125c 75c 25c vcesat=10ib
cystech electronics corp. spec. no. : c204a3 issued date : 2015.01.23 revised date : page no. : 4 / 7 bc547ba3 cystek product specification typical characteristics(cont.) saturation voltage vs collector current 10 100 1000 1 10 100 1000 collector current---ic(ma) saturation voltage---(mv) 125c 75c 25c vcesat=20ib saturation voltage vs collector current 100 1000 10000 1 10 100 1000 collector current---ic(ma) saturation voltage---(mv) vbesat@ic=10ib ta=25c ta=75c 125c on voltage vs collector current 100 1000 10000 1 10 100 1000 collector current---ic(ma) on voltage---(mv) vbeon@vce=10v 125c 25c 75c capacitance vs reverse-biased voltage 1 10 100 0.1 1 10 100 reverse-biased voltage---vr(v) capacitance---(pf) cib cob transition frequency vs collector current 10 100 1000 1 10 100 1000 collector current---ic(ma) transition frequency---ft(mhz) vce=5v power derating curve 0 100 200 300 400 500 600 700 0 50 100 150 200 ambient temperature---ta() power dissipation---pd(mw)
cystech electronics corp. spec. no. : c204a3 issued date : 2015.01.23 revised date : page no. : 5 / 7 bc547ba3 cystek product specification to-92 taping outline millimeters dim item min. max. a component body height 4.33 4.83 d tape feed diameter 3.80 4.20 h2a h2a h2 h2 d2 a h w w1 h3 h4 h1 l1 l p2 p p1 f1 f2 d1 d t2 t t1 d1 lead diameter 0.36 0.53 d2 component body diameter 4.33 4.83 f1,f2 component lead pitch 2.40 2.90 f1,f2 f1-f2 - 0.3 h height of seating plane 15.50 16.50 h1 feed hole location 8.50 9.50 h2 front to rear deflection - 1 h2a deflection left or right - 1 h3 component height - 27 h4 feed hole to bottom of component - 21 l lead length after component removal - 11 l1 lead wire enclosure 2.50 - p feed hole pitch 12.50 12.90 p1 center of seating plane location 5.95 6.75 p2 4 feed hole pitch 50.30 51.30 t over all tape thickness - 0.55 t1 total taped package thickness - 1.42 t2 carrier tape thickness 0.36 0.68 w tape width 17.50 19.00 w1 adhesive tape width 5.00 7.00 - 20 pcs pitch 253 255
cystech electronics corp. spec. no. : c204a3 issued date : 2015.01.23 revised date : page no. : 6 / 7 bc547ba3 cystek product specification recommended wave soldering condition product peak temperature soldering time pb-free devices 260 +0/-5 c 5 +1/-1 seconds recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 20-40 seconds ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of the package, measured on the package body surface.
cystech electronics corp. spec. no. : c204a3 issued date : 2015.01.23 revised date : page no. : 7 / 7 bc547ba3 cystek product specification to-92 dimension *: typical marking: 31 a d b c i 1 e f 2 3 g h 2 style: pin 1.collector 2.base 3.emitter 3-lead to-92 plastic package cystek packa g e code: a 3 bc547b date code i n c h e s m i l l i m e t e r s i n c h e s m i l l i m e t e r s dim m i n . m a x . m i n . m a x . dim m i n . m a x . m i n . m a x . a 0 . 1 7 0 4 0 . 1 9 0 2 4 . 3 3 4 . 8 3 g 0.0142 0 . 0 2 2 0 0 . 3 6 0 . 5 6 b 0 . 1 7 0 4 0 . 1 9 0 2 4 . 3 3 4 . 8 3 h - * 0 . 1 0 0 0 - * 2.54 c 0 . 5 0 0 0 - 1 2 . 7 0 - i - * 0 . 0 5 0 0 - * 1.27 d 0 . 0 1 4 2 0 . 0 2 2 0 0 . 3 6 0 . 5 6 1 - * 5 - * 5 e - * 0 . 0 5 0 0 - * 1.27 2 - * 2 - * 2 f 0 . 1 3 2 3 0 . 1 4 8 0 3 . 3 6 3 . 7 6 3 - * 2 - * 2 notes: 1.contr o lling dimension: millimeter s. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question w i th p a cking spec ification or p a cking method, please cont act y our local cy s t ek sales of fice. material: ? lead: pure tin plated. ? mold compound: epox y resin family , flammability solid burning class: ul94v -0. important notice: ? all rights are reserved. reproduction in w hole or in part is prohibited w i thout the prior w r itten approval of cy stek. ? cy stek reserves the right to make changes to its products w i thout notice. ? cy stek semiconductor products are not warranted to be suitab le for use in life-support applications, or systems. ? cy stek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of BC547BA3-0-BK-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X