Part Number Hot Search : 
3020S RF151 SDX100A4 20N60S RF151 ROV05 3020S 130P10
Product Description
Full Text Search
 

To Download BAR66-07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007-04-19 1 bar66... silicon pin diode array ? surge protection device ? designed for surge overvoltage clamping in antiparallel connection ? pb-free (rohs compliant) package 1) ? qualified according aec q101 bar66        type package configuration l s (nh) marking bar66 sot23 series 1.8 pms maximum ratings at t a = 25c, unless otherwise specified parameter symbol value unit diode reverse voltage v r 150 v forward current i f 200 ma total power dissipation t s 25 c p tot 250 mw esd contact discharge 2) v esd 25 kv peak pulse current ( t p = 8 / 20 s) 3) i pp 12 a junction temperature t j 150 c operating temperature range t o p -55 ... 125 storage temperature t st g -55 ... 150 thermal resistance parameter symbol value unit junction - soldering point 4) , bar 66 r thjs 290 k/w 1 pb-containing package may be available upon special request 2 v esd according to iec61000-4-2, only valid if pin 1 and pin 2 are connected 3 i pp according to iec61000-4-5, only valid if pin 1 and pin 2 are connected 4 for calculation of r thja please refer to application note thermal resistance
2007-04-19 2 bar66... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics breakdown voltage i (br) = 5 a v (br) 150 - - v reverse current v r = 100 v i r - - 20 na forward voltage i f = 50 ma v f - 0.95 1.2 v clamping voltage v esd = 15 kv (contact) 1) i pp = 12 a, t p = 8/20 s 2) v cl - - tbd 7 - - ac characteristics diode capacitance v r = 35 v, f = 1 mhz v r = 0 v, f = 100 mhz c t - - 0.4 0.35 0.6 0.9 pf zero bias conductance v r = 0 v, f = 1 ghz g p - 220 - s forward resistance i f = 5 ma, f = 100 mhz r f - 1.5 1.8 ? charge carrier life time i f = 10 ma, i r = 6 ma, measured at i r = 3 ma, r l = 100 ? rr - 0.7 - s 1 v esd according to iec61000-4-2, only valid if pin 1 and pin 2 are connected 2 i pp according to iec61000-4-5, only valid if pin 1 and pin 2 are connected
2007-04-19 3 bar66... diode capacitance c t = ? (v r ) f = parameter 0 5 10 15 20 25 v 35 v r 0 0.1 0.2 0.3 0.4 0.5 0.6 pf 0.8 c t 100mhz 1mhz forward resistance r f = ? ( i f ) f = 100mhz 10 -2 10 -1 10 0 10 1 10 2 ma i f -1 10 0 10 1 10 2 10 3 10 ohm r f forward current i f = ? ( v f ) t a = parameter 0 0.2 0.4 0.6 0.8 v 1.2 v f -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 a i f -40 c 25 c 85 c 125 c forward current i f = ? ( t s ) bar66 0 20 40 60 80 100 120 c 150 t s 0 20 40 60 80 100 120 140 160 180 ma 220 i f
2007-04-19 4 bar66... permissible puls load r thjs = ? ( t p ) bar66 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load i fmax / i fdc = ? ( t p ) bar66 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 - i fmax / i fdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
2007-04-19 5 bar66... package sot23 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel eh s bcw66 type code pin 1 0.8 0.9 0.9 1.3 0.8 1.2 0.25 m bc 1.9 -0.05 +0.1 0.4 0.1 2.9 0.95 c b 0...8? 0.2 a 0.1 max. 10? max. 0.08...0.15 1.3 0.1 10? max. m 2.4 0.15 0.1 1 a 0.15 min. 1) 1) lead width can be 0.6 max. in dambar area 12 3 3.15 4 2.65 2.13 0.9 8 0.2 1.15 pin 1 manufacturer 2005, june date code (ym)
2007-04-19 6 bar66... edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BAR66-07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X