Part Number Hot Search : 
LF441CN NC7NZ 16220 03A137 SMA661AS BU1508AX N2546 04TR68
Product Description
Full Text Search
 

To Download AP4543GMT-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n and p-channel enhancement electronics corp. mode power mosfet simple drive requirement n-ch bv dss 40v good thermal performance r ds(on) 26.5m fast switching performance i d 8.8a rohs compliant & halogen-free p-ch bv dss -40v r ds(on) 42m description i d -7.3a absolute maximum ratings symbol parameter rating units n-channel p-channel v ds drain-source voltage -40 v v gs gate-source voltage + 20 v i d @t a =25 continuous drain current 3 -7.3 a i d @t a =70 continuous drain current 3 -5.8 a i dm pulsed drain current 1 -30 a p d @t a =25 total power dissipation w t stg storage temperature range t j operating junction temperature range thermal data symbol parameter rating units n-channel p-channel rthj-c 6 /w rthj-a 35 35 /w data and specifications subject to change without notice maximum thermal resistance, junction-ambient 3 201209071 40 + 20 6 maximum thermal resistance, junction-case 8.8 7 1 AP4543GMT-HF halogen-free product 3.57 -55 to 150 -55 to 150 30 ap4543 series are from advanced power innovated design and silicon process technology to achieve the lowest possible on- resistance and fast switching performance. it provides the designe r with an extreme efficient device for use in a wide range of powe r applications. the pmpak ? 5x6 package is special for voltage conversion application using standard infrared reflow technique with the backside heat sink to achieve the good thermal performance. s1 g1 s2 g2 pmpak ? 5 x 6 d1 d1 d2 d2 s1 g1 s2 g2 d1 d1 d2 d2
n-ch electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 40 - - v r ds(on) static drain-source on-resistance 2 v gs =10v, i d =7a - 21.2 26.5 m v gs =4.5v, i d =5a - 32.7 45 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 1.7 3 v g fs forward transconductance v ds =10v, i d =7a - 14 - s i dss drain-source leakage current v ds =32v, v gs =0v - - 10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 30 ua q g total gate charge i d =7a - 7 11.2 nc q gs gate-source charge v ds =20v - 2.2 - nc q gd gate-drain ("miller") charge v gs =4.5v - 3.7 - nc t d(on) turn-on delay time v ds =20v - 6 - ns t r rise time i d =1a - 18 - ns t d(off) turn-off delay time r g =3.3 ? -17- ns t f fall time v gs =5v - 19 - ns c iss input capacitance v gs =0v - 660 1050 pf c oss output capacitance v ds =15v - 120 - pf c rss reverse transfer capacitance f=1.0mhz - 75 - pf r g gate resistance f=1.0mhz - 2.2 4.4 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =2.9a, v gs =0v - - 1.2 v t rr reverse recovery time i s =7a, v gs =0 v , - 24 - ns q rr reverse recovery charge di/dt=100a/s - 21 - nc 2 AP4543GMT-HF
AP4543GMT-HF p-ch electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. unit bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -40 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-5a - 33.3 42 m v gs =-4.5v, i d =-3a - 53.3 70 m v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 -1.7 -3 v g fs forward transconductance v ds =-10v, i d =-5a - 11 - s i dss drain-source leakage current v ds =-32v, v gs =0v - - -10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 30 ua q g total gate charge i d =-5a - 11.5 18.4 nc q gs gate-source charge v ds =-20v - 2.3 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 7 - nc t d(on) turn-on delay time v ds =-20v - 7 - ns t r rise time i d =-1a - 20 - ns t d(off) turn-off delay time r g =3.3 -34- ns t f fall time v gs =-5v - 29 - ns c iss input capacitance v gs =0v - 720 1150 pf c oss output capacitance v ds =-15v - 205 - pf c rss reverse transfer capacitance f=1.0mhz - 165 - pf r g gate resistance f=1.0mhz - 6 12 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-2.9a, v gs =0v - - -1.2 v t rr reverse recovery time i s =-5a, v gs =0v, - 32 - ns q rr reverse recovery charge di/dt=100a/s - 34 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 3 3.surface mounted on 1 in 2 copper pad of fr4 board, t < 10sec ; 85 o c/w at steady state.
ap4543gmt-h f n-channel fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 4 0 10 20 30 40 0123456 v ds , drain-to-source voltage (v) i d , drain current (a) t a =25 o c 10v 7.0v 6.0v 5.0v v g = 4.0v 0 10 20 30 40 02468 v ds , drain-to-source voltage (v) i d , drain current (a) t a = 150 o c 0.6 1.0 1.4 1.8 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =7a v g =10v 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 20 24 28 32 36 40 246810 v gs , gate-to-source voltage (v) r ds(on) (m ) i d =5a t a =25 o c 0.0 0.4 0.8 1.2 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) i d =250ua 10v 7.0v 6.0v 5.0v v g =4.0v
a p4543gmt-h f n-channel fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. maximum continuous drain current v.s. ambient temperature 5 0 2 4 6 8 10 0481216 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =7a v ds =20v 0 200 400 600 800 1000 1 5 9 1317212529 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 10 100 0.01 0.1 1 10 100 v ds , drain-to-source voltage (v) i d (a) 100us 1ms 10ms 100ms 1s dc t a =25 o c single pulse 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.02 0.05 0.1 0.2 duty factor=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a r thja = 85 /w t t 0.01 operation in this area limited by r ds(on) 0 10 20 30 40 02468 v gs , gate-to-source voltage (v) i d , drain current (a) t j =150 o c t j =25 o c v ds =5v 0 2 4 6 8 10 25 50 75 100 125 150 t a , ambient temperature ( o c ) i d , drain current (a) t j = -40 o c
ap4543gmt-h f p-channel fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 6 0 8 16 24 32 40 0246810 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a = 150 o c -10v -7.0v -6.0v -5.0v v g = -4.0v 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =-5a v g = -10 v 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0 8 16 24 32 40 0123456 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c -10v -7.0v -6.0v -5.0v v g = -4.0v 30 40 50 60 70 246810 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d =-3a t a =25 o c 0.0 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) i d = -250ua
a p4543gmt-h f p-channel fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. maximum continuous drain current v.s. ambient temperature 7 0 2 4 6 8 10 0 4 8 12162024 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -5a v ds = -20v 0 200 400 600 800 1000 1 5 9 1317212529 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) 100us 1ms 10ms 100ms 1s dc t a =25 o c single pulse 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.02 0.05 0.1 0.2 duty factor=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a r thja = 85 /w t t 0.01 operation in this area limited by r ds(on) 0 2 4 6 8 10 25 50 75 100 125 150 t a , ambient temperature ( o c ) -i d , drain current (a) 0 10 20 30 40 02468 -v gs , gate-to-source voltage (v) -i d , drain current (a) t j =150 o c t j =25 o c v ds = -5v t j = -40 o c


▲Up To Search▲   

 
Price & Availability of AP4543GMT-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X