Part Number Hot Search : 
B7105 62834 BAS40S 96SA20TA 4PC50F XF200 0441025 2SD47
Product Description
Full Text Search
 

To Download AA60S2400A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aa 6 0s s e ries 60w single ac/dc power module ds_aa60s_ 0 4082014 e - mail : dcdc @ d elta.com.tw http://www.deltaww.com/dcdc p1 features ? encapsulated compact ac - dc power supply ? over load and over voltage protection ? 3 mounting package versoin: - solder pins for direct pcb mount - screw terminal block for chassis mount - din - rail mount ? universal input voltage range 85 - 264 vac, 47 - 440 hz ? 3kvac isolatoin, protection class ll level ? ul/iec/en 6 0950 - 1 certified , ce marked ? ul508 approval ? lead free, rohs compliant ? 3 year product warranty the aa 6 0s series , isolated fully encapsulated 60 w ac/dc power module with 3,000v a c isolation. with universal input voltage 85 - 264vac and international saf ety approvals, these power modules are ideal for applications in commercial and industrial electronic equipment. these isolated ac/ dc converters are the latest offering from a world leader in power systems technology and manufacturing D delta electronics, inc. with creative design technology and optimization of component placement, these conver ters possess outstanding electrical and t hermal performance, as well as extremely high reliability under highly stressful operating conditions. industrial electronic equipment. model list model number output voltage output current input current max. capacitive load efficiency (typ.) 1 15vac, 60hz max. @max. load @no load @max. load vdc ma ma(typ.) ma(typ.) f % aa60s0500a 5.1 10,000 936 50 8000 79 aa60s1200a 12 5000 1060 50 3900 82 aa60s1500a 15 4000 1047 50 3300 83 AA60S2400A 24 2500 1035 50 1500 84 aa60s3600a 36 1666 1035 50 1000 84 aa60s4800a 48 1250 1035 50 680 84 input characteristics pa rameter model min. typ. max. unit input voltage range all models 85 --- 264 vac input frequency range 47 --- 63 hz input voltage range 120 --- 370 vdc inrush current (cold start at 25 ) 115vac --- --- 30 a 230vac --- --- 50 a
ds_aa60s_ 0 4082014 e - mail : dcdc @ d elta.com.tw ht tp://www.deltaww.com/dcdc p 2 output characteris tics parameter conditions min. typ. max. unit output voltage accuracy --- 1.0 2.0 % line regulation vin=min. to max. --- 0.2 1.0 % load regulation iout=min. to max. --- 0.5 1.0 % ripple & noise (20mhz) 5.1vdc output models --- 2.0 3.0 %v pp of v o other output models --- 1.0 1.3 %v pp of v o minimum load --- 10 --- %inom. over voltage protection zener diode clamp --- 120 --- % of vo transient response deviation (iout=100% to iout=50%) 3 6 % temperature coefficient --- 0.02 --- %/ overshoot --- --- 5 % vout current limitation foldback, auto - recovery 105 --- --- %inom. (long term overload condition may cause damage) short circuit protection hiccup mode, indefinite (automatic recovery) general characteristics parameter conditions min. typ. max. unit i/o isolation voltage input to output, 60 seconds 3000 --- --- vacrms i/o isolation resistance 500 vdc 100 --- --- m switching frequency --- 100 --- khz hold - up time --- 20 --- ms mtbf (calculated) mil - hdbk - 217f@25 , ground benign 125,000 --- --- hours emc emission conducted and radiated en 55011 class b, en 55022 class b, fcc part 15 class b emc immunity according en61000 - 6 - 1 standard specification requirement performance criteria en61000 - 4 - 2 air 8kv cont. 4kv b en61000 - 4 - 3 80~1000mhz, 10v/m 80% am, 1khz modulation a en61000 - 4 - 4 ac port 2kv dc, sl, tl 2kv not less than 1 min. b en61000 - 4 - 5 1.2/50 s(8/20 s) ac dif. 1kv dc 0.5kv b en61000 - 4 - 6 0.15~80mhz, 10vrms (functional earth ports included) b 80% am, 1khz modulation en61000 - 4 - 8 50hz/60hz, 30a/m a en61000 - 4 - 11 30%, 10ms b 60%, 100ms, 95%, 5000ms c protection class ii according ie c/en 60536 safety approvals cul/ul 60950 - 1,iec/en 60950 - 1 ul508 approval input fuse all models built - in fuse 6a / 250vac external fuse (recommended) 3a slow C blow type
ds_aa60s_ 0 4082014 e - mail : dcdc @ d elta.com.tw ht tp://www.deltaww.com/dcdc p 3 environmental specifications parameter conditions temperature range (operational) ambient - 10 +70 power derating (5.1vout) +40 to +70 2.25w / storage temperature range - 40 +85 over temperature protection at 90 (automatic recovery at 67 ) cooling free - air convection humidity (non condensing) --- 95 % rel. h power derating curve notes 1 all specifications typical at ta=+25 , resistive load, 115vac, 60hz input voltage and after warm - up time rated output current unless otherwise noted. 2 ripple & noise measurement bandwidth is 0~20 mhz 3 these power modules require a minim um output loading to maintain specified regulation, operation under no - load conditions will not damage the power supplies however they may not meet all listed specifications. 4. other input and output voltage may be available, please contact us for cus tom solution. 5 long term short circuit operation may cause damage to the unit. 6 specifications are subject to change without notice
ds_aa60s_ 0 4082014 e - mail : dcdc @ d elta.com.tw ht tp://www.deltaww.com/dcdc p 4 mechancial drawing pcb mounting mechanical dimensions pin connections pin function 1 ac (n) C ac neutral 2 ac(l) C ac line 4 +vout 6 - vout ? all dimensions in mm (inches) ? tolerance: 0.5 (0.02) ? pin diameter ? 1.0 0.1 (0.04 0.004) physical outline case size : 88.9x67.5x34.2 mm (3.50x 2.66x1.35 inches) case material : plastic resin + fiberglass (flammability to ul 94v - 0 rated) pin material : copper alloy with gold plate over nickel subplate weight : 345g mechancial drawing chassis mounting mechanical dimensions connectio ns terminal function 1 ac(n) C ac neutral 2 ac(l) C ac line 3 nc 4 +vout 5 nc 6 - vout 7 nc nc: no connection ? all dimensions in mm (inches) ? tolerance: 0.5 (0.02) 4 6 1 2 bottom view 25.4 [1.00] 8 8 . 9 [ 3 . 5 0 ] 8 1 . 3 [ 3 . 2 0 ] 28.75 [1.13] 2 7 . 5 [ 1 . 0 8 ] 3 1 . 4 5 [ 1 . 2 4 ] 55.88 [2.20] 67.5 [2.66] 1 . 0 [ 0 . 0 4 ] 34.2 [1.35] 6.0 [0.24] 0.7 [0.03] mounting m4.0 thread top view 1 2 3 4 5 6 7 4x 3.5 6 7 . 8 [ 2 . 6 7 ] 5 0 . 0 [ 1 . 9 7 ] 100.0 [3.94] 112.0 [4.41] 90.0 [3.54] 11.0 [0.43] 1 6 . 8 [ 0 . 6 6 ] 5 . 0 [ 0 . 2 0 ] 3 8 . 0 [ 1 . 5 0 ] indication led power " good " indicator dc - on
ds_aa60s_ 0 4082014 e - mail : dcdc @ d elta.com.tw ht tp://www.deltaww.com/dcdc p 5 physical outline case size : 112.0x67.8x38.0 mm (4.41x 2.67x1.50 inches) case material : plastic resin + fiberglass (flammability to ul 94v - 0 rated) weight : 357g mechancial d rawing chassis mounting with din rail kit mechanical dimensions physical outline case size : 112.0x67.8x38.0 mm (4.41 x2.67x1.50 inches) case material : plastic resin + fiberglass (flammability to ul 94v - 0 rated) weight : 410g din - rail mounting kit top view 1 2 3 4 5 6 7 4x 3.5 6 7 . 8 [ 2 . 6 7 ] 5 0 . 0 [ 1 . 9 7 ] 100.0 [3.94] 112.0 [4.41] 90.0 [3.54] 11.0 [0.43] 1 6 . 8 [ 0 . 6 6 ] 5 . 0 [ 0 . 2 0 ] 3 8 . 0 [ 1 . 5 0 ] indication led power " good " indicator dc - on 3 . 0 [ 0 . 1 2 ] 1 1 . 0 [ 0 . 4 3 ]
ds_aa60s_ 0 4082014 e - mail : dcdc @ d elta.com.tw ht tp://www.deltaww.com/dcdc p 6 part numbering system a a 60 s 1 5 0 0 a form factor family series watt number of outputs input voltage output voltage option code ac/dc power module a~z 60 : 60 w s - single 05 : 5 .1 v 0 : 0 v a - std pcb mounting d - dual 12 : 12v c - chasis mounting 15 : 15 v d - chassis mounting with din - rail kit 24 : 24 v 36 : 36 v 48 : 48 v contact : www.deltaww.com/dcdc usa: telephone: east coast: 978 - 656 - 3993 west coast: 510 - 668 - 5100 fax: (978) 656 3964 email: dcdc@delta - corp.com europe: phone: +31 - 20 - 655 - 0967 fax: +31 - 20 - 655 - 0999 email: dcdc@delta - es.com asia & the rest of wor ld: telephone: +886 3 4526107 ext 6220~6224 fax: +886 3 4513485 email: dcdc@delta.com.tw warranty delta offers a t hree ( 3 ) year s limited warranty. complete warranty information is listed on our web site or is a vailable upon request from delta. information furnished by delta is believed to be accurate and reliable. however, no responsibility is assumed by delta for it s use, nor for any infringements of patents or other rights of third parties, which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of delta. delta reserves the right to revise these specifications at any time, wi thout notice
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: delta: ? aa60s1200c? aa60s3600c? aa60s1500d? aa60s4800d? aa60s3600a? aa60s4800a? aa60s4800c? aa60s1200a ? aa60s2400c? aa60s1500c? aa60s2400d? AA60S2400A? aa60s0500d? aa60s3600d? aa60s1200d? aa60s0500c ? aa60s1500a? aa60s0500a


▲Up To Search▲   

 
Price & Availability of AA60S2400A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X