Part Number Hot Search : 
BF3510TV SB280 OM5233ST DAC20CP 854919 AN2615 NCP1570D X4645V8
Product Description
Full Text Search
 

To Download 2SB1560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon pnp darlington power transistors 2SB1560 description ? with to-3pn package ? complement to type 2sd2390 applications ? audio ,regulator and general purpose pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -160 v v ceo collector-emitter voltage open base -150 v v ebo emitter-base voltage open collector -5 v i c collector current -10 a i b base current 1 a p c collector power dissipation t c =25 ?? 100 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pn) and symbol
inchange semiconductor product specification 2 silicon pnp darlington power transistors 2SB1560 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-30ma ;i b =0 -150 v v cesat collector-emitter saturation voltage i c =-7a ;i b =-7ma -2.5 v v besat base-emitter saturation voltage i c =-7a ;i b =-7ma -3.0 v i cbo collector cut-off current v cb =-160v; i e =0 -100 | a i ebo emitter cut-off current v eb =-5v; i c =0 -100 | a h fe dc current gain i c =-7a ; v ce =-4v 5000 c ob output capacitance i e =0 ; v cb =10v;f=1mhz 230 pf f t transition frequency i c =-2a ; v ce =-12v 50 mhz switching times t on turn-on time 0.8 | s t s storage time 3.0 | s t f fall time i c =-7a;r l =10 |? i b1 =- i b2 =-7ma v cc =-70v 1.2 | s ? h fe classifications o p y 5000-12000 6500-20000 15000-30000
inchange semiconductor product specification 3 silicon pnp darlington power transistors 2SB1560 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.1mm)
inchange semiconductor product specification 4 silicon pnp darlington power transistors 2SB1560


▲Up To Search▲   

 
Price & Availability of 2SB1560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X