Part Number Hot Search : 
TLP202A MM1564H FQU5N60 56F80 S5BBT CS5010RQ AD5235 57D5004
Product Description
Full Text Search
 

To Download 2N5672 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2n5671 2N5672 description ? with to-3 package ? high current ,high speed applications ? intended for high current and fast switching industrial applications pinning pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit 2n5671 120 v cbo collector-base voltage 2N5672 open emitter 150 v 2n5671 90 v ceo collector-emitter voltage 2N5672 open base 120 v v ebo emitter-base voltage open collector 7 v i c collector current 30 a i b base current 10 a p d total power dissipation t c =25 ?? 140 w t j junction temperature 200 ?? t stg storage temperature -65~200 ?? thermal characteristics symbol parameter value unit r th j-c thermal resistance junction to case 1.25 ??/w fig.1 simplified outline (to-3) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2n5671 2N5672 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit 2n5671 90 v ceo(sus) collector-emitter sustaining voltage 2N5672 i c =0.2a ;i b =0 120 v v cesat collector-emitter saturation voltage i c =15a; i b =1.2a 0.75 v v besat base-emitter saturation voltage i c =15a ;i b =1.2a 1.5 v v be base-emitter on voltage i c =15a ; v ce =5v 1.6 v i ceo collector cut-off current v ce =80v; i b =0 10 ma 2n5671 v ce =110v; v be(off) =1.5v 12 2N5672 v ce =135v; v be(off) =1.5v 10 2n5671 15 i cev collector cut-off current 2N5672 v ce =100v;v be(off) =1.5v; t c =150 ?? 10 ma i ebo emitter cut-off current v eb =7v; i c =0 10 ma h fe-1 dc current gain i c =15a ; v ce =2v 20 100 h fe-2 dc current gain i c =20a ; v ce =5v 20 f t trainsistion frequency i c =2a ; v ce =10v;f=1mhz 40 mhz switching times t on turn-on time 0.5 | s t s storage time 1.5 | s t f fall time i c =15a ;i b1 =- i b2 =1.2a v cc =30v;t p =0.1ms 0.5 | s
inchange semiconductor product specification 3 silicon npn power transistors 2n5671 2N5672 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.10mm)


▲Up To Search▲   

 
Price & Availability of 2N5672

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X