Part Number Hot Search : 
CX4SCSM5 MMBT3906 PT2250A C1500 CZMA10V ZMY3V0 1375HV 2SJ659
Product Description
Full Text Search
 

To Download 1N5830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  switchmode power rectifier schottky diode [1N5830 ] technical data typical applications : ideally suited for use as rectifiers in low voltage , high frequency invertors , free wheeling diodes and polarity protection diodes. type no. v rrm (volts) v rsm (volts) features 1N5830 30 36 extremely low v f low power loss / high efficiency low stored charge , majority carrier conduction high surge capacity v rrm = peak repetitive reverse voltage v rsm =non-repetitive peak reverse voltage symbol conditions units i f(av) t case =85 c 25 a i fsm tc = 25 c; 10 ms 800 a i rrm tc = 25 c tc = 100 c 20 ma max 150 ma max v f tvj = 25 c; i f =10 a tvj = 25 c; i f =25 a tvj = 25 c; i f =78.5 a 0.370 v max 0.460 v max 0.770 v max r th(j-c) t vj t stg 1.75 c/w 150 c -65.....+ 125 c mounting torque 2 nm weight approx 10 g


▲Up To Search▲   

 
Price & Availability of 1N5830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X