Part Number Hot Search : 
LM2931 GS816 2SD1210 UPTB48 SC4000 MC2404 FDN5618P XMG16
Product Description
Full Text Search
 

To Download 150K60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v rrm = 200 v - 1000 v i f = 150 a features ? high surge capability do-8 package ? not esd sensitive note: 1. standard polarity: stud is cathode. 3. stud is base. parameter symbol 150k(r)20 a 150k(r)40a 150k(r)60 a unit repetitive peak reverse voltage v rrm 200 400 600 v dc blocking voltage v dc 200 400 600 v continuous forward current i f 150 150 150 a ? types from 200 v to 1000 v v rrm 2. reverse polarity (r): stud is anode. silicon standard recover y diode 150k(r)20a thru 150k(r)100a t c 110 c 150k(r)100 a 800 150k(r)80a maximum ratings, at t j = 25 c, unless otherwise specified ("r" devices have leads reversed) 150 150 1000 1000 800 conditions continuous forward current i f 150 150 150 a i 2 t for fusing i 2 t t = 8.3ms 58000 58000 58000 a 2 sec operating temperature t j -55 to 150 -55 to 150 -55 to 150 c storage temperature t stg -55 to 150 -55 to 150 -55 to 150 c parameter symbol 150k(r)20 a 150k(r)40a 150k(r)60 a unit diode forward voltage 1.33 1.33 1.33 thermal characteristics thermal resistance, junction - case r thjc 0.25 0.25 0.25 c/w a 3740 reverse current i r v f 3740 v r = v rrm , t j = 175 c 35 35 32 24 ma 58000 58000 -55 to 150 35 -55 to 150 i f = 150 a, t j = 25 c c conditions 3740 3740 -55 to 150 150 150 -55 to 150 150k(r)100 a 150k(r)80a 0.25 0.25 1.33 1.33 v electrical characteristics, at tj = 25 c, unless otherwise specified surge non-repetitive forward current, half sine wave i f,sm 3740 t c = 25 c, t p = 8.3 ms www.genesicsemi.com/s ilicon-products/standard-recovery-rectifiers/ 1
150k(r)20a thru 150k(r)100a www.genesicsemi.com/s ilicon-products/standard-recovery-rectifiers/ 2
package dimensions and terminal configuration product is marked with part number and terminal configuration. 150k(r)20a thru 150k(r)100a do-8 (do-205aa) g d h i f b inches millimeters min max min max a 3/8-24 unf b ----- 0.930 ----- 23.5 c 1.050 1.060 26.67 26.92 d 4.300 4.700 109.22 119.38 e ----- 0.690 ----- 17.00 f 0.260 ----- 6.50 ----- g ----- 0.940 ----- 24.00 h ----- 0.600 ----- 15.23 i 0.276 0.286 7.010 7.260 a e c www.genesicsemi.com/s ilicon-products/standard-recovery-rectifiers/ 3


▲Up To Search▲   

 
Price & Availability of 150K60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X