Part Number Hot Search : 
AS7C3 3F626E 2SK3307 T8200175 3EZM4 S16KSD2 2SC2062 1N53S2B
Product Description
Full Text Search
 

To Download 101000760003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2,54 31 x 2,54 = (78,74) 5,08 5,08 0,3 0,3 erni xxxxxxx rc2 datumscode date code anforderungsstufe class max. 3,5 95 11,6 max. 2,5 7,7 0,6 2,9 -0,5 13 0,2 21 20 19 30 23 24 25 26 27 28 29 22 31 1 bestckt / assembled a b 9 c 2 3 4 5 6 7 8 10 11 12 13 14 15 16 17 18 bestckungsplan / contact layout 32 tauchl?tanschluss 0,6 x 0,6 mm / solder terminal 0,6 x 0,6 mm isolierwerkstoff / housing material : pbt gf 30 bauart 7 / type 7 anforderungsstufe 2 = 400 steckzyklen / performance class 2 = 400 mating cycles fehlende masse und angaben nach iec 60 603-2 / din en 60 603-2 missing information and dimensions per iec 60 603-2 26 28 29 c 31 32 a b 8 alle l?cher/ leiterplatten-lochbild / all holes pcb drillhole pattern 1 2 3 4 5 6 7 30 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 27 0,05 1 +0,1 90 0,1 2,54 5,63 2,8 31 x = (78,74) 2,54 all dimensions stvc designation class i drawing will not be updated. before using. in mm tolerances version of this drawing, please www.erni.com information: 12.05.2014 scale fem. conn. c 64 solder federleiste c 64 l?t 101000760003 2:1 contact one of the erni companies index a3 proprietary notice pursuant to iso 16016 to be observed. b copyright by erni production gmbh & co. kg all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date c1 a32 a1 c32 6 85 -0,2 2,8 3 +0,2 +0,1 1 +0,1 10,6 -0,2 8,5 -0,1 90 0,1


▲Up To Search▲   

 
Price & Availability of 101000760003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X