please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. dimension table in next page. aluminum electrolytic capacitors vr series miniature sized one rank smaller case sizes than vx series. compliant to the rohs directive (2002/95/ec). radial lead type specifications type numbering system (example : 10v 330 f) category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking performance characteristics item 40 to + 85 ?c( 6.3v to 400v), 25 to + 85 ?c( 450v) 6.3 to 450v 0.1 to 33000f 20% at 120hz, 20 ?c printed with white color letter on black sleeve. after storing the capacitors under no load at 85 ? c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. vr rated voltage ( v) tan (max.) 6.3 0.28 10 0.24 16 0.20 25 0.16 35 0.14 50 0.12 63 0.10 100 0.08 160 to 315 0.20 350 to 450 0.25 for capacitance of more than 1000 f , add 0.02 for every increase of 1000 f . measurement frequency : 120hz at 20 ?c measurement frequency : 120hz z 25? c / z + 20?c z 40? c / z + 20?c rated voltage ( v) impedance ratio zt / z20 (max.) 6.3 5 12 10 4 10 16 3 8 25 2 5 35 2 4 50 2 3 63 2 3 100 2 3 160 to 200 3 4 250 to 350 4 8 400 6 10 450 15 the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 2000 hours at 85 c. u 1 v 2 r 3 1 4 a 5 3 6 3 7 1 8 m 9 e 10 d 11 12 configuration capacitance tolerance (20%) rated capacitance (330 f) rated voltage (10v) series name type d 4 pb-free leadwire pb-free pet sleeve dd6 5 dd 6.3 ed 8 10 pd 12.5 to 18 hd 20 to 25 rd configuration size code pressure relief vent 15 min 4 min d p 0.5 ( 6.3up) d + max l + max sleeve ( p.e.t. ) vz vk d p d 4 1.5 0.45 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 18 7.5 0.8 20 22 10.0 10.0 1.0 1.0 25 12.5 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 (l 20) 1.5 (l 20) 2.0 (mm) rated voltage ( v) 6.3 to 100v 160 to 450v after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4 (a), whichever is greater. after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a), whichever is greater. after 1 minute's application of rated voltage, cv < = 1000 : 1 = 0.1cv + 40a or less after 1 minute's application of rated voltage, cv > 1000 : 1 = 0.04cv + 100 (a) or less leakage current tan capacitance change less than or equal to the initial specified value 200% or less than the initial specified value within 20% of the initial capacitance value high temperature please refer to page 20 about the end seal configulation. smaller cat.8100b
vr series aluminum electrolytic capacitors dimensions 6.3 0j 10 16 25 35 50 63 100 1a 1c 1e 1v 1h 1j 2a 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 153 223 333 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 10 20 10 20 12.5 20 12.5 25 16 25 16 35.5 18 40 22 30 22 50 25 40 65 80 95 135 200 270 320 540 1000 1190 1550 1920 2350 2850 3350 3200 3900 3800 50 75 90 110 160 260 370 440 790 1300 1700 2100 2650 2950 3000 3400 3300 4200 4000 4800 35 55 80 95 115 190 330 440 550 960 1550 1980 2450 2900 2700 3000 2900 3800 3600 4500 40 60 90 105 130 210 385 490 650 1150 1800 2280 2700 3000 2900 3700 3600 4300 1.3 2.9 4.3 6.2 17 28 35 40 60 95 125 155 260 430 590 760 1350 2100 2500 2450 2900 2900 3500 3300 4000 65 100 140 170 300 490 710 900 1300 2300 2700 2600 3400 3200 3900 2.1 4.7 7 10 21 30 40 45 75 130 180 230 370 620 760 1000 1380 2400 2400 2900 5 11 5 11 5 11 5 11 6.3 11 6.3 11 6.3 11 10 12.5 10 20 12.5 20 12.5 25 16 25 16 35.5 18 35.5 20 40 25 30 22 50 25 40 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 8 11.5 10 16 12.5 20 12.5 25 16 25 16 35.5 18 35.5 20 31 20 40 25 30 22 50 25 40 25 50 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 31.5 18 35.5 20 31 20 40 25 30 22 50 25 40 25 50 5 11 5 11 5 11 5 11 5 11 6.3 11 10 12.5 10 12.5 10 16 12.5 20 16 25 16 35.5 18 35.5 20 31 20 40 25 30 22 50 25 40 25 50 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 20 12.5 25 16 35.5 18 35.5 22 30 20 40 25 30 22 50 25 40 25 50 5 11 5 11 6.3 11 6.3 11 10 12.5 10 16 10 20 12.5 20 16 25 18 35.5 20 40 25 30 22 50 25 40 25 50 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 25 12.5 25 16 25 18 40 22 50 25 40 25 50 case size d l (mm) rated rippl e 65 85 100 145 240 290 350 650 1100 1450 1800 2250 2700 3100 3700 3300 4500 4800 cap.( f) code v size 411 is available for capacitors marked " " in this case, will be put at 12th digit of type numbering system " " 6 frequency coefficient of rated ripple current 0.1 to 47000 100 to 47000 1000 to 33000 0.47 to 22000 6.3 to 100 v 160 to 450 50hz 120hz 300hz 1 khz 10khz or more 0.75 1.00 1.35 1.57 2.00 0.80 1.00 1.23 1.34 1.50 0.85 1.00 1.10 1.13 1.15 0.80 1.00 1.25 1.40 1.60 cap.( f) frequency r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 160 200 250 315 350 400 450 2c 2d 2e 2f 2v 2g 2w 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 6.3 11 6.3 11 6.3 11 6.3 11 6.3 11 8 11.5 10 16 10 20 12.5 20 12.5 25 16 35.5 18 40 22 30 22 40 25 30 25 50 15 22 33 40 50 80 155 205 270 430 800 940 900 1410 1290 1900 15 22 33 40 55 95 170 230 270 530 810 1130 1090 1490 1550 15 22 33 46 55 105 190 230 300 520 740 820 1170 970 1600 22 33 55 65 115 190 275 340 560 850 770 1250 22 38 55 65 115 200 275 380 590 570 850 890 25 45 55 70 130 240 300 370 550 530 750 23 35 45 55 90 165 230 300 290 350 6.3 11 6.3 11 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 20 12.5 20 16 31.5 18 35.5 20 40 25 30 22 50 25 40 6.3 11 6.3 11 6.3 11 8 11.5 8 11.5 10 16 12.5 20 12.5 20 12.5 25 16 31.5 20 40 22 30 22 50 25 30 25 50 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 20 16 25 16 25 18 35.5 22 50 25 30 25 50 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 35.5 18 40 22 30 22 50 25 40 8 11.5 10 12.5 10 12.5 10 16 12.5 20 16 25 16 31.5 16 35.5 20 40 25 30 25 50 8 11.5 10 12.5 10 16 10 20 12.5 20 16 25 16 35.5 18 40 22 30 22 40 cap.( f) code v rated rippl e rated ripple current (marms) at 85 ?c 120hz 330 to 10000 0.90 1.00 1.10 1.13 1.15 case size d l (mm) cat.8100b
|