Part Number Hot Search : 
74VCX16 ZMM5267B 8671A 1115A HC2520 D452A SLA608L T3906
Product Description
Full Text Search
 

To Download T551312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  isometric isometric title scale date dr dwg rev the information contained in this document is proprietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by 500assp3sm6re 2:1 4/14/2008 T551312 a blr 1 1 pc mounting pos. 1 pos. 2 pos. 3 2.54 [.100 in] 1.02 [.040 in] 2.54 [.100 in] 5.08 [.200 in] 3.05 [.120 in] total travel 2 13 pos. 1 pos. 2 pos. 3 switch function off on on 2-1 open 2-3 a 18050 released for production 4/14/08 blr circuit: spdt note: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. terminal numbers for ref only 4. plating material: gold 5. rating: 0.4 va max. @ 20v max. (ac or dc) 6. electric life: 30,000 make-and-break cycles at full load. 7. insulation resistance: 1,000 mega-ohm min. 8. dielectric strength: 1,000 v rms @sea level. 9. operating temp.: -30c to 85c 10. denotes critical parameter. 11. 2002/95/ec (rohs) compliant. 12. package: tape & reel (500 pcs. per reel). 1 2 3 3 2.00 [.079 in] 3.10 [.122 in] 1.00 [.039 in] 11.10 [.437 in] epoxy seal 9.07 [.357 in] .76 [.030 in] 12.50 [.492 in] 10.16 [.400 in] 6.08 [.239 in] .25 [.010 in] 10.10 [.398 in] 2.29 [.090 in] 1.02 [.040 in] 3.81 [.150 in] 11.18 [.440 in] 2.03 [.080 in] 9.07 [.357 in] 2.50 [.098 in] 3.00 [.118 in] 13.00 [.512 in] 1.02 [.040 in] 1.67 [.066 in] 1 2 3 1 2 3


▲Up To Search▲   

 
Price & Availability of T551312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X