Part Number Hot Search : 
BSS138L LTC221CS 9479E CO1224T 93C86A F2812 NX3225S 1N5806
Product Description
Full Text Search
 

To Download SSF4004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? silikron semiconductor c orporation 200 9 . 7 . 1 0 version: 1.1 page 1 of5 ss f 4004 absolute maximum ratings parameter max. units i d @t c = 25 ? c continuous d rain c urrent,vgs@10v 20 0 a i d @t c = 1 0 0 ? c continuous d rain c urrent,vgs@10v 14 0 i dm pulsed d rain c urrent 80 0 p d @t c = 2 5 ? c power d issipation 238 w lin ear d erating f actor 2.0 w / ? c v gs gate - to - source v oltage 20 v dv/dt p eak diode recovery voltage 31 v/ns e as single p ulse a valanche e nergy 52 0 mj e ar repetitive avalanche energy tbd t j t stg operating junction and storage temperatu re range C 5 5 to +175 ? c thermal resistance parameter min. typ. max. units r jc junction - to - case 0. 6 3 ? c/w r ja junction - to - a mbient 62 electrical characteristics @ tj = 25 ? c ( unless otherwise specified) parameter min. typ. max. units te st conditions bv dss drain - to - source b reakdown v oltage 40 v v gs =0v,i d =250a r ds(on) static drain - to - source o n - resistance 3. 5 4 m v gs =10v,i d = 3 0a v gs(th) gate t hreshold v oltage 2.0 4.0 v v ds =v gs ,i d =250a i dss drain - to - source l eakage current 2 u a v ds = 40 v,v gs =0v 1 0 v ds = 40 v,v gs =0v,t j = 1 5 0 ? c i gss gate - to - source f orward leakage 100 na v gs =20v gate - to - source r everse leakage - 100 v gs = - 20v ssf 4004 top view (to220) id= 200 a bv= 40 v rdson= 4 m max. feathers: ? advanced trench process technology ? special designed for convertors and power controls ? high density cell design for ultra low rdson ? fully characterized avalanche voltage and current ? avalanche energy 100% test description: the ssf 40 04 is a new generation of high voltage and low current n C channel enhancement mode trench power mosfet. this new technology increases the device reliability and electrical parameter repeatability . SSF4004 is assembled in high reliability and qualified assem bly house. application: ? p ower switching application ? com mercial - industrial application
? silikron semiconductor c orporation 200 9 . 7 . 1 0 version: 1.1 page 2 of5 ss f 4004 q g total g ate c harge 90 nc i d =30a v dd =30v v gs =10v q gs gat e - to - source charge 14 q gd gate - to - drain("miller") charge 24 t d(on) turn - on d elay t ime 18.2 ns v dd =30v i d =2a ,r l =15 r g =2.5 v gs =10v t r rise t ime 15.6 t d(off) turn - off d elay t ime 70.5 t f fall t i me 13.8 c iss input c apacitance 3150 pf v gs =0v v ds =25v f=1.0mhz c oss output c apacitance 300 c rss reverse t ransfer c apacitance 240 source - drain ratings and characteristics parameter min. typ. max. units test conditions i s continuous source current. (body diode) 20 0 a mosfet symbol showing the integral reverse p - n junction diode. i sm pulsed source current . (body diode) 800 v sd d iode forward voltage 1.3 v t j = 2 5 ? c,i s = 3 0 a,v gs =0v t rr reverse recovery time 57 ns t j = 2 5 ? c,i f = 57 a di/dt=100a/s q rr reverse recovery charge 107 c t on forward turn - on time intrinsic turn - on time is negligible (turn - on is dominated by ls + ld) gate charge t est c ircuit: eas test c ircuits: notes: repetitive rating; pu lse width limited by m ax junction temperature. t est condition: l =0. 3 mh, id = 57 a, vdd = 20 v pulse width300s; duty cycle1.5% rg = 25 ?? starting tj = 25c v d d r l r g 1 m a v g s v d d b v d s s l r g
? silikron semiconductor c orporation 200 9 . 7 . 1 0 version: 1.1 page 3 of5 ss f 4004 transfer characteristic cap ac i tance on resistance vs. junction temperature breakdown voltage vs. junction temperature switch waveforms: switch time test circuit
? silikron semiconductor c orporation 200 9 . 7 . 1 0 version: 1.1 page 4 of5 ss f 4004 gate charge source - drain diode forward voltage safe operation area max drain c urrent vs. junction temperature transient th ermal impedance curve
? silikron semiconductor c orporation 200 9 . 7 . 1 0 version: 1.1 page 5 of5 ss f 4004 to220 mechanical data:


▲Up To Search▲   

 
Price & Availability of SSF4004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X