Part Number Hot Search : 
0372DP1 ZVP3310F X183BK AQV202 NTE713 KBPC3506 HR002B C68HC11
Product Description
Full Text Search
 

To Download SPP3403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SPP3403 description applications the SPP3403 is the p-channel logic enhancement mode power field effect transistors are produced using high cell density , dmos trench technology. this high density process is especially tailored to minimize on-state resistance. these devices are particularly suited for low voltage application such as cellular phone and notebook computer power management and other battery powered circuits where high-side switching , and low in-line power loss are needed in a very small outline surface mount package. z power management in note book z portable equipment z battery powered system z dc/dc converter z load switch z dsc z lcd display inverter features pin configuration ( sot-23-3l ) part marking ? -30v/-2.8a,r ds(on) =100m ? @v gs =- 10v ? -30v/-2.5a,r ds(on) =110m ? @v gs =-4.5v ? -30v/-1.5a,r ds(on) =145m ? @v gs =-2.5v ? -30v/-1.0a,r ds(on) =200m ? @v gs =-1.8v ? super high density cell design for extremely low rds (on) ? exceptional on-resistance and maximum dc current capability ? sot-23-3l package design 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification
pin description pin symbol description 1 g gate 2 s source 3 d drain ordering information part number package part marking SPP3403s23rg sot-23-3l a3yw week code : a ~ z( 1 ~ 26 ) ; a ~ z( 27 ~ 52 ) SPP3403s23rg : tape reel ; pb ? free absoulte maximum ratings (t a =25 unless otherwise noted) parameter symbol typical unit drain-source voltage v dss -30 v gate ?source voltage v gss 12 v t a =25 -3.5 continuous drain current(t j =150 ) t a =70 i d -2.8 a pulsed drain current i dm -20 a continuous source current(diode conduction) i s -1.4 a t a =25 1.25 power dissipation t a =70 p d 0..81 w operating junction temperature t j -55/150 storage temperature range t stg -55/150 thermal resistance-junction to ambient r ja 105 /w 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification SPP3403
electrical characteristics (t a =25 unless otherwise noted) parameter symbol conditions min. typ max. unit static drain-source breakdown voltage v (br)dss v gs =0v,i d =-250ua -30 gate threshold voltage v gs(th) v ds =v gs ,i d =-250ua -0.4 -1.0 v gate leakage current i gss v ds =0v,v gs =12v 100 na v ds =-24v,v gs =0v -1 zero gate voltage drain current i dss v ds =-24v,v gs =0v t j =85 -5 ua on-state drain current i d(on) v ds = -5v,v gs =-4.5v -4 a v gs =-10v,i d =-2.8a 0.080 0.100 v gs =-4.5v,i d =-2.5a 0.100 0.110 v gs =-2.5v,i d =-1.5a 0.130 0.145 drain-source on-resistance r ds(on) v gs =-1.8v,i d =-1.0a 0.160 0.200 ? forward transconductance gfs v ds =-10v,i d =-2.8a 4 s diode forward voltage v sd i s =-1.2a,v gs =0v -0.8 -1.2 v dynamic total gate charge q g 5.8 gate-source charge q gs 0.8 gate-drain charge q gd v ds =-15v ,v gs =-4.5v i d -2.0a 1.5 nc input capacitance c iss 380 output capacitance c oss 55 reverse transfer capacitance c rss v ds =-15v ,v gs =0v f=1mhz 40 pf t d(on) 6 turn-on time t r 3.9 t d(off) 40 turn-off time t f v dd =-15v ,r l =15 ? i d -1.0a ,v gen =-10v r g =3 ? 15 ns 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification SPP3403


▲Up To Search▲   

 
Price & Availability of SPP3403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X