Part Number Hot Search : 
MV8410 SMF4L54A MTV212M SM2N60 AN328 MV1404H C7860 L7866
Product Description
Full Text Search
 

To Download SCT04N60FD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-s0o003-000 1 SCT04N60FD triac 600v, 4a standard triac this device is suitable for low power ac switching application, phase control application such as fan speed and temperature modulation control, lighting control and static switching relay. features ? repetitive peak off-state voltage : v drm =600v ? r.m.s on-state current : i t(rms) =4a ? high commutation: (di/dt) c = 2.5 a/ ? (min) applications ? switching mode power supply, light dimmet ? tv sets, stereo, refrigerator, washing machine ? electric blanket, solenoid driver, small motor control ? photo copier, electric tool ordering information device marking code package packaging SCT04N60FD sct04n60 to-220f-3l tube absolute maximum ratings (limiting values) characteristic symbol value unit repetitive peak off-state voltage v drm 600 v rms on-state current (full sine wave) i t(rms) 4 a non- repetitive surge peak on-state current (full cycle, tj initial = 25 ) i tsm 38 a i 2 t value for fusing i 2 t 6 a 2 s peak gate current i gm 4 a peak gate power dissipation p gm 5 w average gate peak dissipation p g(av) 0.5 w storage temperature range t stg -40 to +150 operating junction temperature range t j -40 to +125 product characteristics symbol rating i t(rms) 4a v drm 600v column 1 : manufacture logo column 2 : production information - : factory management code - ymdd : date code(year, month, date) column 3 : device code auk ymdd sdb20d45 auk ymdd sdb20d45 to-220f-3l 1 2 3 marking diagram auk ymdd sct04n60
ksd-s0o003-000 2 thermal characteristics characteristic symbol value unit maximum thermal resistance junction to case (ac) r th(j-c) 5.2 /w maximum thermal resistance junction to ambient (ac) r th(j-a) 60 /w electrical characteristics (t j =25 , unless otherwise specified) off characteristics characteristic symbol test condition min. typ. max. unit repetitive peak off-state current i drm v d = v drm - - 5 ua repetitive peak reverse current i rrm v r = v rrm - - 5 a on characteristics characteristic symbol test condition min. typ. max. unit peak on-state voltage v tm i t = 5.5a - - 1.55 v holding current i h v d = 12v, i t = 0.2a - - 40 ma gate trigger current i gt ( - - ) v d = 12v, r l = 30 ? - - 30 ma i gt ( ) - - - - ma gate trigger voltage v gt ( - - ) v d = 12v, r l = 30 ? - - 1.3 v gate non-trigger voltage v gd v d = 2/3 v drm , t j =125 0.2 - - v dynamic characteristics characteristic symbol test condition min. typ. max. unit critical rate of rise of off-state voltage (dv/dt) s v d = 2/3 v drm , t j =125 100 - - v/ s rate of change of commutation current (di/dt) c (dv/dt) c =10v/ ? , t j =125 2.5 - - a/ ? critical rate of rise of on-state current di/dt f=120hz, i g = 2 i gt t r 100 ? , t j =125 - - 50 a/ s SCT04N60FD simple circuit for (dv/dt) s simple circuit for (di/dt) c vs (dv/dt) c simple circuit for di/dt
ksd-s0o003-000 3 electrical characteristic curves ? ? ? a w SCT04N60FD fig. 6 i t - i gt fig. 1 p ? i t(rms) fig. 4 (di/dt) c - (dv/dt) c fig. 2 i t ( rms ) ? t c fig. 5 i gt- t j fig. 3 i t - v t a ? ?
ksd-s0o003-000 4 SCT04N60FD electrical characteristic curve s fig. 8 i t - v gt fig. 7 v gt- t j ? ? fig. 9 i h- v t
ksd-s0o003-000 5 SCT04N60FD package outline dimensions
ksd-s0o003-000 6 SCT04N60FD the auk corp. products are intended for the use as components in general electronic equipment (office and communication e quipment, measuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safet y device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SCT04N60FD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X