Part Number Hot Search : 
LT435 PC2100 MAN78A C1206 74479 1N534 DM6581 HYS64T64
Product Description
Full Text Search
 

To Download OADMG2100000112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product description features oadmg 200ghz (1x2) series min typical max unit center wavelength c itu grid, 1528~1640 nm channel spacing 200 ghz passband bandwidth c 0.25 nm insertion loss (over all wave - length range and all temp, all sop) pass-channel 0.60 0.70 db refect-channel 0.35 0.40 polarization dependent loss (pdl) 0.10 db polarization mode dispersion (pmd) 0.10 ps isolation (all temp, all sop) pass-channel @ adjacent chan - nel isolation 30 db pass-channel @ non-adjacent channel isolation 40 refect-channel @ pass band 12 return loss 45 db directivity 50 db operating power 500 mw operating temperature 0 to +70 c storage temperature -40 to +85 c fiber type corning smf-28 package dimensions 250m bare fiber p1 ()5.5x (l)34.0 mm 900m loose tube p2 ()5.5x (l)40.0 applications performance specification ns note: *) all the parameters are excluding connectors. *) the mechanical tolerance should be +/-0.2mm on all package dimensions unless otherwise custom specifed *) the maximum il is under all states of polarization and within the full operating temperature and wavelength ranges specifed. s0040 - r01. 20100616 green 200 ghz single channel oadm (1x2) oadmg2 1x2 series oplinks 200ghz single channel oadm is based on patented athermal plat - form for optical device. this multiplexer features ultra low insertion loss, su - per thermal stability, and unparallel reliability. the technology is a lead-free packaging platform and no epoxy in the optical path. green 200ghz oadm is telcordia gr-1221and gr-1209 tested, qualifed for uncontrolled environ - ment applications and complied with industry green initiatives such as rohs and weee. oplink can provide customized designs to meet specialized feature applica - tions. also, oplink offers modular assemblies that integrate other components to form a full function module or subsystem. ? rohs & weee green compliant ? no epoxy in optical path ? ultra-low insertion loss ? ultra stable ? ultra reliable ? narrow distribution ? qualifed for both co and unc applications ? dense wdm system ? catv fiberoptics links
46335 landing pkwy fremont, ca 94538 tel: (510) 933-7200 fax: (510) 933-7300 email: sales@oplink.com ? www.oplink.com product lines: ? mux/demux ? switching/routing ? coupling/splitting ? monitoring/conditioning ? amplifcation ? transmission ? interconnect ? rgb laser modules oadm ordering information mechanical drawing / package dimensions (dimension in mm) oplink can provide a remarkable range of customized optical solutions. for detail, please contact oplinks oem design team or account manager for your requirements and ordering information (510) 933-7200. 0 0 0 2 g package type m are fiber m looe tube platform itu channel number channel spacing fiber length* reen efer itu ri table eter eter eter eter connector type none fcpc fcspc fcpc scpc scspc scpc st lc u green 200ghz single channel oadm (1x2) oadmg2 1x2 series s000 01 201001 * the tolerance of fber length is +/-0.1m. * 1 meter is standard. the lead-time for special fber length will be longer. l port 1 (common) port 2 (pass) port 3 (reect) ?


▲Up To Search▲   

 
Price & Availability of OADMG2100000112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X