Part Number Hot Search : 
3005D12 LM150 SA1921 A1356 BD9536FV 60R020 2SK40 ASWSS01
Product Description
Full Text Search
 

To Download MT3S111P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MT3S111P 2009-03-31 1 toshiba transistor silicon-germanium npn epitaxial planar type MT3S111P vhf-uhf low-noise, low-distortion amplifier applications features ? low-noise figure: nf=0.95 db (typ.) (@f=1 ghz) ? high gain: |s 21e | 2 =10.5 db (typ.) (@f=1 ghz) marking absolute maximum ratings (ta = 25c) characteristics symbol rating unit collector-emitter voltage v ces 13 v collector-emitter voltage v ceo 6 v emitter-base voltage v ebo 0.6 v collector-current i c 100 ma base-current i b 10 ma collector power dissipation p c 300 mw collector power dissipation p c (note 1) 1 w junction temperature t j 150 c storage temperature range t stg ? 55 to 150 c note 1: the device is mounted on a ceramic board (16 mm 16 mm 0.8 mm (t)) note: using continuously under heavy loads (e.g. the applic ation of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/v oltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and indi vidual reliability data (i.e. reliability test report and estimated failure rate, etc). unit: mm pw-mini jedec ? jeita sc-62 toshiba 2-5k1a weight:0.05 g (typ.) r 5
MT3S111P 2009-03-31 2 microwave characteristics (ta = 25c) characteristics symbol test condition min typ. max unit transition frequency f t v ce =5 v, i c =30 ma 6 8 ? ghz |s 21e | 2 (1) v ce =5 v, i c =30 ma, f=500 mhz ? 16 ? db insertion gain |s 21e | 2 (2) v ce =5 v, i c =30 ma, f=1 ghz 8.5 10.5 ? db nf(1) v ce =5 v, i c =30 ma, f=500 mhz ? 0.7 ? db noise figure nf(2) v ce =5 v, i c =30 ma, f=1 ghz ? 0.95 1.25 db 3 rd order intermodulation distortion output intercept point oip 3 v ce =5 v, i c =30 ma, f=500 mhz, S f=1 mhz ? 32 ? dbmw electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit collector cut-off current i cbo v cb =5 v, i e =0 a ? ? 0.1 a dc current gain hfe v ce =5 v, i c =30 ma 200 ? 400 ? output capacitance c ob v cb =5 v, i e =0 a, f=1 mhz ? 1.6 ? pf reverse transfer capacitance c re v cb =5 v, i e =0 a, f=1 mhz (note 2) ? 1 1.3 pf note 2: c re is measured using a 3-terminal method with capacitance bridge. caution: this device is sensitive to electrostatic dischar ge due to the high frequency transistor process of f t =60 ghz class which is used for this product. please make tool and equipment earthed enough when you handle.
MT3S111P 2009-03-31 3 h fe -i c i c -v be dc current gain h fe 10 100 1000 1 10 100 common emitter vce=5v ta= 25c collector-current i c (ma) 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 common e mitte r vce=5v ta= 25c collector-current i c (ma) base-emitter voltage v be (v) i c -v ce f t -i c collector-current i c (ma) 0 10 20 30 40 50 60 70 0123456 common emitter ta= 25c ib= 40 a 80 a 120 a 160 a 200 a transition frequency f t (ghz) 0 5 10 15 1 10 100 vce=5v ta=25c collector-emitter voltage v ce (v) collector-current i c (ma) |s 21e | 2 -i c nf-i c insertion gain |s 21e | 2 (db) 0 2 4 6 8 10 12 14 16 18 1 10 100 vce=5v ta=25c f = 1ghz f = 500mhz noise figure nf(db) 0.0 0.5 1.0 1.5 2.0 2.5 1 10 100 vce=5v ta= 25c f = 500mhz f = 1ghz collector-current i c (ma) collector-current i c (ma)
MT3S111P 2009-03-31 4 c re ,c ob -v cb oip 3 -i c reverse transfer capacitance c re (pf) output capacitance c ob (pf) 0 0.4 0.8 1.2 1.6 2 2.4 0.1 1 10 ie=0 f=1mhz ta= 25c cob cre third order intermodulation distortion output intercept point oip 3 (dbmw) 0 5 10 15 20 25 30 35 40 1 10 100 vce=5v f1=500mhz f2=501mhz pin=-15dbmw ta=25c collector-base voltage v cb (v) collector-current i c (ma) p c -t a collector power dissipation p c (mw) 0 200 400 600 800 1000 1200 0 25 50 75 100 125 150 the device is mounted on a ceramic- board(16mm16mm0.8mm(t)) device only ambient temperature t a ( c )
MT3S111P 2009-03-31 5 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduced wi thout prior written permission from toshiba. even with toshib a?s written permission, reproduction is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before creating and producing designs and using, customers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the s pecifications, the data sheets and application notes for product and the precaut ions and conditions set forth in the ?toshiba semiconductor reliability handbook? and (b) the instructions for the application that product will be used with or for. customers are solely responsible for all aspects of their own product desi gn or applications, including but not limit ed to (a) determining the appropriateness o f the use of this product in such design or applicati ons; (b) evaluating and determini ng the applicability of any information contained in t his document, or in charts, diagrams, programs, algorithms, sample applicat ion circuits, or any other refe renced documents; and (c) validatin g all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or re liability and/or a malfunction or failure of which may cause loss of hum an life, bodily injury, serious property damage or serious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the ae rospace industry, medical equipment, equipment used for automobiles, tr ains, ships and other transportation, traffic signaling equipmen t, equipment used to control combustions or ex plosions, safety devices, elevators and esca lators, devices related to electric powe r, and equipment used in finance-related fields. do not use product for unintended use unle ss specifically permitted in this document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, w hether express or implied, by estoppel or otherwise. ? a bsent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, consequential, special, or incidental damages or loss, including without limitation, loss of profits, loss of opportunities, busin ess interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditio ns of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technolog y products (mass destruction weapons). product and related softwa re and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. export administration regulations. export and re-export of product or related softw are or technology are strictly prohibited except in comp liance with all applicable ex port laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of MT3S111P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X