Part Number Hot Search : 
MX26LV 2SK35 2E335J 2SC334 N60C3 SM220 CN3801 2SK1466
Product Description
Full Text Search
 

To Download MJ16012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors MJ16012 description with to-3 package high voltage ,high speed applications switching regulators inverters solenoids relay drivers motor controls deflection circuits pinning (see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(t c =25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 850 v v ceo collector-emitter voltage open base 450 v v ebo emitter-base voltage open collector 6 v i c collector current 15 a i cm collector current-peak 20 a i b base current 10 a i bm base current-peak 15 a p d total power dissipation derate above 25 t c =25 175 1.0 w w/ t i junction temperature 150  t stg storage temperature -65~200  thermal characteristics symbol parameter value unit r th j-c thermal resistance junction to case 1.0 /w fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors MJ16012 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.1a ;i b =0 450 v v ce (sat) -1 collector-emitter saturation voltage i c =5a; i b =0.5a 2.5 v v ce (sat) -2 collector-emitter saturation voltage i c =10a ;i b =1.0a t c =100 3.0 3.0 v v be (sat) base-emitter saturation voltage i c =10a ;i b =1.0a t c =100 1.5 1.5 v i cer collector cut-off current v ce =850v;r be =50 > ;t c =100 2.5 ma i cev collector cut-off current v ce =850v; v be(off) =1.5v t c =100 0.25 1.5 ma i ebo emitter cut-off current v eb =6v; i c =0 10 ma h fe dc current gain i c =15a ; v ce =5v 7 c ob output capacitance v cb =10v,i e =0;f=1.0khz 400 pf switching times resistive load t d delay time 20 ns t r rise time 200 ns t s storage time 900 ns t f fall time i c =10a ; v cc =250v i b1 =1.0a ;i b2 =2.0a pw=30s; r b2 =1.6 > duty cycle d 2.0% 150 ns
savantic semiconductor product specification 3 silicon npn power transistors MJ16012 package outline fig.2 outline dimensions (unindicated tolerance:0.10mm)


▲Up To Search▲   

 
Price & Availability of MJ16012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X